Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T545W157M020ATE0507280 Datasheet(PDF) 1 Page - Kemet Corporation

Part # T545W157M020ATE0507280
Description  Polymer Electrolytic (KO-CAP), 6.3 - 35 VDC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T545W157M020ATE0507280 Datasheet(HTML) 1 Page - Kemet Corporation

  T545W157M020ATE0507280 Datasheet HTML 1Page - Kemet Corporation T545W157M020ATE0507280 Datasheet HTML 2Page - Kemet Corporation T545W157M020ATE0507280 Datasheet HTML 3Page - Kemet Corporation T545W157M020ATE0507280 Datasheet HTML 4Page - Kemet Corporation T545W157M020ATE0507280 Datasheet HTML 5Page - Kemet Corporation T545W157M020ATE0507280 Datasheet HTML 6Page - Kemet Corporation T545W157M020ATE0507280 Datasheet HTML 7Page - Kemet Corporation T545W157M020ATE0507280 Datasheet HTML 8Page - Kemet Corporation T545W157M020ATE0507280 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
T2079_SSD • 9/27/2016
1
One world. One KEMET
Benefits
• Highest energy per unit volume
• Stable capacitance across temperature and voltage
• No aging effects
• Low ESR values
• High frequency capacitance retention
• High ripple handling
• 100% accelerated steady state aging
• 100% surge current tested
• 100% thermal shock tested (T545 series only)
• Halogen-free epoxy/RoHS compliant
Applications
Typical applications include enterprise storage, networking, server, mobile, client storage, and client computing.
Solid State Drives/High Energy Applications
Polymer Electrolytic (KO-CAP®), 6.3 – 35 VDC
Overview
KEMET's Organic Capacitors (KO-CAP) are preferred
solutions for applications requiring power loss protection
(hold-up) or maximum power efficiency of a circuit when
board space is limited. Desired benefits include high
energy density, stable capacitance with applied voltage
and temperature, and no aging effects. The conductive
polymer cathode of these solid electrolytic capacitors
provide very low ESR and higher capacitance retention at
high frequencies. Unlike liquid electrolyte-based capacitors,
KEMET's polymer capacitors have a very long operational
life and high ripple current capabilities. Capacitors from
T520, T521 and T523 series are commonly used in these
applications. The T545 and T548 series were introduced to
meet specific needs for a subsegment of solid state drives.
T520/T521/T545
T523/T548


Similar Part No. - T545W157M020ATE0507280

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T545W476M016ATE045 KEMET-T545W476M016ATE045 Datasheet
66Kb / 1P
   Tantalum, Polymer Tantalum, T545, 47 uF, 20%, 16 V, 7343, SMD, Polymer, Molded, Low Profile, HiEnergyDensity, 45 mOhms, Height Max = 1.5mm
T545W477M006ATE035 KEMET-T545W477M006ATE035 Datasheet
67Kb / 1P
   Tantalum, Polymer Tantalum, T545, 470 uF, 20%, 6.3 V, 7343, SMD, Polymer, Molded, Low Profile, HiEnergyDensity, 35 mOhms, Height Max = 1.5mm
More results

Similar Description - T545W157M020ATE0507280

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T495X476M025AHE080 KEMET-T495X476M025AHE080 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520V107M010ATE045 KEMET-T520V107M010ATE045 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520B107M006ATE025 KEMET-T520B107M006ATE025 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520B476M006ATE025 KEMET-T520B476M006ATE025 Datasheet
1Mb / 25P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520D337M006ATE025 KEMET-T520D337M006ATE025 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520V337M004ATE009 KEMET-T520V337M004ATE009 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520C157M010ATE055 KEMET-T520C157M010ATE055 Datasheet
2Mb / 25P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520B227M006ATE035 KEMET-T520B227M006ATE035 Datasheet
2Mb / 25P
   KEMET Organic Capacitor (KO-CAP) ??Low ESR T520 Series Polymer Tantalum
T520V337M2R5ATE009 KEMET-T520V337M2R5ATE009 Datasheet
2Mb / 26P
   KEMET Organic Capacitor (KO-CAP) ??Low ESR T520 Series Polymer Tantalum
T520V156M025ATE090 KEMET-T520V156M025ATE090 Datasheet
2Mb / 25P
   KEMET Organic Capacitor (KO-CAP) ??Low ESR T520 Series Polymer Tantalum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com