Electronic Components Datasheet Search |
|
T495A107K006AME0457280 Datasheet(PDF) 9 Page - Kemet Corporation |
|
T495A107K006AME0457280 Datasheet(HTML) 9 Page - Kemet Corporation |
9 / 28 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com T2009_T495 • 5/3/2017 99 Tantalum Surface Mount Capacitors – Low ESR T495 Series Surge Robust MnO 2 Table 1 – Ratings & Part Number Reference cont'd (1) To complete KEMET part number, insert M for ±20% or K for ±10%. Designates capacitance tolerance. (2) To complete KEMET part number, insert T = 100% Matte Tin (Sn) Plated, G = Gold Plated, H = Standard Solder coated (SnPb 5% Pb minimum), N = Non-Magnetic 100% Tin (Sn) or M = Non-Magnetic (SnPb). Designates termination finish. Refer to Ordering Information for additional detail. Higher voltage ratings and tighter tolerance product including ESR may be substituted within the same size at KEMET's option. Voltage substitution will be marked with the higher voltage rating. Substitutions can include better than series. Rated Voltage Rated Cap Case Code/ Case Size KEMET Part Number DC Leakage DF ESR Maximum Allowable Ripple Current Maximum Operating Temp MSL VDC at 85°C µF KEMET/EIA (See below for part options) µA +20°C Max/5 Min % at +20°C 120 Hz Max mΩ at 20°C 100 kHz Max mA at +25°C 100 kHz mA at +85°C 100 kHz mA at +125°C 100 kHz °C Reflow Temp ≤ 260°C 10 15 C/6032-28 T495C156(1)010A(2)E400 1.5 6.0 400 524 472 210 125 1 10 15 C/6032-28 T495C156(1)010A(2)E475 1.5 6.0 475 481 433 192 125 1 10 22 A/3216-18 T495A226(1)010ATE1K2 2.2 8.0 1200 250 225 100 125 1 10 22 A/3216-18 T495A226(1)010ATE1K5 2.2 8.0 1500 224 202 90 125 1 10 22 B/3528-21 T495B226(1)010ATE400 2.2 6.0 400 461 415 184 125 1 10 22 B/3528-21 T495B226(1)010ATE500 2.2 6.0 500 412 371 165 125 1 10 22 B/3528-21 T495B226(1)010ATE700 2.2 6.0 700 348 313 139 125 1 10 22 B/3528-21 T495B226(1)010ATE800 2.2 6.0 800 326 293 130 125 1 10 22 B/3528-21 T495B226(1)010A(2)E2K3 2.2 6.0 2300 192 173 77 125 1 10 22 C/6032-28 T495C226(1)010A(2)E200 2.2 6.0 200 742 668 297 125 1 10 22 C/6032-28 T495C226(1)010A(2)E245 2.2 6.0 245 670 603 268 125 1 10 22 C/6032-28 T495C226(1)010A(2)E290 2.2 6.0 290 616 554 246 125 1 10 22 C/6032-28 T495C226(1)010A(2)E300 2.2 6.0 300 606 545 242 125 1 10 22 C/6032-28 T495C226(1)010A(2)E345 2.2 6.0 345 565 509 226 125 1 10 22 C/6032-28 T495C226(1)010A(2)E350 2.2 6.0 350 561 505 224 125 1 10 22 C/6032-28 T495C226(1)010A(2)E380 2.2 6.0 380 538 484 215 125 1 10 33 B/3528-21 T495B336(1)010A(2)E450 3.3 6.0 450 435 392 174 125 1 10 33 B/3528-21 T495B336(1)010A(2)E550 3.3 6.0 550 393 354 157 125 1 10 33 B/3528-21 T495B336(1)010A(2)E650 3.3 6.0 650 362 326 145 125 1 10 33 V/7343-20 T495V336(1)010A(2)E100 3.3 6.0 100 1118 1006 447 125 1 10 33 V/7343-20 T495V336(1)010A(2)E150 3.3 6.0 150 913 822 365 125 1 10 47 B/3528-21 T495B476(1)010A(2)E500 4.7 6.0 500 412 371 165 125 1 10 47 B/3528-21 T495B476(1)010A(2)E650 4.7 6.0 650 362 326 145 125 1 10 47 C/6032-28 T495C476(1)010A(2)E300 4.7 6.0 300 606 545 242 125 1 10 47 U/6032-15 T495U476(1)010A(2)E400 4.7 6.0 400 474 427 190 125 1 10 47 D/7343-31 T495D476(1)010A(2)E080 4.7 4.0 80 1369 1232 548 125 1 10 47 D/7343-31 T495D476(1)010A(2)E090 4.7 6.0 90 1291 1162 516 125 1 10 47 D/7343-31 T495D476(1)010A(2)E100 4.7 6.0 100 1225 1103 490 125 1 10 47 D/7343-31 T495D476(1)010A(2)E200 4.7 4.0 200 866 779 346 125 1 10 47 V/7343-20 T495V476(1)010A(2)E200 4.7 6.0 200 791 712 316 125 1 10 68 B/3528-21 T495B686(1)010A(2)E600 6.8 8.0 600 376 338 150 125 1 10 68 B/3528-21 T495B686(1)010A(2)E750 6.8 8.0 750 337 303 135 125 1 10 68 B/3528-21 T495B686(M)010A(2)E900 6.8 8.0 900 307 276 123 125 1 10 68 C/6032-28 T495C686(1)010A(2)E080 6.8 6.0 80 1173 1056 469 125 1 10 68 C/6032-28 T495C686(1)010A(2)E200 6.8 6.0 200 742 668 297 125 1 10 68 C/6032-28 T495C686(1)010A(2)E225 6.8 6.0 225 699 629 280 125 1 10 68 C/6032-28 T495C686(1)010A(2)E250 6.8 6.0 250 663 597 265 125 1 10 68 V/7343-20 T495V686(1)010A(2)E070 6.8 6.0 70 1336 1202 534 125 1 10 68 V/7343-20 T495V686(1)010A(2)E100 6.8 6.0 100 1118 1006 447 125 1 10 68 V/7343-20 T495V686(1)010A(2)E140 6.8 6.0 140 945 851 378 125 1 10 68 V/7343-20 T495V686(1)010A(2)E200 6.8 6.0 200 791 712 316 125 1 10 68 D/7343-31 T495D686(1)010A(2)E070 6.8 6.0 70 1464 1318 586 125 1 10 68 D/7343-31 T495D686(1)010A(2)E090 6.8 6.0 90 1291 1162 516 125 1 10 68 D/7343-31 T495D686(1)010A(2)E100 6.8 6.0 100 1225 1103 490 125 1 10 68 D/7343-31 T495D686(1)010A(2)E150 6.8 6.0 150 1000 900 400 125 1 VDC at 85ºC µF KEMET/EIA (See below for part options) µA +20ºC Max/5 Min % at +20ºC 120 Hz Max mΩ at 20ºC 100 kHz Max mA at +25ºC 100 kHz mA at +85ºC 100 kHz mA at +125ºC 100 kHz ºC Reflow Temp ≤ 260ºC Rated Voltage Rated Cap Case Code/ Case Size KEMET Part Number DC Leakage DF ESR Maximum Allowable Ripple Current Maximum Operating Temp MSL |
Similar Part No. - T495A107K006AME0457280 |
|
Similar Description - T495A107K006AME0457280 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |