Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R66CD3100AA7AJ Datasheet(PDF) 2 Page - Kemet Corporation

Part # R66CD3100AA7AJ
Description  R66, Radial, 7.5 mm Lead Spacing, 50 - 630 VDC (Automotive Grade)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R66CD3100AA7AJ Datasheet(HTML) 2 Page - Kemet Corporation

  R66CD3100AA7AJ Datasheet HTML 1Page - Kemet Corporation R66CD3100AA7AJ Datasheet HTML 2Page - Kemet Corporation R66CD3100AA7AJ Datasheet HTML 3Page - Kemet Corporation R66CD3100AA7AJ Datasheet HTML 4Page - Kemet Corporation R66CD3100AA7AJ Datasheet HTML 5Page - Kemet Corporation R66CD3100AA7AJ Datasheet HTML 6Page - Kemet Corporation R66CD3100AA7AJ Datasheet HTML 7Page - Kemet Corporation R66CD3100AA7AJ Datasheet HTML 8Page - Kemet Corporation R66CD3100AA7AJ Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
F3102_R66 • 5/12/2017
2
General Purpose Metallized Polyester Film Capacitors
R66, Radial, 7.5 mm Lead Spacing, 50 – 630 VDC (Automotive Grade)
Ordering Options Table
Lead Spacing
Nominal
(mm)
Type of Leads and Packaging
LL Lead Length
(mm)
Lead and
Packaging
Code
7.5
Standard Lead and Packaging Options
Bulk (Bag) – Short Leads
4+2/−0
AA
Ammo Pack
H
0=18.5+/−0.5
DQ
Other Lead and Packaging Options
Tape & Reel (Standard Reel)
H
0 =18.5+/−0.5
CK
Bulk (Bag) – Short Leads
2.7+0.5/−0
JA
Bulk (Bag) – Short Leads
3.5+0.5/−0
JB
Bulk (Bag) – Short Leads
10+/−1
JC
Bulk (Bag) – Short Leads
3.2+0.3/−0.2
JH
Bulk (Bag) – Long Leads
17+1/−2
Z3
Dimensions – Millimeters
p
d
L
B
H
LL
Loose
Taped
H
0
p
B
H
L
d
Nominal
Tolerance
Nominal
Tolerance
Nominal
Tolerance
Nominal
Tolerance
Nominal
Tolerance
7.5
+/−0.4
3.0
+0.1
8.0
+0.1
10.0
+0.2
0.5
+/−0.05
7.5
+/−0.4
4.0
+0.1
9.0
+0.1
10.0
+0.2
0.6
+/−0.05
7.5
+/−0.4
5.0
+0.1
10.5
+0.1
10.0
+0.2
0.6
+/−0.05
7.5
+/−0.4
6.0
+0.1
12.0
+0.1
10.5
+0.2
0.6
+/−0.05
Note: See Ordering Options Table for lead length (LL/H0) options.


Similar Part No. - R66CD3100AA7AJ

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
R666557 MITSUMI-R666557 Datasheet
162Kb / 4P
   Slide and Rotary Encoder Switches
R666792 MITSUMI-R666792 Datasheet
111Kb / 2P
   Self Return Slide Switches
R666804 MITSUMI-R666804 Datasheet
111Kb / 2P
   Self Return Slide Switches
R666861 MITSUMI-R666861 Datasheet
162Kb / 4P
   Slide and Rotary Encoder Switches
R666939 MITSUMI-R666939 Datasheet
92Kb / 2P
   Side Click Type Tactile Switches
More results

Similar Description - R66CD3100AA7AJ

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
RSBDC3100AA00J KEMET-RSBDC3100AA00J Datasheet
1Mb / 16P
   RSB Series, 5 mm Lead Spacing, 50 ??630 VDC (Automotive Grade)
R82DC3100DQ50K KEMET-R82DC3100DQ50K Datasheet
531Kb / 14P
   R82 Series, Radial, 5 mm Lead Spacing, 50 ??400 VDC (Automotive Grade)
R82DC3470AA60J KEMET-R82DC3470AA60J Datasheet
1Mb / 16P
   R82 Series, Radial, 5 mm Lead Spacing, 50 - 400 VDC (Automotive Grade)
R66ID2470Z37AK KEMET-R66ID2470Z37AK Datasheet
227Kb / 1P
   R66, Film, Metallized Polyester Stacked, Automotive Grade, 0.047 uF, 10%, 250 VDC, 85°C, Lead Spacing = 7.5mm
10/20/2022
R75PD1680Z340J KEMET-R75PD1680Z340J Datasheet
57Kb / 1P
   Capacitor, film, 6800 pF, /-5% Tol, -55/105C, General Purpose, 630 VDC@85C, Lead Spacing=7.5 mm
R76PD1100SE00J KEMET-R76PD1100SE00J Datasheet
55Kb / 1P
   Capacitor, film, 1000 pF, /-5% Tol, -55/105C, General Purpose, 630 VDC@85C, Lead Spacing=7.5 mm
R75PI239050H3J KEMET-R75PI239050H3J Datasheet
51Kb / 1P
   R75H, Film, Metallized Polypropylene, Automotive Grade, 0.039 uF, 5%, 630 VDC, 105째C, Lead Spacing = 15mm
R75PI227050H0J KEMET-R75PI227050H0J Datasheet
51Kb / 1P
   R75H, Film, Metallized Polypropylene, Automotive Grade, 0.027 uF, 5%, 630 VDC, 105째C, Lead Spacing = 15mm
R75PI282050H3J KEMET-R75PI282050H3J Datasheet
51Kb / 1P
   R75H, Film, Metallized Polypropylene, Automotive Grade, 0.082 uF, 5%, 630 VDC, 105째C, Lead Spacing = 15mm
R75PR418050H3J KEMET-R75PR418050H3J Datasheet
58Kb / 1P
   R75H, Film, Metallized Polypropylene, Automotive Grade, 1.8 uF, 5%, 630 VDC, 105째C, Lead Spacing = 27.5mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com