Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-W21L Datasheet(PDF) 4 Page - Broadcom Corporation.

Part # ACPL-W21L
Description  Low Power, 5-MBd Digital CMOS Optocoupler
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ACPL-W21L Datasheet(HTML) 4 Page - Broadcom Corporation.

  ACPL-W21L Datasheet HTML 1Page - Broadcom Corporation. ACPL-W21L Datasheet HTML 2Page - Broadcom Corporation. ACPL-W21L Datasheet HTML 3Page - Broadcom Corporation. ACPL-W21L Datasheet HTML 4Page - Broadcom Corporation. ACPL-W21L Datasheet HTML 5Page - Broadcom Corporation. ACPL-W21L Datasheet HTML 6Page - Broadcom Corporation. ACPL-W21L Datasheet HTML 7Page - Broadcom Corporation. ACPL-W21L Datasheet HTML 8Page - Broadcom Corporation. ACPL-W21L Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Broadcom
- 4 -
ACPL-M21L, ACPL-021L, ACPL-024L, ACPL-W21L, ACPL-K24L
Data Sheet
Package Outline Drawings
Figure 2 ACPL-M21L SO-5 Package
NNNN
7.0 ±0.2
(0.276 ±0.008)
2.5 ±0.1
(0.098 ±0.004)
0.102 ±0.102
(0.004 ±0.004)
4.4 ±0.1
(0.173 ±0.004)
1.27
(0.050)
BSC
0.15 ±0.025
(0.006 ±0.001)
0.71
(0.028)
MIN
0.4 ±0.05
(0.016 ±0.002)
3.6 ±0.1*
(0.142 ±0.004)
Dimensions in millimeters (inches).
Note: Foating Lead Protrusion is 0.15 mm (6 mils) max.
7° MAX.
MAX. LEAD COPLANARITY
= 0.102 (0.004)
8.26
(0.325)
1.80
(0.071)
2.54
(0.10)
1.27
(0.05)
0.64
(0.025)
4.39
(0.17)
LAND PATTERN RECOMMENDATION
0.33
(0.013)
ROHS-COMPLIANCE
INDICATOR
PART NUMBER
DATE CODE
YYWW
EEE
Lot ID


Similar Part No. - ACPL-W21L

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-W21L BOARDCOM-ACPL-W21L Datasheet
721Kb / 16P
   Low Power, 5-MBd Digital CMOS Optocoupler
More results

Similar Description - ACPL-W21L

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M21L-500E AVAGO-ACPL-M21L-500E Datasheet
309Kb / 11P
   Low Power, 5 MBd Digital CMOS Optocoupler
logo
Broadcom Corporation.
ACPL-M21L BOARDCOM-ACPL-M21L Datasheet
721Kb / 16P
   Low Power, 5-MBd Digital CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M21L AVAGO-ACPL-M21L Datasheet
123Kb / 11P
   Low Power, 5 MBd Digital CMOS Optocoupler
ACNW261L-500E AVAGO-ACNW261L-500E Datasheet
607Kb / 17P
   Ultra Low Power 10 MBd Digital CMOS Optocoupler
logo
Broadcom Corporation.
ACPL-M50L BOARDCOM-ACPL-M50L Datasheet
835Kb / 18P
   Low Power, 1 MBd Digital Optocoupler
ACPL-054L BOARDCOM-ACPL-054L Datasheet
835Kb / 18P
   Low Power, 1 MBd Digital Optocoupler
ACPL-M61M BOARDCOM-ACPL-M61M Datasheet
685Kb / 12P
   2.5V/3.3V Low-Power 10 MBd Digital Optocoupler
February 19, 2019
ACPL-064L BOARDCOM-ACPL-064L Datasheet
1Mb / 19P
   Low-Power 10-MBd Digital CMOS Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M61L-500E AVAGO-ACPL-M61L-500E Datasheet
821Kb / 16P
   Ultra Low Power 10 MBd Digital CMOS Optocouplers
ACPL-061L AVAGO-ACPL-061L Datasheet
312Kb / 17P
   Ultra Low Power 10 MBd Digital CMOS Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com