Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-31JT Datasheet(PDF) 4 Page - Broadcom Corporation.

Part # ACPL-31JT
Description  Qualified to AEC-Q100 Grade 1 test guidelines
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ACPL-31JT Datasheet(HTML) 4 Page - Broadcom Corporation.

  ACPL-31JT Datasheet HTML 1Page - Broadcom Corporation. ACPL-31JT Datasheet HTML 2Page - Broadcom Corporation. ACPL-31JT Datasheet HTML 3Page - Broadcom Corporation. ACPL-31JT Datasheet HTML 4Page - Broadcom Corporation. ACPL-31JT Datasheet HTML 5Page - Broadcom Corporation. ACPL-31JT Datasheet HTML 6Page - Broadcom Corporation. ACPL-31JT Datasheet HTML 7Page - Broadcom Corporation. ACPL-31JT Datasheet HTML 8Page - Broadcom Corporation. ACPL-31JT Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Broadcom
- 4 -
ACPL-31JT
Data Sheet
Product Overview Description
The ACPL-31JT (shown in Figure 1) is a highly integrated power control device that incorporates all the necessary components for a
complete, isolated MOSFET gate drive circuit. It features desaturation sensing with shutdown protection and fault feedback, under
voltage lock-out and feedback and active Miller current clamping in a SO-16 package. Direct LED input allows flexible logic
configuration and differential current mode driving with low input impedance, greatly increased its noise immunity.
Package Pin Out
Figure 2 Pin Out of ACPL-31JT
Pin Description
Regulatory Information
The ACPL-31JT is approved by the following organizations.
Pin Name
Function
Pin Name
Function
VEE1
Input common
VEE2
Negative power supply
NC
No connection
LED2+
No connection, for testing only
VCC1
Input power supply
DESAT
Desat over current sensing
NC
No connection
VE
MOSFET Source reference
/UVLO
VCC2 under voltage lock-out feedback
VCC2
Positive power supply
/FAULT
Over current fault feedback
VO
Driver output to MOSFET gate
AN
Input LED anode
CLAMP
Miller current clamping output
CA
Input LED cathode
VEE2
Negative power supply
UL
Approved under UL 1577, component recognition program up to VISO = 5000 VRMS
CSA
Approved under CSA Component Acceptance Notice #5, File CA 88324.
IEC/EN/DIN EN 60747-5-5 Approved under IEC 60747-5-5, EN 60747-5-5, DIN EN 60747-5-5
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VEE1
NC
VCC1
NC
/UVLO
/FAULT
AN
CA
VEE2
LED2+
DESAT
VE
VCC2
VO
CLAMP
VEE2


Similar Part No. - ACPL-31JT

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-31JT AVAGO-ACPL-31JT Datasheet
510Kb / 20P
   Miller Clamp Sinking Current
More results

Similar Description - ACPL-31JT

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-K71T BOARDCOM-ACPL-K71T Datasheet
870Kb / 16P
   Qualified to AEC-Q100 Grade 1 Test Guidelines
ACFL-6211T BOARDCOM-ACFL-6211T Datasheet
477Kb / 13P
   Qualified to AEC Q100 Grade 1 Test Guidelines
logo
AVAGO TECHNOLOGIES LIMI...
ACFL-5211T AVAGO-ACFL-5211T Datasheet
312Kb / 12P
   Qualified to AEC Q100 Grade 1 Guidelines
ACFL-5212T AVAGO-ACFL-5212T Datasheet
343Kb / 12P
   Qualified to AEC Q100 Grade 1 Guidelines
logo
Broadcom Corporation.
ACPL-M49T BOARDCOM-ACPL-M49T Datasheet
533Kb / 12P
   Qualified to Automotive AEC-Q100 Test Guidelines
logo
Rohm
BD16936EFV-M ROHM-BD16936EFV-M Datasheet
1Mb / 23P
   AEC-Q100 Qualified
BD2268G-M ROHM-BD2268G-M Datasheet
486Kb / 26P
   AEC-Q100 Qualified
BU97530KVT-M ROHM-BU97530KVT-M Datasheet
976Kb / 59P
   AEC-Q100 Qualified
BD82006FVJ-M ROHM-BD82006FVJ-M Datasheet
1Mb / 26P
   AEC-Q100 Qualified
logo
Murata Manufacturing Co...
935174736710-XXA MURATA1-935174736710-XXA Datasheet
235Kb / 2P
   Qualified according to AEC-Q100
Last updated06/13/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com