Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-M50L Datasheet(PDF) 10 Page - Broadcom Corporation.

Part # ACPL-M50L
Description  Low Power, 1 MBd Digital Optocoupler
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ACPL-M50L Datasheet(HTML) 10 Page - Broadcom Corporation.

Back Button ACPL-M50L Datasheet HTML 6Page - Broadcom Corporation. ACPL-M50L Datasheet HTML 7Page - Broadcom Corporation. ACPL-M50L Datasheet HTML 8Page - Broadcom Corporation. ACPL-M50L Datasheet HTML 9Page - Broadcom Corporation. ACPL-M50L Datasheet HTML 10Page - Broadcom Corporation. ACPL-M50L Datasheet HTML 11Page - Broadcom Corporation. ACPL-M50L Datasheet HTML 12Page - Broadcom Corporation. ACPL-M50L Datasheet HTML 13Page - Broadcom Corporation. ACPL-M50L Datasheet HTML 14Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Broadcom
- 10 -
ACPL-M50L, ACPL-054L, ACPL-W50L, ACPL-K54L
Data Sheet
Electrical Specifications (DC)
Over recommended temperature (TA = –40°C to +105°C) and supply voltage (2.7V ≤ VCC ≤ 24V). All typical specifications are at
TA =25°C.
Table 7 Electrical Specifications (DC)
Parameter
Sym.
Part
Number
Min.
Typ.
Max.
Units
Conditions
Fig.
Current Transfer
Ratio
CTRa
a.
CURRENT TRANSFER RATIO in percent is defined as the ratio of output collector current, IO, to the forward LED input current, IF, times 100%.
ACPL-M50L
100
140
200
%
TA = 25°C VO = 0.4V
VCC = 3.3V or 5V,
IF = 3 mA
8, 9
80
%
VO = 0.5V
ACPL-054L
ACPL-W50L
ACPL-K54
93
130
200
%
TA = 25°C VO = 0.4V
VCC= 3.3V or 5V,
IF =3 mA
8, 9
53
%
VO = 0.5V
Logic Low Output
Voltage
VOL
—0.2
0.4
V
TA = 25°C IO = 3 mA
VCC = 3.3V or 5V,
IF =3 mA
—0.2
0.5
V
IO = 1.6 mA
Logic High
Output Current
IOH
—0.003
0.5
μA
TA = 25°C VO = VCC = 5.5V
IF =0 mA
10, 11
—0.01
1
VO = VCC = 24V
——
80
VO = VCC = 24V
Logic Low Supply
Currentper
Channel
ICCL
—36
100
μA
IF = 3 mA,
VO = open,
VCC =24V
Logic High Supply
Current per
Channel
ICCH
—0.02
2
μA
IF = 0 mA,
VO = open,
VCC =24V
Input Forward
Voltage
VF
—1.5
1.8
V
TA= 25°C
IF = 3 mA
7
1.5
1.95
V
IF = 3 mA
Input Reversed
Breakdown
Voltage
BVR
5—
V
IR = 10 μA
Temperature
Coefficient of
Forward Voltage
V
F/TA
—–1.6—
mV/°C
IF= 3 mA
Input Capacitance
CIN
—77—
pF
F = 1 MHz, VF = 0


Similar Part No. - ACPL-M50L

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-M50L BOARDCOM-ACPL-M50L Datasheet
835Kb / 18P
   Low Power, 1 MBd Digital Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M50L-000E AVAGO-ACPL-M50L-000E Datasheet
165Kb / 16P
   Low Power, 1MBd Digital Optocoupler
ACPL-M50L-060E AVAGO-ACPL-M50L-060E Datasheet
165Kb / 16P
   Low Power, 1MBd Digital Optocoupler
ACPL-M50L-500E AVAGO-ACPL-M50L-500E Datasheet
165Kb / 16P
   Low Power, 1MBd Digital Optocoupler
ACPL-M50L-560E AVAGO-ACPL-M50L-560E Datasheet
165Kb / 16P
   Low Power, 1MBd Digital Optocoupler
More results

Similar Description - ACPL-M50L

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-M50L BOARDCOM-ACPL-M50L Datasheet
835Kb / 18P
   Low Power, 1 MBd Digital Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M21L-500E AVAGO-ACPL-M21L-500E Datasheet
309Kb / 11P
   Low Power, 5 MBd Digital CMOS Optocoupler
logo
Broadcom Corporation.
ACPL-M21L BOARDCOM-ACPL-M21L Datasheet
721Kb / 16P
   Low Power, 5-MBd Digital CMOS Optocoupler
ACPL-021L BOARDCOM-ACPL-021L Datasheet
721Kb / 16P
   Low Power, 5-MBd Digital CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M21L AVAGO-ACPL-M21L Datasheet
123Kb / 11P
   Low Power, 5 MBd Digital CMOS Optocoupler
ACNW261L-500E AVAGO-ACNW261L-500E Datasheet
607Kb / 17P
   Ultra Low Power 10 MBd Digital CMOS Optocoupler
logo
Broadcom Corporation.
ACPL-M61M BOARDCOM-ACPL-M61M Datasheet
685Kb / 12P
   2.5V/3.3V Low-Power 10 MBd Digital Optocoupler
February 19, 2019
ACNV2601 BOARDCOM-ACNV2601 Datasheet
1Mb / 13P
   High Insulation Voltage 10-MBd Digital Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACNV2601-300E AVAGO-ACNV2601-300E Datasheet
374Kb / 11P
   High Insulation Voltage 10 MBd Digital Optocoupler
ACNV2601 AVAGO-ACNV2601 Datasheet
374Kb / 11P
   High Insulation Voltage 10 MBd Digital Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com