Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC08GBC Datasheet(PDF) 10 Page - Analog Devices

Part # DAC08GBC
Description  8-Bit, High-Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC08GBC Datasheet(HTML) 10 Page - Analog Devices

Back Button DAC08GBC Datasheet HTML 4Page - Analog Devices DAC08GBC Datasheet HTML 5Page - Analog Devices DAC08GBC Datasheet HTML 6Page - Analog Devices DAC08GBC Datasheet HTML 7Page - Analog Devices DAC08GBC Datasheet HTML 8Page - Analog Devices DAC08GBC Datasheet HTML 9Page - Analog Devices DAC08GBC Datasheet HTML 10Page - Analog Devices DAC08GBC Datasheet HTML 11Page - Analog Devices DAC08GBC Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
REV. B
DAC08
–10–
APPLICATION INFORMATION
REFERENCE AMPLIFIER SETUP
The DAC08 is a multiplying D/A converter in which the output
current is the product of a digital number and the input refer-
ence current. The reference current may be fixed or may vary
from nearly zero to 4.0 mA. The full-scale output current is a
linear function of the reference current and is given by:
II
FR
REF
255
256
, where IREF = I14
In positive reference applications, an external positive reference
voltage forces current through R14 into the VREF(+) terminal
(Pin 14) of the reference amplifier. Alternatively, a negative
reference may be applied to VREF(–) at Pin 15; reference current
flows from ground through R14 into VREF(+) as in the positive
reference case. This negative reference connection has the advan-
tage of a very high impedance presented at Pin 15. The voltage
at Pin 14 is equal to and tracks the voltage at Pin 15 due to the
high gain of the internal reference amplifier. R15 (nominally equal
to R14) is used to cancel bias current errors; R15 may be elimi-
nated with only a minor increase in error.
Bipolar references may be accommodated by offsetting VREF or
Pin 15. The negative common-mode range of the reference
amplifier is given by: VCM– = V– plus (IREF
× 1 kΩ) plus 2.5 V.
The positive common-mode range is V+ less 1.5 V.
When a dc reference is used, a reference bypass capacitor is
recommended. A 5.0 V TTL logic supply is not recommended
as a reference. If a regulated power supply is used as a reference,
R14 should be split into two resistors with the junction bypassed to
ground with a 0.1
µF capacitor.
For most applications the tight relationship between IREF and IFS
will eliminate the need for trimming IREF. If required, full-scale
trimming may be accomplished by adjusting the value of R14, or
by using a potentiometer for R14. An improved method of
full-scale trimming which eliminates potentiometer T.C. effects
is shown in the recommended full-scale adjustment circuit.
Using lower values of reference current reduces negative power
supply current and increases reference amplifier negative com-
mon-mode range. The recommended range for operation with
a dc reference current is 0.2 mA to 4.0 mA.
REFERENCE AMPLIFIER COMPENSATION FOR
MULTIPLYING APPLICATIONS
AC reference applications will require the reference amplifier to
be compensated using a capacitor from Pin 16 to V–. The value
of this capacitor depends on the impedance presented to Pin 14:
for R14 values of 1.0, 2.5 and 5.0 k
Ω, minimum values of CC
are 15, 37 and 75 pF. Larger values of R14 require proportion-
ately increased values of CC for proper phase margin, so the
ratio of CC (pF) to R14 (k
Ω) = 15.
For fastest response to a pulse, low values of R14 enabling
small CC values should be used. If Pin 14 is driven by a high
impedance such as a transistor current source, none of the
above values will suffice and the amplifier must be heavily
compensated which will decrease overall bandwidth and slew
rate. For R14 = 1 k
Ω and C
C = 15 pF, the reference amplifier
slews at 4 mA/
µs enabling a transition from IREF = 0 to IREF =
2 mA in 500 ns.
Operation with pulse inputs to the reference amplifier may be
accommodated by an alternate compensation scheme. This
technique provides lowest full-scale transition times. An internal
clamp allows quick recovery of the reference amplifier from a
cutoff (IREF = 0) condition. Full-scale transition (0 mA to 2 mA)
occurs in 120 ns when the equivalent impedance at Pin 14 is
200
Ω and CC = 0. This yields a reference slew rate of 16 mA/µs,
which is relatively independent of RIN and VIN values.
LOGIC INPUTS
The DAC08 design incorporates a unique logic input circuit
that enables direct interface to all popular logic families and
provides maximum noise immunity. This feature is made pos-
sible by the large input swing capability, 2
µA logic input
current and completely adjustable logic threshold voltage.
For V– = –15 V, the logic inputs may swing between –10 V
and +18 V. This enables direct interface with 15 V CMOS
logic, even when the DAC08 is powered from a 5 V supply.
Minimum input logic swing and minimum logic threshold
voltage are given by: V– plus (IREF
× 1 kΩ) plus 2.5 V. The
logic threshold may be adjusted over a wide range by placing
an appropriate voltage at the logic threshold control pin (Pin 1,
VLC). The appropriate graph shows the relationship between
VLC and VTH over the temperature range, with VTH nominally
1.4 above VLC. For TTL and DTL interface, simply ground pin
1. When interfacing ECL, an IREF = 1 mA is recommended. For
interfacing other logic families, see preceding page. For general
set-up of the logic control circuit, it should be noted that Pin 1
will source 100
µA typical; external circuitry should be designed
to accommodate this current.
Fastest settling times are obtained when Pin 1 sees a low imped-
ance. If Pin 1 is connected to a 1 k
Ω divider, for example, it
should be bypassed to ground by a 0.01
µF capacitor.
ANALOG OUTPUT CURRENTS
Both true and complemented output sink currents are provided
where IO + IO = IFS. Current appears at the “true” (IO) output
when a “1” (logic high) is applied to each logic input. As the
binary count increases, the sink current at pin 4 increases pro-
portionally, in the fashion of a “positive logic” D/A converter.
When a “0” is applied to any input bit, that current is turned
off at Pin 4 and turned on at Pin 2. A decreasing logic count
increases IO as in a negative or inverted logic D/A converter.
Both outputs may be used simultaneously. If one of the outputs
is not required, it must be connected to ground or to a point
capable of sourcing IFS; do not leave an unused output pin open.
Both outputs have an extremely wide voltage compliance enabling
fast direct current-to-voltage conversion through a resistor tied
to ground or other voltage source. Positive compliance is 36 V
above V– and is independent of the positive supply. Negative
compliance is given by V– plus (IREF
× 1 kΩ) plus 2.5 V.
The dual outputs enable double the usual peak-to-peak load
swing when driving loads in quasi-differential fashion. This
feature is especially useful in cable driving, CRT deflection and
in other balanced applications such as driving center-tapped
coils and transformers.
POWER SUPPLIES
The DAC08 operates over a wide range of power supply voltages
from a total supply of 9 V to 36 V. When operating at supplies
of
±5 V or less, IREF ≤ 1 mA is recommended. Low reference
current operation decreases power consumption and increases
negative compliance, reference amplifier negative common-mode


Similar Part No. - DAC08GBC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DAC08 PHILIPS-DAC08 Datasheet
227Kb / 12P
   8-Bit high-speed multiplying D/A converter
August 31, 1994
logo
Analog Devices
DAC08 AD-DAC08 Datasheet
260Kb / 12P
   8-Bit, High Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
REV. A
DAC08 AD-DAC08 Datasheet
68Kb / 1P
   Analog Devices: Data Converters: DAC 8-Bit, 10 ns to 100 ns Converters Selection Table
2/2003
DAC08 AD-DAC08 Datasheet
359Kb / 21P
   8-Bit, High Speed, Multiplying D/A Converter
logo
National Semiconductor ...
DAC0800 NSC-DAC0800 Datasheet
344Kb / 11P
   8-Bit Digital-to-Analog Converters
More results

Similar Description - DAC08GBC

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DAC08 AD-DAC08 Datasheet
260Kb / 12P
   8-Bit, High Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
REV. A
DAC08CSZ AD-DAC08CSZ Datasheet
224Kb / 12P
   8-Bit, High-Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
REV. B
DAC08Q-883C AD-DAC08Q-883C Datasheet
584Kb / 20P
   8-Bit, High Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
REV. C
DAC10 AD-DAC10 Datasheet
300Kb / 10P
   10-Bit High Speed Multiplying D/A Converter Universal Digital Logic Interface
REV. D
DAC10FX AD-DAC10FX Datasheet
460Kb / 10P
   10-Bit High Speed Multiplying D/A Converter (Universal Digital Logic Interface)
REV. D
logo
List of Unclassifed Man...
DAC20 ETC1-DAC20 Datasheet
601Kb / 8P
   2 - DIGIT BCD HIGH - SPEED MULTIPLYING D / A CONVERTER ( UNIVERSAL DIGITAL LOGIC INTERFACE )
logo
NXP Semiconductors
DAC-08 PHILIPS-DAC-08 Datasheet
162Kb / 16P
   8-bit high-speed multiplying D/A converter
2001 Aug 03
logo
NEC
UPC624 NEC-UPC624 Datasheet
447Kb / 9P
   8-BIT HIGH-SPEED MULTIPLYING D/A CONVERTER
logo
New Japan Radio
NJMDAC-08C NJRC-NJMDAC-08C Datasheet
206Kb / 7P
   8-BIT HIGH SPEED MULTIPLYING D/A CONVERTER
logo
Analog Devices
DAC08 AD-DAC08_16 Datasheet
359Kb / 21P
   8-Bit, High Speed, Multiplying D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com