Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-785E Datasheet(PDF) 5 Page - Broadcom Corporation.

Part # ACPL-785E
Description  Hermetically Sealed Analog Isolation Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ACPL-785E Datasheet(HTML) 5 Page - Broadcom Corporation.

  ACPL-785E Datasheet HTML 1Page - Broadcom Corporation. ACPL-785E Datasheet HTML 2Page - Broadcom Corporation. ACPL-785E Datasheet HTML 3Page - Broadcom Corporation. ACPL-785E Datasheet HTML 4Page - Broadcom Corporation. ACPL-785E Datasheet HTML 5Page - Broadcom Corporation. ACPL-785E Datasheet HTML 6Page - Broadcom Corporation. ACPL-785E Datasheet HTML 7Page - Broadcom Corporation. ACPL-785E Datasheet HTML 8Page - Broadcom Corporation. ACPL-785E Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Broadcom
- 5 -
ACPL-785E, HCPL-7850, HCPL-7851, 5962-97557
Data Sheet
DC Electrical Specifications
DC Electrical Specifications
Over recommended operating conditions (TA = –55°C to +125°C, VIN+ = 0V, VIN– = 0V, VDD1 = 5V and VDD2 = 5V, unless otherwise
specified).
Parameter
Symbol
Group Aa
Subgroups
a.
Commercial parts receive 100% testing at 25°C (Subgroups 1 and 9). SMD, Class H and Class E receive 100% testing at 25, 125, and –55°C (Subgroups 1 and 9,
2 and 10, 3 and 11, respectively).
Min
Typb
b.
All typicals are at the nominal operating conditions of VIN+ = 0V, VIN– = 0V, TA = 25°C, VDD1 = 5V and VDD2 = 5V.
Max
Unit
Test Conditions
Fig
Notes
Input Offset Voltage
VOS
1, 2 ,3
–1.0
0.6
5.0
mV
4.5V ≤ (VDD1, VDD2) ≤ 5.5V
1, 2, 3
c
c.
Exact offset value is dependent on layout of external bypass capacitors. The offset value in the data sheet corresponds to Broadcom’s recommended layout
(see Figure 26 and Figure 27).
Gain
G
2, 3
7.36
8.00
8.64
V/V
–200 mV ≤ VIN+ ≤ 200 mV,
4.5V ≤ (VDD1, VDD2) ≤ 5.5V
5, 6, 7
1
7.60
8.00
8.4
20-mV Nonlinearity
NL200
2, 3
0.05
0.8
%
–200 mV ≤ VIN+ ≤ 200 mV,
4.5V ≤ (VDD1, VDD2) ≤ 5.5V
5, 8, 9,
10, 12
d
d.
Nonlinearity is defined as half of the peak-to-peak output deviation from the best-fit gain line, expressed as a percentage of the full-scale differential output
voltage.
1
0.05
0.2
10-mV Nonlinearity
NL100
2, 3
0.01
0.2
–100 mV ≤ VIN+ ≤ 100 mV,
4.5V ≤ (VDD1, VDD2) ≤ 5.5V
5, 8, 9,
11, 12
1
0.01
0.1
Output Common-Mode Voltage
VOCM
1, 2, 3
2.20
2.56
2.80
V
–400 mV ≤ VIN+ ≤ 400 mV,
4.5V ≤ (VDD1, VDD2) ≤ 5.5V
Input Supply Current
IDD1
1, 2, 3
10.7
15.5
mA
14, 16
Output Supply Current
IDD2
1, 2, 3
9.4
17
mA
15, 16
Input-Output Insulation
Leakage Current
II–O
1
1.0
μA
RH ≤ 65%, t = 5 sec.
VI–O = 1500 Vdc, TA = 25°C
e
e.
Device considered a two-terminal device: Pins 1, 2, 3, and 4 are shorted together, and pins 5, 6, 7, and 8 are shorted together.
Maximum Input Voltage Before
Output Clipping
|VIN+|
MAX
320
mV
4, 12
Average Input Bias Current
IIN
–0.57
μA
13
f
f.
Because of the switched capacitor nature of the sigma-delta A/D converter, time averaged values are shown.
Average Input Resistance
RIN
480
Input DC Common-Mode
Rejection Ratio
CMRRIN
—69
dB
g
g.
CMRRIN is defined as the ratio of the gain for differential inputs applied between pins 2 and 3 to the gain for both common-mode inputs applied to both pins
2 and 3 with respect to pin 4.
Output Resistance
RO
—1—
Ω
Output Low Voltage
VOL
—1.28
V
VIN+ = 400 mV
4
h
h.
When the differential input signal exceeds approximately 320 mV, the outputs will limit at the typical values shown.
Output High Voltage
VOH
—3.84
V
VIN+ = –400 mV
Output Short-Circuit Current
|IOSC|—
11
mA
VOUT = 0V or VDD2
i
i.
Short-circuit current is the amount of output current generated when either output is shorted to VDD2 or ground. Broadcom does not recommend operations
under these conditions.
Resistance (Input-Output)
RI–O
1012
—Ω
VI–O = 500 Vdc
e
Capacitance (Input–Output)
CI–O
—2.7
pF
f = 1 MHz, VI–O = 0 Vdc


Similar Part No. - ACPL-785E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-785E AVAGO-ACPL-785E Datasheet
120Kb / 16P
   Hermetically Sealed Analog Isolation Amplifi er
More results

Similar Description - ACPL-785E

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-7850 HP-HCPL-7850 Datasheet
251Kb / 16P
   Hermetically Sealed Analog Isolation Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-785E AVAGO-ACPL-785E Datasheet
120Kb / 16P
   Hermetically Sealed Analog Isolation Amplifi er
logo
Agilent(Hewlett-Packard...
HCPL-7840 HP-HCPL-7840 Datasheet
217Kb / 12P
   Analog Isolation Amplifier
logo
Micropac Industries
62111 MICROPAC-62111 Datasheet
87Kb / 2P
   Hermetically sealed
logo
M/A-COM Technology Solu...
1N4531 MA-COM-1N4531 Datasheet
456Kb / 3P
   Hermetically Sealed
logo
MMD Components
MVSC1 MMD-MVSC1 Datasheet
129Kb / 2P
   Hermetically Sealed
logo
TE Connectivity Ltd
FCA-410 TEC-FCA-410 Datasheet
749Kb / 3P
   Hermetically Sealed
logo
M/A-COM Technology Solu...
1N914UR MA-COM-1N914UR Datasheet
601Kb / 3P
   Hermetically Sealed
logo
Micropac Industries
62121 MICROPAC-62121 Datasheet
65Kb / 2P
   Hermetically sealed
62087 MICROPAC-62087 Datasheet
46Kb / 2P
   Hermetically sealed
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com