Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-7851 Datasheet(PDF) 1 Page - Broadcom Corporation.

Part # HCPL-7851
Description  Hermetically Sealed Analog Isolation Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HCPL-7851 Datasheet(HTML) 1 Page - Broadcom Corporation.

  HCPL-7851 Datasheet HTML 1Page - Broadcom Corporation. HCPL-7851 Datasheet HTML 2Page - Broadcom Corporation. HCPL-7851 Datasheet HTML 3Page - Broadcom Corporation. HCPL-7851 Datasheet HTML 4Page - Broadcom Corporation. HCPL-7851 Datasheet HTML 5Page - Broadcom Corporation. HCPL-7851 Datasheet HTML 6Page - Broadcom Corporation. HCPL-7851 Datasheet HTML 7Page - Broadcom Corporation. HCPL-7851 Datasheet HTML 8Page - Broadcom Corporation. HCPL-7851 Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Broadcom
- 1 -
Description
The HCPL-7850, HCPL-7851, and ACPL-785E are isolation
amplifiers that provide accurate, electrically isolated and
amplified representations of voltage and current. When used
with a shunt resistor to monitor the motor phase current in a
high-speed motor drive, the device offers superior reliability
compared with the traditional solutions such as current
transformers and Hall-effect sensors. These devices consist of a
sigma-delta analog-to-digital converter optically coupled to a
digital-to-analog converter in a hermetically sealed package.
The products are capable of operation and storage over the full
military temperature range and can be purchased as a
commercial product (HCPL-7850), with full MIL-PRF-38534
Class H testing (HCPL-7851), with MIL-PRF-38534 Class E testing
(ACPL-785E) (Class K with exceptions) or from the DLA Standard
Microcircuit Drawing (SMD) 5962-97557. Details of the Class E
program exceptions are listed here:
1.
Nondestructive Bond Pull, Test method 2023 of
MIL-STD-883 in screening is not required.
2.
Particle Impact Noise Detection (PIND), Test method 2020
of MIL-STD-883 in device screening and group C testing is
not required.
3.
Die Shear Strength, Test method 2019 of MIL-STD-883 in
group B testing is not required.
4.
Internal Water Vapor Content, Test method 1018 of
MIL-STD-883 in group C is not required.
5.
Scanning Electron Microscope (SEM) inspection, Test
method 2018 of MIL-STD-883 in element evaluation is not
required.
1.
See Selection Guide – Lead Configuration Options for available
extensions.
Features
Performance guaranteed over full military temperature
range: –55°C to +125°C
Manufactured and tested on a MIL-PRF-38534 certified line
Hermetically sealed packages
Dual marked with device part number and DLA Standard
Microcircuit Drawing (SMD)
QML-38534, Class H and Class E
HCPL-7840 function compatibility
High common-mode rejection (CMR): 8 kV/μs at VCM =
1000V
5% gain tolerance
0.1% nonlinearity
Low offset voltage and offset temperature coefficient
100 kHz bandwidth
Applications
Industrial, military, and space systems
High reliability systems
Harsh industrial environments
Transportation, medical, and life critical systems
General-purpose analog signal isolation
CAUTION
It is advised that normal static precautions be
taken in handling and assembly of this
component to prevent damage and/or
degradation which may be induced by ESD.
ACPL-785E, HCPL-7850, HCPL-7851,
5962-97557 1
Hermetically Sealed Analog Isolation Amplifier
Data Sheet


Similar Part No. - HCPL-7851

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-7851 HP-HCPL-7851 Datasheet
251Kb / 16P
   Hermetically Sealed Analog Isolation Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7851 AVAGO-HCPL-7851 Datasheet
120Kb / 16P
   Hermetically Sealed Analog Isolation Amplifi er
logo
Agilent(Hewlett-Packard...
HCPL-7851-100 HP-HCPL-7851-100 Datasheet
251Kb / 16P
   Hermetically Sealed Analog Isolation Amplifier
HCPL-7851-200 HP-HCPL-7851-200 Datasheet
251Kb / 16P
   Hermetically Sealed Analog Isolation Amplifier
HCPL-7851-300 HP-HCPL-7851-300 Datasheet
251Kb / 16P
   Hermetically Sealed Analog Isolation Amplifier
More results

Similar Description - HCPL-7851

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-7850 HP-HCPL-7850 Datasheet
251Kb / 16P
   Hermetically Sealed Analog Isolation Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-785E AVAGO-ACPL-785E Datasheet
120Kb / 16P
   Hermetically Sealed Analog Isolation Amplifi er
logo
Agilent(Hewlett-Packard...
HCPL-7840 HP-HCPL-7840 Datasheet
217Kb / 12P
   Analog Isolation Amplifier
logo
Micropac Industries
62111 MICROPAC-62111 Datasheet
87Kb / 2P
   Hermetically sealed
logo
M/A-COM Technology Solu...
1N4531 MA-COM-1N4531 Datasheet
456Kb / 3P
   Hermetically Sealed
logo
MMD Components
MVSC1 MMD-MVSC1 Datasheet
129Kb / 2P
   Hermetically Sealed
logo
TE Connectivity Ltd
FCA-410 TEC-FCA-410 Datasheet
749Kb / 3P
   Hermetically Sealed
logo
M/A-COM Technology Solu...
1N914UR MA-COM-1N914UR Datasheet
601Kb / 3P
   Hermetically Sealed
logo
Micropac Industries
62121 MICROPAC-62121 Datasheet
65Kb / 2P
   Hermetically sealed
62087 MICROPAC-62087 Datasheet
46Kb / 2P
   Hermetically sealed
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com