Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962-97557 Datasheet(PDF) 9 Page - Broadcom Corporation.

Part # 5962-97557
Description  Hermetically Sealed Analog Isolation Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5962-97557 Datasheet(HTML) 9 Page - Broadcom Corporation.

Back Button 5962-97557 Datasheet HTML 5Page - Broadcom Corporation. 5962-97557 Datasheet HTML 6Page - Broadcom Corporation. 5962-97557 Datasheet HTML 7Page - Broadcom Corporation. 5962-97557 Datasheet HTML 8Page - Broadcom Corporation. 5962-97557 Datasheet HTML 9Page - Broadcom Corporation. 5962-97557 Datasheet HTML 10Page - Broadcom Corporation. 5962-97557 Datasheet HTML 11Page - Broadcom Corporation. 5962-97557 Datasheet HTML 12Page - Broadcom Corporation. 5962-97557 Datasheet HTML 13Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Broadcom
- 9 -
ACPL-785E, HCPL-7850, HCPL-7851, 5962-97557
Data Sheet
AC Electrical Specifications
Figure 9 Nonlinearity vs. Temperature
Figure 10 200-mV Nonlinearity vs. VDD1 and VDD2
TA – TEMPERATURE – °C
0.2
0.1
0.4
0
0.3
20
60
140
100
-60
-20
VDD1 = 5 V
VDD2 = 5 V
VIN– = 0 V
TA = 25° C
200 mV
100 mV
VDD – SUPPLY VOLTAGE – V
0.05
0.04
0.07
0
0.06
4.6
4.8
5.6
4.4
5.4
5.2
5.0
TA = 25° C
vs. VDD1 (VDD2 = 5 V)
vs. VDD2 (VDD1 = 5 V)
Figure 11 100-mV Nonlinearity vs. VDD1 and VDD2
Figure 12 Nonlinearity vs. Full-Scale Input Voltage
0.015
0.010
0.025
0.005
0.020
VDD – SUPPLY VOLTAGE – V
4.6
4.8
5.6
4.4
5.4
5.2
5.0
vs. VDD1 (VDD2 = 5 V)
vs. VDD2 (VDD1 = 5 V)
TA = 25° C
VDD1 = 5 V
VDD2 = 5 V
FS – FULL-SCALE INPUT VOLTAGE – V
0.50
5.00
0.01
0.05
±0.10
0
±0.40
±0.30
±0.20
TA = 25° C
Figure 13 Input Current vs. Input Voltage
Figure 14 Input Supply Current vs. Input Voltage
VIN+ – INPUT VOLTAGE – V
-4
-6
-8
2
-10
-2
0
-4
-2
6
-6
4
02
VDD1 = 5 V
VDD2 = 5 V
VIN– = 0 V
TA = 25° C
VIN+ – INPUT VOLTAGE – V
9
11
6
-0.2
0.4
-0.4
0.2
0
10
8
7
TA = 25° C
VDD1 = 5 V
VDD2 = 5 V
VIN– = 0 V


Similar Part No. - 5962-97557

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
5962-97557 HP-5962-97557 Datasheet
251Kb / 16P
   Hermetically Sealed Analog Isolation Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
5962-97557 AVAGO-5962-97557 Datasheet
120Kb / 16P
   Hermetically Sealed Analog Isolation Amplifi er
logo
Agilent(Hewlett-Packard...
5962-9755701HPA HP-5962-9755701HPA Datasheet
251Kb / 16P
   Hermetically Sealed Analog Isolation Amplifier
5962-9755701HPC HP-5962-9755701HPC Datasheet
251Kb / 16P
   Hermetically Sealed Analog Isolation Amplifier
5962-9755701HPX HP-5962-9755701HPX Datasheet
251Kb / 16P
   Hermetically Sealed Analog Isolation Amplifier
More results

Similar Description - 5962-97557

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-7850 HP-HCPL-7850 Datasheet
251Kb / 16P
   Hermetically Sealed Analog Isolation Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-785E AVAGO-ACPL-785E Datasheet
120Kb / 16P
   Hermetically Sealed Analog Isolation Amplifi er
logo
Agilent(Hewlett-Packard...
HCPL-7840 HP-HCPL-7840 Datasheet
217Kb / 12P
   Analog Isolation Amplifier
logo
Micropac Industries
62111 MICROPAC-62111 Datasheet
87Kb / 2P
   Hermetically sealed
logo
M/A-COM Technology Solu...
1N4531 MA-COM-1N4531 Datasheet
456Kb / 3P
   Hermetically Sealed
logo
MMD Components
MVSC1 MMD-MVSC1 Datasheet
129Kb / 2P
   Hermetically Sealed
logo
TE Connectivity Ltd
FCA-410 TEC-FCA-410 Datasheet
749Kb / 3P
   Hermetically Sealed
logo
M/A-COM Technology Solu...
1N914UR MA-COM-1N914UR Datasheet
601Kb / 3P
   Hermetically Sealed
logo
Micropac Industries
62121 MICROPAC-62121 Datasheet
65Kb / 2P
   Hermetically sealed
62087 MICROPAC-62087 Datasheet
46Kb / 2P
   Hermetically sealed
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com