Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-W314 Datasheet(PDF) 6 Page - Broadcom Corporation.

Part # ACPL-W314
Description  0.6-Amp Output Current IGBT Gate Driver Optocoupler
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ACPL-W314 Datasheet(HTML) 6 Page - Broadcom Corporation.

Back Button ACPL-W314 Datasheet HTML 2Page - Broadcom Corporation. ACPL-W314 Datasheet HTML 3Page - Broadcom Corporation. ACPL-W314 Datasheet HTML 4Page - Broadcom Corporation. ACPL-W314 Datasheet HTML 5Page - Broadcom Corporation. ACPL-W314 Datasheet HTML 6Page - Broadcom Corporation. ACPL-W314 Datasheet HTML 7Page - Broadcom Corporation. ACPL-W314 Datasheet HTML 8Page - Broadcom Corporation. ACPL-W314 Datasheet HTML 9Page - Broadcom Corporation. ACPL-W314 Datasheet HTML 10Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Broadcom
- 6 -
ACPL-P314 and ACPL-W314
Data Sheet
Insulation and Safety-Related Specifications
NOTE
All Broadcom data sheets report the creepage and clearance inherent to the optocoupler component itself. These
dimensions are needed as a starting point for the equipment designer when determining the circuit insulation
requirements. However, once mounted on a printed circuit board, minimum creepage and clearance requirements
must be met as specified for individual equipment standards. For creepage, the shortest distance path along the
surface of a printed circuit board between the solder fillets of the input and output leads must be considered (the
recommended land pattern does not necessarily meet the minimum creepage of the device). There are
recommended techniques such as grooves and ribs that may be used on a printed circuit board to achieve desired
creepage and clearances. Creepage and clearance distances will also change depending on factors, such as
pollution degree and insulation level.
Parameter
Symbol
ACPL-
Unit
Conditions
P314
W314
Minimum External Air Gap (External Clearance)
L(101)
7.0
8.0
mm
Measured from input terminals to output
terminals, shortest distance through air.
Minimum External Tracking (External
Creepage)
L(102)
8.0
8.0
mm
Measured from input terminals to output
terminals, shortest distance path along body.
Minimum Internal Plastic Gap (Internal
Clearance)
0.08
0.08
mm
Through insulation distance conductor to
conductor, usually the straight line distance
thickness between the emitter and detector.
Minimum Internal Tracking (Internal Creepage)
N/A
N/A
mm
Measured from input terminals to output
terminals, along internal cavity.
Tracking Resistance (Comparative Tracking
Index)
CTI
>175
>175
V
DIN IEC 112/VDE 0303 Part 1.
Isolation Group
IIIa
IIIa
Material Group (DIN VDE 0110, 1/89, Table 1).


Similar Part No. - ACPL-W314

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-W314 AVAGO-ACPL-W314 Datasheet
202Kb / 14P
   0.6 Amp Output Current IGBT Gate Driver Optocoupler
ACPL-W314 AVAGO-ACPL-W314 Datasheet
202Kb / 14P
   ACPL-P314 and ACPL-W314 0.6 Amp Output Current IGBT Gate Driver Optocoupler
logo
Broadcom Corporation.
ACPL-W314 BOARDCOM-ACPL-W314 Datasheet
1Mb / 17P
   0.6-Amp Output Current IGBT Gate Driver Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-W314-500E AVAGO-ACPL-W314-500E Datasheet
202Kb / 14P
   ACPL-P314 and ACPL-W314 0.6 Amp Output Current IGBT Gate Driver Optocoupler
More results

Similar Description - ACPL-W314

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-P314 AVAGO-ACPL-P314 Datasheet
202Kb / 14P
   0.6 Amp Output Current IGBT Gate Driver Optocoupler
logo
Broadcom Corporation.
ACPL-W314 BOARDCOM-ACPL-W314 Datasheet
1Mb / 17P
   0.6-Amp Output Current IGBT Gate Driver Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-J314 AVAGO-HCPL-J314 Datasheet
310Kb / 16P
   0.6 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314-300E AVAGO-HCPL-J314-300E Datasheet
324Kb / 16P
   0.6 Amp Output Current IGBT Gate Drive Optocoupler
ACPL-332J-500E AVAGO-ACPL-332J-500E Datasheet
299Kb / 23P
   2.5 Amp Output Current IGBT Gate Driver Optocoupler
ACPL-331J-000E AVAGO-ACPL-331J-000E Datasheet
300Kb / 22P
   1.5 Amp Output Current IGBT Gate Driver Optocoupler
ACPL-W314-500E AVAGO-ACPL-W314-500E Datasheet
202Kb / 14P
   ACPL-P314 and ACPL-W314 0.6 Amp Output Current IGBT Gate Driver Optocoupler
ACPL-333J AVAGO-ACPL-333J Datasheet
304Kb / 23P
   2.5 Amp Output Current IGBT Gate Driver Optocoupler with Integrated
logo
Agilent(Hewlett-Packard...
HCPL-T250 HP-HCPL-T250 Datasheet
364Kb / 7P
   1.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-314J AVAGO-HCPL-314J Datasheet
287Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com