Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-W611 Datasheet(PDF) 4 Page - Broadcom Corporation.

Part # ACPL-W611
Description  High CMR, High-Speed TTL Compatible Optocoupler
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ACPL-W611 Datasheet(HTML) 4 Page - Broadcom Corporation.

  ACPL-W611 Datasheet HTML 1Page - Broadcom Corporation. ACPL-W611 Datasheet HTML 2Page - Broadcom Corporation. ACPL-W611 Datasheet HTML 3Page - Broadcom Corporation. ACPL-W611 Datasheet HTML 4Page - Broadcom Corporation. ACPL-W611 Datasheet HTML 5Page - Broadcom Corporation. ACPL-W611 Datasheet HTML 6Page - Broadcom Corporation. ACPL-W611 Datasheet HTML 7Page - Broadcom Corporation. ACPL-W611 Datasheet HTML 8Page - Broadcom Corporation. ACPL-W611 Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Broadcom
- 4 -
ACPL-W611/ACPL-P611
Data Sheet
Package Outline Drawings
ACPL-W611 Stretched SO-6 Package
4.580±0.254
(0.180±0.010)
45°
0.381±0.127
(0.015±0.005)
1.27 (0.050) BSG
0.20±0.10
(0.008±0.004)
0.45 (0.018)
0.750±0.250
(0.0295±0.010)
11.50±0.250
(0.453±0.010)
6.807
0.268
Dimensions in Millimeters (Inches).
Lead coplanarity = 0.1 mm (0.004 inches).
12.65 (0.498)
LAND PATTERN RECOMMENDATION
3.180±0.127
(0.125±0.005)
1.590±0.127
(0.063±0.005)
1.91 (0.075)
3
2
1
4
5
6
0.76 (0.030)
+0.127
0
+0.005
- 0.000
)
(
PART NUMBER
DATE CODE
RoHS-COMPLIANCE
INDICATOR
NNNN
YYWW
EEE
Lot ID


Similar Part No. - ACPL-W611

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-W611 BOARDCOM-ACPL-W611 Datasheet
101Kb / 2P
   Optocoupler Option 020 for 5000 V rms/1 Minute Requirement
More results

Similar Description - ACPL-W611

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-P611 BOARDCOM-ACPL-P611 Datasheet
653Kb / 15P
   High CMR, High-Speed TTL Compatible Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-7611 HP-HCPL-7611 Datasheet
418Kb / 13P
   CMOS/TTL Compatible, Low Input Current, High Speed, High CMR Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2631-500E AVAGO-HCPL-2631-500E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0611-500E AVAGO-HCPL-0611-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
6N137 AVAGO-6N137 Datasheet
241Kb / 22P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0600-000E AVAGO-HCPL-0600-000E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
logo
Broadcom Corporation.
6N137 BOARDCOM-6N137 Datasheet
1Mb / 30P
   High CMR, High Speed TTL Compatible Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N137-500E AVAGO-6N137-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-2630-020 AVAGO-HCPL-2630-020 Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-2631-000E AVAGO-HCPL-2631-000E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com