Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-1931 Datasheet(PDF) 10 Page - Broadcom Corporation.

Part # HCPL-1931
Description  Dual-Channel Line Receiver Hermetically Sealed Optocoupler
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HCPL-1931 Datasheet(HTML) 10 Page - Broadcom Corporation.

Back Button HCPL-1931 Datasheet HTML 5Page - Broadcom Corporation. HCPL-1931 Datasheet HTML 6Page - Broadcom Corporation. HCPL-1931 Datasheet HTML 7Page - Broadcom Corporation. HCPL-1931 Datasheet HTML 8Page - Broadcom Corporation. HCPL-1931 Datasheet HTML 9Page - Broadcom Corporation. HCPL-1931 Datasheet HTML 10Page - Broadcom Corporation. HCPL-1931 Datasheet HTML 11Page - Broadcom Corporation. HCPL-1931 Datasheet HTML 12Page - Broadcom Corporation. HCPL-1931 Datasheet HTML 13Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Broadcom
- 10 -
HCPL-1930, HCPL-1931, HCPL-193K, 5962-89572
Data Sheet
Figure 8 Typical Common Mode Transient Immunity
Figure 9 Test Circuit for Common Mode Transient Immunity and Typical Waveforms
Figure 10 Burn In Circuit
1
3
2
4
510
5
6
7
8
16
14
15
13
12
11
10
9
GND
VCC
5 V
OUTPUT VO
MONITORING
NODE
0.01 μF
BYPASS
VCM
PULSE GEN.
+
VIN
IIN
A
B
100
100
200
200
VIN
+5.0 V
0.01 F
VCC
+5.5 V
VOUT
+2.6 V
TA = +125 °C
+
CONDITIONS: II = 30 mA
IO = 10 mA
VCC= 5.5 V
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9


Similar Part No. - HCPL-1931

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-1931 HP-HCPL-1931 Datasheet
229Kb / 12P
   Dual Channel Line Receiver Dual Channel Line Receiver Dual Channel Line Receiver
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-1931 AVAGO-HCPL-1931 Datasheet
742Kb / 12P
   Dual Channel Line Receiver Hermetically Sealed Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-1931-100 HP-HCPL-1931-100 Datasheet
229Kb / 12P
   Dual Channel Line Receiver Dual Channel Line Receiver Dual Channel Line Receiver
HCPL-1931-200 HP-HCPL-1931-200 Datasheet
229Kb / 12P
   Dual Channel Line Receiver Dual Channel Line Receiver Dual Channel Line Receiver
HCPL-1931-300 HP-HCPL-1931-300 Datasheet
229Kb / 12P
   Dual Channel Line Receiver Dual Channel Line Receiver Dual Channel Line Receiver
More results

Similar Description - HCPL-1931

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-1930 AVAGO-HCPL-1930_12 Datasheet
742Kb / 12P
   Dual Channel Line Receiver Hermetically Sealed Optocoupler
HCPL-193K AVAGO-HCPL-193K Datasheet
697Kb / 12P
   Dual Channel Line Receiver Hermetically Sealed Optocoupler
logo
Micropac Industries
66024 MICROPAC-66024 Datasheet
94Kb / 3P
   4N55 DUAL CHANNEL, HERMETICALLY SEALED OPTOCOUPLER
66013 MICROPAC-66013 Datasheet
88Kb / 2P
   DUAL CHANNEL, HERMETICALLY SEALED, HIGH-SPEED 6N134 OPTOCOUPLER
66126 MICROPAC-66126 Datasheet
87Kb / 2P
   SINGLE/DUAL CHANNEL, HERMETICALLY SEALED OPTOCOUPLER, SIMILAR TO 4N55
66056 MICROPAC-66056 Datasheet
89Kb / 2P
   SINGLE/DUAL CHANNEL, HERMETICALLY SEALED, VERY HIGH SPEED OPTOCOUPLER
logo
Agilent(Hewlett-Packard...
HCPL-1930 HP-HCPL-1930 Datasheet
229Kb / 12P
   Dual Channel Line Receiver Dual Channel Line Receiver Dual Channel Line Receiver
logo
Micropac Industries
66179 MICROPAC-66179 Datasheet
49Kb / 2P
   GULL WING HERMETICALLY SEALED, SINGLE CHANNEL OPTOCOUPLER
66186 MICROPAC-66186 Datasheet
79Kb / 2P
   TWO CHANNEL, HERMETICALLY SEALED OPTOCOUPLER PHOTOTRANSISTOR OUTPUT
66012 MICROPAC-66012 Datasheet
93Kb / 2P
   FOUR CHANNEL, HERMETICALLY SEALED, LOW-INPUT CURRENT, 6N140 OPTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com