Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LFUSCD20065B Datasheet(PDF) 1 Page - Littelfuse

Part # LFUSCD20065B
Description  Enhanced surge capability
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LFUSCD20065B Datasheet(HTML) 1 Page - Littelfuse

  LFUSCD20065B Datasheet HTML 1Page - Littelfuse LFUSCD20065B Datasheet HTML 2Page - Littelfuse LFUSCD20065B Datasheet HTML 3Page - Littelfuse LFUSCD20065B Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2016 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 10/05/16
SiC Schottky Diode
LFUSCD20065B, 650 V, 20 A,TO-247 3-lead
RoHS Pb
LFUSCD20065B
Features
Applications
• Positive temperature
coefficient for safe
operation and ease of
paralleling
• 175 °C maximum
operating junction
temperature
• Enhanced surge capability
• Extremely fast,
temperature-independent
switching behavior
• Dramatically reduced
switching losses
compared to Si bipolar
diodes
• Boost diodes in power
factor correction
• Switch-mode power
supplies
• Uninterruptible power
supplies
• Solar inverters
• Industrial motor drives
Maximum Ratings
Characteristics
Symbol
Conditions
Max.
Unit
DC Blocking Voltage
V
R
-
650
V
Repetitive Peak Reverse Voltage, Tj
= 25 °C
V
RRM
650
V
Surge Peak Reverse Voltage
V
RSM
650
V
Maximum DC Forward Current
I
F
T
C = 125 °C
20
A
Non-Repetitive Forward Surge
Current
I
FSM
T
C = 25 °C, 8.3 ms, half sine pulse
90
A
Non-Repetitive Peak Forward Current
I
F,MAX
T
C = 25 °C, 10 µS
910
A
Non-Repetitive Avalanche Energy
E
AS
T
j = 25 °C, L = 5 mH, Ipk = 7.8 A,
168
mJ
Power Dissipation
P
Tot
T
C = 25 °C
136
W
T
C = 125 °C
45
Maximum Operating Junction
Temperature
T
J,MAX
175
°C
Storage Temperature
T
STG
-55 to 175
°C
Circuit Diagram
Description
The LFUSCD series of silicon carbide (SiC) Schottky di-
odes has near-zero recovery current, high surge capability,
and a maximum operating junction temperature of 175 °C.
The diode series is ideal for applications where improve-
ments in efficiency, reliability, and thermal management
are desired.
Case
13
2
4
2
1
4
3


Similar Part No. - LFUSCD20065B

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LFUSCD20120B LITTELFUSE-LFUSCD20120B Datasheet
564Kb / 4P
   Enhanced surge capability
More results

Similar Description - LFUSCD20065B

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LFUSCD20120B LITTELFUSE-LFUSCD20120B Datasheet
564Kb / 4P
   Enhanced surge capability
LFUSCD10120A LITTELFUSE-LFUSCD10120A Datasheet
572Kb / 4P
   Enhanced surge capability
LFUSCD05120A LITTELFUSE-LFUSCD05120A Datasheet
567Kb / 4P
   Enhanced surge capability
LFUSCD30120B LITTELFUSE-LFUSCD30120B Datasheet
567Kb / 4P
   Enhanced surge capability
LFUSCD04065A LITTELFUSE-LFUSCD04065A Datasheet
548Kb / 4P
   Enhanced surge capability
LFUSCD06065A LITTELFUSE-LFUSCD06065A Datasheet
552Kb / 4P
   Enhanced surge capability
LFUSCD08065A LITTELFUSE-LFUSCD08065A Datasheet
575Kb / 4P
   Enhanced surge capability
LFUSCD10065A LITTELFUSE-LFUSCD10065A Datasheet
565Kb / 4P
   Enhanced surge capability
LFUSCD15120A LITTELFUSE-LFUSCD15120A Datasheet
572Kb / 4P
   Enhanced surge capability
LFUSCD16065B LITTELFUSE-LFUSCD16065B Datasheet
509Kb / 4P
   Enhanced surge capability
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com