Electronic Components Datasheet Search |
|
HCPL-5121 Datasheet(PDF) 4 Page - Broadcom Corporation. |
|
HCPL-5121 Datasheet(HTML) 4 Page - Broadcom Corporation. |
4 / 19 page Broadcom - 4 - HCPL-5120, HCPL-5121, and 5962-04204 Data Sheet Absolute Maximum Ratings Absolute Maximum Ratings ESD Classification Recommended Operating Conditions Parameter Symbol Min Max Unit Notes Storage Temperature TS –65 +150 °C Operating Temperature TA –55 +125 °C Case Temperature TC — +145 °C Junction Temperature TJ — +150 °C Lead Solder Temperature — 260 for 10s °C Average Input Current IF AVG —25 mA a a. No derating required for typical case-to-ambient thermal resistance (ΘCA = 140°C/W). See Figure 35. Peak Transient Input Current (<1-μs pulse width, 300 pps) IF PK —1.0 A Reverse Input Voltage VR —5 V High Peak Output Current IOH (PEAK) —2.5 A b b. Maximum pulse width = 10 μs, maximum duty cycle = 0.2%. This value is intended to allow for component tolerances for designs with IO peak minimum = 2.0A. See the Application Information section for additional details on limiting IOH peak. Low Peak Output Current IOL (PEAK) —2.5 A b Supply Voltage (VCC – VEE)0 35 V Output Voltage VO (PEAK) 0VCC V Emitter Power Dissipation PE —45 mW a Output Power Dissipation PO —250 mW c c. Derate linearly above 102°C free air temperature at a rate of 6 mW/°C for typical case-to-ambient thermal resistance (ΘCA = 140°C/W). See Figure 36. Total Power Dissipation PT —295 mW d d. Derate linearly above 102°C free air temperature at a rate of 6 mW/°C for typical case-to-ambient thermal resistance (ΘCA = 140°C/W). See Figure 35 and Figure 36. MIL-STD-883, Method 3015 , Class 1 Parameter Symbol Min Max Unit Power Supply Voltage (VCC – VEE)15 30 V Input Current (ON) IF (ON) 10 18 mA Input Voltage (OFF) VF (OFF) –3.0 0.8 V Operating Temperature TA –55 125 °C |
Similar Part No. - HCPL-5121 |
|
Similar Description - HCPL-5121 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |