Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACA0862-B Datasheet(PDF) 6 Page - Skyworks Solutions Inc.

Part # ACA0862-B
Description  1 GHz CATV Line Amplifier MMIC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

ACA0862-B Datasheet(HTML) 6 Page - Skyworks Solutions Inc.

Back Button ACA0862-B Datasheet HTML 2Page - Skyworks Solutions Inc. ACA0862-B Datasheet HTML 3Page - Skyworks Solutions Inc. ACA0862-B Datasheet HTML 4Page - Skyworks Solutions Inc. ACA0862-B Datasheet HTML 5Page - Skyworks Solutions Inc. ACA0862-B Datasheet HTML 6Page - Skyworks Solutions Inc. ACA0862-B Datasheet HTML 7Page - Skyworks Solutions Inc. ACA0862-B Datasheet HTML 8Page - Skyworks Solutions Inc. ACA0862-B Datasheet HTML 9Page - Skyworks Solutions Inc. ACA0862-B Datasheet HTML 10Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
ACA0862 - B, D
Data Sheet
September 16, 2016 • Skyworks Proprietary and Confidential Information • Products and Product Information are Subject to Change Without Notice • 204198B
25
30
35
40
45
50
55
56
58
60
62
64
66
68
70
72
74
76
78
80
Pout (dBmV)
CHANNEL UNDER TEST = 543MHz
MER - 256QAM
4 CH.
3 CH.
2 CH.
1 CH.
Figure 13: ACA0862B MER - 256 QAM @ 543 MHz
15
20
25
30
35
40
45
50
55
56
58
60
62
64
66
68
70
72
74
76
78
80
Pout (dBmV)
CHANNEL UNDER TEST = 987MHz
MER - 64QAM
4 CH.
3 CH.
2 CH.
1 CH.
Figure 10: ACA0862D MER - 64 QAM @ 987 MHz
25
30
35
40
45
50
55
56
58
60
62
64
66
68
70
72
74
76
78
80
Pout (dBmV)
CHANNEL UNDER TEST = 85MHz
MER - 256QAM
4 CH.
3 CH.
2 CH.
1 CH.
Figure 12: ACA0862D MER - 256 QAM @ 85 MHz
15
20
25
30
35
40
45
50
55
56
58
60
62
64
66
68
70
72
74
76
78
80
Pout (dBmV)
CHANNEL UNDER TEST = 987MHz
MER - 64QAM
4 CH.
3 CH.
2 CH.
1 CH.
Figure 9: ACA0862B MER - 64 QAM @ 987 MHz
25
30
35
40
45
50
55
56
58
60
62
64
66
68
70
72
74
76
78
80
Pout (dBmV)
CHANNEL UNDER TEST = 85MHz
MER - 256QAM
4 CH.
3 CH.
2 CH.
1 CH.
Figure 11: ACA0862B MER - 256 QAM @ 85 MHz
25
30
35
40
45
50
55
56
58
60
62
64
66
68
70
72
74
76
78
80
Pout (dBmV)
CHANNEL UNDER TEST = 543MHz
MER - 256QAM
3 CH.
2 CH.
1 CH.
4 CH.
Figure 14: ACA0862D MER - 256 QAM @ 543 MHz


Similar Part No. - ACA0862-B

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ACA0862 ANADIGICS-ACA0862 Datasheet
534Kb / 12P
   1 GHz CATV Line Amplifier MMIC
ACA0862B ANADIGICS-ACA0862B Datasheet
534Kb / 12P
   1 GHz CATV Line Amplifier MMIC
logo
Skyworks Solutions Inc.
ACA0862B SKYWORKS-ACA0862B Datasheet
1Mb / 14P
   1 GHz CATV Line Amplifier MMIC
logo
ANADIGICS, Inc
ACA0862BRS7P2 ANADIGICS-ACA0862BRS7P2 Datasheet
534Kb / 12P
   1 GHz CATV Line Amplifier MMIC
logo
Skyworks Solutions Inc.
ACA0862BRS7P2 SKYWORKS-ACA0862BRS7P2 Datasheet
1Mb / 14P
   1 GHz CATV Line Amplifier MMIC
More results

Similar Description - ACA0862-B

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
ACA0862B SKYWORKS-ACA0862B Datasheet
1Mb / 14P
   1 GHz CATV Line Amplifier MMIC
logo
ANADIGICS, Inc
ACA0862 ANADIGICS-ACA0862 Datasheet
534Kb / 12P
   1 GHz CATV Line Amplifier MMIC
ACA1206 ANADIGICS-ACA1206 Datasheet
349Kb / 16P
   1 GHz CATV Line Amplifier
ACA1206 ANADIGICS-ACA1206_12 Datasheet
1Mb / 20P
   1 GHz CATV Line Amplifier
logo
Skyworks Solutions Inc.
ACA1206 SKYWORKS-ACA1206 Datasheet
1Mb / 22P
   1 GHz CATV Line Amplifier
ACA1212 SKYWORKS-ACA1212 Datasheet
452Kb / 9P
   ACA1212: 1.2 GHz CATV Line Amplifier MMIC
logo
ANADIGICS, Inc
ADA10000 ANADIGICS-ADA10000_12 Datasheet
748Kb / 20P
   1 GHz CATV Amplifier
logo
Advanced Semiconductor ...
AWB31D9 ASB-AWB31D9 Datasheet
823Kb / 17P
   1.2 GHz CATV Push-pull Amplifier MMIC
October 2014
AWB51D2 ASB-AWB51D2 Datasheet
269Kb / 7P
   1.2 GHz CATV Push-pull Amplifier MMIC
July 2014
AWB31D9 ASB-AWB31D9_17 Datasheet
1Mb / 21P
   1.2 GHz CATV Push-pull Amplifier MMIC
June 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com