Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKY13414-485LF-EVB Datasheet(PDF) 7 Page - Skyworks Solutions Inc.

Part # SKY13414-485LF-EVB
Description  0.1 to 3.8 GHz SP4T Antenna Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY13414-485LF-EVB Datasheet(HTML) 7 Page - Skyworks Solutions Inc.

Back Button SKY13414-485LF-EVB Datasheet HTML 3Page - Skyworks Solutions Inc. SKY13414-485LF-EVB Datasheet HTML 4Page - Skyworks Solutions Inc. SKY13414-485LF-EVB Datasheet HTML 5Page - Skyworks Solutions Inc. SKY13414-485LF-EVB Datasheet HTML 6Page - Skyworks Solutions Inc. SKY13414-485LF-EVB Datasheet HTML 7Page - Skyworks Solutions Inc. SKY13414-485LF-EVB Datasheet HTML 8Page - Skyworks Solutions Inc. SKY13414-485LF-EVB Datasheet HTML 9Page - Skyworks Solutions Inc. SKY13414-485LF-EVB Datasheet HTML 10Page - Skyworks Solutions Inc. SKY13414-485LF-EVB Datasheet HTML 11Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
DATA SHEET • SKY13414-485LF: SP4T ANTENNA SWITCH
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201689J • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • November 17, 2016
7
Evaluation Board Description
The SKY13414-485LF Evaluation Board is used to test the
performance of the SKY13414-485LF SP4T switch. An Evaluation
Board schematic diagram is provided in Figure 3. An assembly
drawing for the Evaluation Board is shown in Figure 4.
Package Dimensions
The PCB layout footprint for the SKY13414-485LF is provided in
Figure 5. Typical part markings are shown in Figure 6. Package
dimensions are shown in Figure 7, and tape and reel dimensions
are provided in Figure 8.
Package and Handling Information
Instructions on the shipping container label regarding exposure to
moisture after the container seal is broken must be followed.
Otherwise, problems related to moisture absorption may occur
when the part is subjected to high temperature during solder
assembly.
The SKY13414-485LF is rated to Moisture Sensitivity Level 1
(MSL1) at 260
C. It can be used for lead or lead-free soldering.
For additional information, refer to the Skyworks Application Note,
Solder Reflow Information, document number 200164.
Care must be taken when attaching this product, whether it is
done manually or in a production solder reflow environment.
Production quantities of this product are shipped in a standard
tape and reel format.
DC Power
DC Control
Voltage 3
DC Control
Voltage 1
RF Output
Port 3
RF Output
Port 1
RF Output
Port 4
RF Output
Port 2
Antenna
201689-003
1
N/C
RF3
RF1
VDD
N/C
RF4
RF2
N/C
12
14
13
7
5
6
4
3
2
11
8
9
10
DC Control
Voltage 2
×
×
××
×
Figure 3. SKY13414-485LF Evaluation Board Schematic


Similar Part No. - SKY13414-485LF-EVB

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY13415-485LF SKYWORKS-SKY13415-485LF Datasheet
404Kb / 11P
   0.1 to 3.8 GHz SP5T Antenna Switch
SKY13415-485LFEK1 SKYWORKS-SKY13415-485LFEK1 Datasheet
404Kb / 11P
   0.1 to 3.8 GHz SP5T Antenna Switch
SKY13416-485LF SKYWORKS-SKY13416-485LF Datasheet
444Kb / 12P
   0.1 to 3.8 GHz SP6T Antenna Switch
SKY13416-485LF-EVB SKYWORKS-SKY13416-485LF-EVB Datasheet
444Kb / 12P
   0.1 to 3.8 GHz SP6T Antenna Switch
SKY13417-485LF SKYWORKS-SKY13417-485LF Datasheet
473Kb / 12P
   0.1-3.0 GHz SP7T Antenna Switch
April 11, 2013
More results

Similar Description - SKY13414-485LF-EVB

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKYA21029 SKYWORKS-SKYA21029 Datasheet
400Kb / 11P
   0.1 to 3.8 GHz SP4T Antenna Switch
July 10, 2017
SKY13415-485LF SKYWORKS-SKY13415-485LF Datasheet
404Kb / 11P
   0.1 to 3.8 GHz SP5T Antenna Switch
SKY13416-485LF SKYWORKS-SKY13416-485LF Datasheet
444Kb / 12P
   0.1 to 3.8 GHz SP6T Antenna Switch
SKY13418-485LF SKYWORKS-SKY13418-485LF Datasheet
448Kb / 13P
   0.1 to 3.8 GHz SP8T Antenna Switch
SKY13626-685LF SKYWORKS-SKY13626-685LF Datasheet
174Kb / 2P
   0.4 to 3.8 GHz SP4T Switch
logo
Analog Devices
HMC641A AD-HMC641A Datasheet
296Kb / 10P
   0.1 GHz to 18 GHz, GaAs SP4T Switch
logo
Skyworks Solutions Inc.
SKY13597-684LF SKYWORKS-SKY13597-684LF Datasheet
174Kb / 2P
   0.7 to 3.8 GHz SP4T High-Power Switch
logo
Analog Devices
ADRF5347 AD-ADRF5347 Datasheet
1Mb / 15P
   High Linearity, Silicon SP4T Switch, 1.8 GHz to 3.8 GHz
Rev. 0
ADRF5345 AD-ADRF5345 Datasheet
1Mb / 11P
   High Linearity, Silicon SP4T Switch, 1.8 GHz to 3.8 GHz
Rev. 0
HMC641ALP4E AD-HMC641ALP4E Datasheet
518Kb / 11P
   0.1 GHz to 20 GHz GaAs, Nonreflective, SP4T Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com