Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

TG10RA0113 Datasheet(PDF) 3 Page - Taoglas antenna solutions

Part # TG10RA0113
Description  Triton 4G/3G/2G Terminal Antenna for Cellular Triton 4G/3G/2G Terminal Antenna for Cellular
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

TG10RA0113 Datasheet(HTML) 3 Page - Taoglas antenna solutions

  TG10RA0113 Datasheet HTML 1Page - Taoglas antenna solutions TG10RA0113 Datasheet HTML 2Page - Taoglas antenna solutions TG10RA0113 Datasheet HTML 3Page - Taoglas antenna solutions TG10RA0113 Datasheet HTML 4Page - Taoglas antenna solutions TG10RA0113 Datasheet HTML 5Page - Taoglas antenna solutions TG10RA0113 Datasheet HTML 6Page - Taoglas antenna solutions TG10RA0113 Datasheet HTML 7Page - Taoglas antenna solutions TG10RA0113 Datasheet HTML 8Page - Taoglas antenna solutions TG10RA0113 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
SPE-13-8-076/C/AS
Page 3 of 16
2. Specification
ELECTRICAL
Frequency
(MHz)
700~800
824~960
1575.42
1710 ~ 1880 1850 ~ 1990 1710 ~ 2170 2490~500
Peak Gain (dBi)
Straight
-0.5
-0.5
-0.5
1.0
2.0
1.5
3.0
Bend
-1.5
-3.0
1.5
2.5
2.5
2.5
4.0
Efficiency
Straight
38%
30%
40%
58%
65%
55%
75%
Bend
35%
25%
60%
69%
75%
70%
85%
Impedance
50 Ω
Integrated AntD© Resistor
Integrated Resistor
Shunt 10K Ohm (+/- 5%) to Ground
Polarization
Linear
Radio Pattern
Omni
Input Power
50 W
MECHANICAL
Dimensions
Length 168mm, Φ13mm
Connector
Hinged SMA Male
Casing
PU
ENVIRONMENTAL
Temperature Range
-40°C to 85°C
Humidity
Non-condensing 65°C 95% RH


Similar Part No. - TG10RA0113

ManufacturerPart #DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
TG10RA0113 ETC2-TG10RA0113 Datasheet
2Mb / 19P
   2G/3G/4G Terminal Antenna for Cellular Modules with Assisted GPS Hinged SMA
More results

Similar Description - TG10RA0113

ManufacturerPart #DatasheetDescription
Taoglas antenna solutions
Taoglas antenna solutio...
TG.10.0113 TAOGLAS-TG.10.0113_18 Datasheet
4Mb / 32P
   Triton - 4G/3G/2G Terminal Antenna
TG.10R.A.0113 TAOGLAS-TG.10R.A.0113_17 Datasheet
1Mb / 16P
   Triton 4G/3G/2G Terminal Antenna
TE Connectivity Ltd
TE Connectivity Ltd
602-456-XXX TEC-602-456-XXX Datasheet
695Kb / 4P
   Cellular (2G/3G/4G) Outdoor Antenna
602-458-XXX TEC-602-458-XXX Datasheet
877Kb / 2P
   CELLULAR (2G/3G/4G) Outdoor Antenna
955-006-XXX TEC-955-006-XXX Datasheet
956Kb / 4P
   CELLULAR (2G/3G/4G) Magnetic Antenna
Taoglas antenna solutions
Taoglas antenna solutio...
TG100113 TAOGLAS-TG100113 Datasheet
4Mb / 30P
   Triton - 4G/3G/2G Terminal Antenna for Cellular Gateways and Routers with Assisted GPS
TE Connectivity Ltd
TE Connectivity Ltd
920-635-001 TEC-920-635-001 Datasheet
1Mb / 4P
   CELLULAR (2G/3G/4G) Screw Antenna
920-409-XXX TEC-920-409-XXX Datasheet
540Kb / 2P
   CELLULAR (2G/3G/4G) Adhesive Antenna
951-013-XXX TEC-951-013-XXX Datasheet
577Kb / 2P
   CELLULAR (2G/3G) Magnetic Antenna
602-311-002 TEC-602-311-002 Datasheet
915Kb / 3P
   CELLULAR (2G/3G) Adhesive Antenna
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com