Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TG080113 Datasheet(PDF) 9 Page - Taoglas antenna solutions

Part # TG080113
Description  Monopole Passive Antenna Broadband frequency range for cellular and GNSS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

TG080113 Datasheet(HTML) 9 Page - Taoglas antenna solutions

Back Button TG080113 Datasheet HTML 5Page - Taoglas antenna solutions TG080113 Datasheet HTML 6Page - Taoglas antenna solutions TG080113 Datasheet HTML 7Page - Taoglas antenna solutions TG080113 Datasheet HTML 8Page - Taoglas antenna solutions TG080113 Datasheet HTML 9Page - Taoglas antenna solutions TG080113 Datasheet HTML 10Page - Taoglas antenna solutions TG080113 Datasheet HTML 11Page - Taoglas antenna solutions TG080113 Datasheet HTML 12Page - Taoglas antenna solutions TG080113 Datasheet HTML 13Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
SPE-14-8-116/D/EW
Page 9 of 26
3. Antenna Characteristics
3.1. Testing setup
Antenna Straight Position
a) In free space
b) With 15*9cm Ground
c) With 30*30cm Ground
Metal Edge
d) With 30*30cm Ground
Metal Center
Antenna Bent Position
a) In free space
b) With 15*9cm Ground
c) With 30*30cm Ground
Metal Edge
d) With 30*30cm Ground
Metal Center
Figure.1 Measurement environments


Similar Part No. - TG080113

ManufacturerPart #DatasheetDescription
logo
HALO Electronics, Inc.
TG08-1205N1LF HALO-TG08-1205N1LF Datasheet
368Kb / 2P
   SMD Dual Channel T1/E1 Transformer
TG08-1505N5LF HALO-TG08-1505N5LF Datasheet
368Kb / 2P
   SMD Dual Channel T1/E1 Transformer
TG08-1505NZLF HALO-TG08-1505NZLF Datasheet
380Kb / 3P
   SMD Dual Port T1/E1 Transformers
TG08-1505NZRL HALO-TG08-1505NZRL Datasheet
380Kb / 3P
   SMD Dual Port T1/E1 Transformers
TG08-RF05NS8LF HALO-TG08-RF05NS8LF Datasheet
429Kb / 2P
   6 Pin SMD Package
More results

Similar Description - TG080113

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
TG.08.0113-2 TAOGLAS-TG.08.0113-2 Datasheet
8Mb / 62P
   Monopole Passive Antenna
TG.08.0113 TAOGLAS-TG.08.0113 Datasheet
3Mb / 26P
   Monopole Passive Antenna
logo
PCTEL, Inc.
GLHPDLTEMIMO-LT PCTEL-GLHPDLTEMIMO-LT Datasheet
472Kb / 5P
   Combination Antenna - GNSS, 5G Cellular and WiFi
2021
logo
Maxtena Inc.
NETZ5IN1-MIMO MAXTENA-NETZ5IN1-MIMO Datasheet
3Mb / 6P
   CELLULAR/LTE MIMO and GNSS - Screw mount antenna
REV A
logo
PCTEL, Inc.
GL9X1AX-SF PCTEL-GL9X1AX-SF Datasheet
426Kb / 5P
   Combination Antenna - 5G Cellular, Wi-Fi and GNSS
2021
logo
AVX Corporation
P522304 AVX-P522304 Datasheet
1Mb / 8P
   Broadband FR4 Embedded Cellular Antenna
10/1/2019
1004112 AVX-1004112 Datasheet
822Kb / 5P
   Broadband External LTE / Cellular Antenna
9/27/2021
logo
Texas Instruments
TPIC84000-Q1 TI1-TPIC84000-Q1 Datasheet
839Kb / 29P
[Old version datasheet]   LOW-FREQUENCY ANTENNA DRIVER FOR PASSIVE START AND PASSIVE ENTRY
TPIC84125-Q1 TI1-TPIC84125-Q1 Datasheet
839Kb / 29P
[Old version datasheet]   LOW-FREQUENCY ANTENNA DRIVER FOR PASSIVE START AND PASSIVE ENTRY
TPIC84125TPWPRQ1 TI-TPIC84125TPWPRQ1 Datasheet
1,022Kb / 29P
[Old version datasheet]   LOW-FREQUENCY ANTENNA DRIVER FOR PASSIVE START AND PASSIVE ENTRY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com