Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TG090113W Datasheet(PDF) 8 Page - Taoglas antenna solutions

Part # TG090113W
Description  4G/3G/2G Cellular Hinged SMA (M) Mount Monopole
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

TG090113W Datasheet(HTML) 8 Page - Taoglas antenna solutions

Back Button TG090113W Datasheet HTML 4Page - Taoglas antenna solutions TG090113W Datasheet HTML 5Page - Taoglas antenna solutions TG090113W Datasheet HTML 6Page - Taoglas antenna solutions TG090113W Datasheet HTML 7Page - Taoglas antenna solutions TG090113W Datasheet HTML 8Page - Taoglas antenna solutions TG090113W Datasheet HTML 9Page - Taoglas antenna solutions TG090113W Datasheet HTML 10Page - Taoglas antenna solutions TG090113W Datasheet HTML 11Page - Taoglas antenna solutions TG090113W Datasheet HTML 12Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
SPE-11-8-034/G/SS
Page 8 of 37
3.4
Efficiency
0
10
20
30
40
50
60
70
80
90
100
700 900 1100 1300 1500 1700 1900 2100 2300 2500 2700 2900 3100 3300 3500 3700 3900
Frequency [MHz]
Free Space Straight
Free Space Bend
150mm x 90mm Straight
150mm x 90mm Bend
0
10
20
30
40
50
60
70
80
90
100
700 900 1100 1300 1500 1700 1900 2100 2300 2500 2700 2900 3100 3300 3500 3700 3900
Frequency [MHz]
300mm x 300mm Center Straight
300mm x 300mm Center Bend
300mm x 300mm Edge Straight
300mm x 300mm Edge Bend


Similar Part No. - TG090113W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TG090113W ETC2-TG090113W Datasheet
693Kb / 17P
   Penta-band Cellular Hinged SMA Male Monopole
More results

Similar Description - TG090113W

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
TG.09.0113 TAOGLAS-TG.09.0113_18 Datasheet
6Mb / 37P
   4G/3G/2G Cellular Hinged SMA(M) Mount Monopole
TG090113 TAOGLAS-TG090113 Datasheet
8Mb / 37P
   4G/3G/2G Cellular Hinged SMA(M) Mount Monopole
TG.09.0113W TAOGLAS-TG.09.0113W_18 Datasheet
6Mb / 37P
   4G/3G/2G Cellular Hinged SMA Male Monopole
logo
List of Unclassifed Man...
TG10RA0113 ETC2-TG10RA0113 Datasheet
2Mb / 19P
   2G/3G/4G Terminal Antenna for Cellular Modules with Assisted GPS Hinged SMA
TG100113 ETC2-TG100113 Datasheet
625Kb / 13P
   2G/3G/4G TERMINAL ANTENNA FOR CELLULAR MODULES WITH ASSISTED GPS HINGED SMA
logo
Taoglas antenna solutio...
TG.22.0151 TAOGLAS-TG.22.0151_17 Datasheet
3Mb / 34P
   TG22 2G/3G CELLULAR CONNECTOR MOUNT MONOPOLE ANTENNA
logo
TE Connectivity Ltd
602-456-XXX TEC-602-456-XXX Datasheet
695Kb / 4P
   Cellular (2G/3G/4G) Outdoor Antenna
955-006-XXX TEC-955-006-XXX Datasheet
956Kb / 4P
   CELLULAR (2G/3G/4G) Magnetic Antenna
602-458-XXX TEC-602-458-XXX Datasheet
877Kb / 2P
   CELLULAR (2G/3G/4G) Outdoor Antenna
920-635-001 TEC-920-635-001 Datasheet
1Mb / 4P
   CELLULAR (2G/3G/4G) Screw Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com