Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WSA5800A101151 Datasheet(PDF) 8 Page - Taoglas antenna solutions

Part # WSA5800A101151
Description  Phoenix WSA.5800 Wi-Fi I-Bar 5.8GHz Antenna
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

WSA5800A101151 Datasheet(HTML) 8 Page - Taoglas antenna solutions

Back Button WSA5800A101151 Datasheet HTML 4Page - Taoglas antenna solutions WSA5800A101151 Datasheet HTML 5Page - Taoglas antenna solutions WSA5800A101151 Datasheet HTML 6Page - Taoglas antenna solutions WSA5800A101151 Datasheet HTML 7Page - Taoglas antenna solutions WSA5800A101151 Datasheet HTML 8Page - Taoglas antenna solutions WSA5800A101151 Datasheet HTML 9Page - Taoglas antenna solutions WSA5800A101151 Datasheet HTML 10Page - Taoglas antenna solutions WSA5800A101151 Datasheet HTML 11Page - Taoglas antenna solutions WSA5800A101151 Datasheet HTML 12Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
SPE-16-8-078/B
Page 8 of 23
4. Antenna Radiation Patterns
4.1 Antenna Setup (Antenna testing Setup in ETS Anechoic Chamber)
In free space
On glass
On the 2mm ABS
Y
X
Z
Z
Z
X
X
Y
Y


Similar Part No. - WSA5800A101151

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
WSA580 ASTRODYNE-WSA580 Datasheet
275Kb / 2P
   HIGH EFFICIENCY, COMPACT DESIGN SWITCHMODE TECHNOLOGY
More results

Similar Description - WSA5800A101151

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
WSA2458A101151 TAOGLAS-WSA2458A101151 Datasheet
2Mb / 29P
   Phoenix WSA.2458 Dual Band Wi-Fi I-Bar 2.4/5.8GHz Antenna with 1M RG-174 RP-SMA(M)
WSA2400A101151 TAOGLAS-WSA2400A101151 Datasheet
1Mb / 23P
   Phoenix WSA.2400 Bluetooth I-Bar 2.4GHz Antenna
WLA10 TAOGLAS-WLA10 Datasheet
1Mb / 19P
   Wi-Fi Dual Band 2.4GHz/5.8GHz Chip Antenna
FXP534D07C001 TAOGLAS-FXP534D07C001 Datasheet
1Mb / 16P
   Venti Embedded 5.8GHz Wi-Fi 80211ac 4-4 Mimo Antenna
FXP830090100C TAOGLAS-FXP830090100C Datasheet
432Kb / 13P
   FXP.830 Freedom Dual Band Wi-Fi 2.4/5.8GHz Dipole Antenna
logo
World Produts Inc.
WPANT10042 WPI-WPANT10042 Datasheet
93Kb / 2P
   Wi-Fi Embedded Antenna
WPANT10032 WPI-WPANT10032 Datasheet
111Kb / 3P
   Wi-Fi Embedded Antenna
WPANT10049 WPI-WPANT10049 Datasheet
98Kb / 2P
   Wi-Fi Embedded Antenna
WPANT10043 WPI-WPANT10043 Datasheet
85Kb / 2P
   Wi-Fi / ZigBee / WLAN Antenna
WPANT10078 WPI-WPANT10078 Datasheet
82Kb / 2P
   Wi-Fi / BT / ZigBee Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com