Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1855B-050 Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS1855B-050
Description  Dual Nonvolatile Digital Potentiometer and Secure Memory
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1855B-050 Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS1855B-050 Datasheet HTML 1Page - Dallas Semiconductor DS1855B-050 Datasheet HTML 2Page - Dallas Semiconductor DS1855B-050 Datasheet HTML 3Page - Dallas Semiconductor DS1855B-050 Datasheet HTML 4Page - Dallas Semiconductor DS1855B-050 Datasheet HTML 5Page - Dallas Semiconductor DS1855B-050 Datasheet HTML 6Page - Dallas Semiconductor DS1855B-050 Datasheet HTML 7Page - Dallas Semiconductor DS1855B-050 Datasheet HTML 8Page - Dallas Semiconductor DS1855B-050 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
DS1855
2 of 20
PIN DESCRIPTIONS
Name TSSOP BGA
Description
VCC
14
A3
Power Supply Terminal. The DS1855 will support supply
voltages ranging from +2.7V to +5.5V.
GND
7
D1
Ground Terminal.
SDA
1
B2
2-Wire serial data interface. The serial data pin is for serial data
transfer to and from the DS1855. The pin is open drain and may
be wire-ORed with other open drain or open collector interfaces.
SCL
2
A2
2-Wire Serial Clock Input. The serial clock input is used to
clock data into the DS1855 on rising edges and clock data out on
falling edges.
WP
6
C1
Write Protect Input. If set to logic 0, the data in memory and the
potentiometer wiper setting may be changed. If set to logic 1, both
the memory and the potentiometer wiper settings will be write
protected. The WP pin is pulled high internally.
A0
3
A1
Address Input. Pins A0, A1, and A2 are used to specify the
address of each DS1855 when used in a multi-dropped
configuration. Up to eight DS1855s may be addressed on a single
2-wire bus.
A1
4
B1
Address Input.
A2
5
C2
Address Input.
H0
13
A4
High terminal of Potentiometer 0. For both potentiometers, it is
not required that the high terminal be connected to a potential
greater than the low terminal. Voltage applied to the high terminal
of each potentiometer cannot exceed VCC or go below ground.
H1
11
B3
High terminal of Potentiometer 1.
L0
8
D3
Low terminal of Potentiometer 0. For both potentiometers, it is
not required that the low terminal be connected to a potential less
than the high terminal. Voltage applied to the low terminal of each
potentiometer cannot exceed VCC or go below ground.
L1
10
C4
Low terminal of Potentiometer 1.
W0
9
D4
Wiper terminal of Pot 0. The wiper position of Potentiometer 0
is determined by the byte at EEPROM memory location F9h.
Voltage applied to the wiper terminal of each potentiometer cannot
exceed the power supply voltage, VCC, or go below ground.
W1
12
B4
Wiper terminal of Pot 1. The wiper position of Potentiometer 1
is determined by the byte at EEPROM memory location F8h.
NC
C3
No Connect.
NC
D2
No Connect.


Similar Part No. - DS1855B-050

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1855 MAXIM-DS1855 Datasheet
509Kb / 21P
   Dual Nonvolatile Digital Potentiometer and Secure Memory
19-6586; Rev 2; 1/13
More results

Similar Description - DS1855B-050

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1855 MAXIM-DS1855 Datasheet
509Kb / 21P
   Dual Nonvolatile Digital Potentiometer and Secure Memory
19-6586; Rev 2; 1/13
logo
Analog Devices
AD5232BRUZ10-REEL7 AD-AD5232BRUZ10-REEL7 Datasheet
867Kb / 24P
   Nonvolatile Memory,Dual 256-Position Digital Potentiometer
REV. C
AD5232 AD-AD5232 Datasheet
268Kb / 20P
   8-Bit Dual Nonvolatile Memory Digital Potentiometer
REV. 0
AD5235 AD-AD5235_15 Datasheet
788Kb / 32P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
Rev. F
AD5232 AD-AD5232_15 Datasheet
867Kb / 24P
   Nonvolatile Memory, Dual 256-Position Digital Potentiometer
REV. B
AD5232BRUZ10 AD-AD5232BRUZ10 Datasheet
867Kb / 24P
   Nonvolatile Memory,Dual 256-Position Digital Potentiometer
REV. C
AD5235-EP AD-AD5235-EP Datasheet
376Kb / 16P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
REV. 0
AD5235BRUZ250 AD-AD5235BRUZ250 Datasheet
788Kb / 32P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
Rev. F
AD5231 AD-AD5231_15 Datasheet
536Kb / 28P
   Nonvolatile Memory, 1024-Position Digital Potentiometer
REV. D
logo
Xicor Inc.
X9221 XICOR-X9221 Datasheet
65Kb / 14P
   Dual E2POT??Nonvolatile Digital Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com