Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C0805H124D5GACT250 Datasheet(PDF) 2 Page - Kemet Corporation

Part # C0805H124D5GACT250
Description  Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0805H124D5GACT250 Datasheet(HTML) 2 Page - Kemet Corporation

  C0805H124D5GACT250 Datasheet HTML 1Page - Kemet Corporation C0805H124D5GACT250 Datasheet HTML 2Page - Kemet Corporation C0805H124D5GACT250 Datasheet HTML 3Page - Kemet Corporation C0805H124D5GACT250 Datasheet HTML 4Page - Kemet Corporation C0805H124D5GACT250 Datasheet HTML 5Page - Kemet Corporation C0805H124D5GACT250 Datasheet HTML 6Page - Kemet Corporation C0805H124D5GACT250 Datasheet HTML 7Page - Kemet Corporation C0805H124D5GACT250 Datasheet HTML 8Page - Kemet Corporation C0805H124D5GACT250 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1001_C0G_200C_SMD • 7/23/2014
2
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
High Temperature (200°C), C0G Dielectric, 10 – 200 VDC (Industrial Grade)
Dimensions – Millimeters (Inches)
L
B
W
S
T
EIA
Size
Code
Metric
Size
Code
L
Length
W
Width
T
Thickness
B
Bandwidth
S
Separation
Minimum
Mounting
Technique
0402
1005
1.00 (.040) ±0.05 (.002) 0.50 (.020) ±0.05 (.002)
See Table 2 for
Thickness
0.30 (.012) ±0.10 (.004)
0.30 (.012)
Solder Reflow Only
0603
1608
1.60 (.063) ±0.15 (.006) 0.80 (.032) ±0.15 (.006)
0.35 (.014) ±0.15 (.006)
0.70 (.028)
Solder Wave or
Solder Reflow
0805
2012
2.00 (.079) ±0.20 (.008) 1.25 (.049) ±0.20 (.008)
0.50 (0.02) ±0.25 (.010)
0.75 (.030)
1206
3216
3.20 (.126) ±0.20 (.008) 1.60 (.063) ±0.20 (.008)
0.50 (0.02) ±0.25 (.010)
N/A
1210
3225
3.20 (.126) ±0.20 (.008) 2.50 (.098) ±0.20 (.008)
0.50 (0.02) ±0.25 (.010)
Solder Reflow Only
1812
4532
4.50 (.177) ±0.30 (.012) 3.20 (.126) ±0.30 (.012)
0.60 (.024) ±0.35 (.014)
2220
5650
5.70 (.224) ±0.40 (.016) 5.00 (.197) ±0.40 (.016)
0.60 (.024) ±0.35 (.014)
Benefits
• -55°C to +200°C operating temperature range
• Lead (Pb)-Free, RoHS and REACH compliant
• EIA 0402, 0603, 0805, 1206, 1210, 1812, and 2220 case sizes
• DC voltage ratings of 10 V, 16 V, 25 V, 50 V, 100 V, and 200 V
• Capacitance offerings ranging from 0.5 pF up to 0.47 μF
• Available capacitance tolerances of ±0.10 pF, ±0.25 pF,
±0.5 pF, ±1%, ±2%, ±5%, ±10% or ±20%
• No piezoelectric noise• Extremely low ESR and ESL
• High thermal stability
• High ripple current capability
• Preferred capacitance solution at line frequencies and into the
MHz range
• No capacitance change with respect to applied rated DC voltage
• Negligible capacitance change with respect to temperature from
-55°C to +200°C
• No capacitance decay with time
• Non-polar device, minimizing installation concerns
• 100% pure matte tin-plated termination finish allowing for
excellent solderability
Applications
Typical applications include critical timing, tuning, circuits requiring low loss, circuits with pulse, high current, decoupling, bypass,
filtering, transient voltage suppression, blocking and energy storage for use in extreme environments such as down-hole exploration,
aerospace engine compartments and geophysical probes.


Similar Part No. - C0805H124D5GACT250

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805H124D5GACTU KEMET-C0805H124D5GACTU Datasheet
538Kb / 6P
   Surface Mount Ceramic Chip Capacitors High Temperature 200쨘C C0G MLCC
More results

Similar Description - C0805H124D5GACT250

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805C102K5RAC7800 KEMET-C0805C102K5RAC7800 Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C2824H393KUGWCTU KEMET-C2824H393KUGWCTU Datasheet
1Mb / 17P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0805C225M4RACAUTO KEMET-C0805C225M4RACAUTO Datasheet
1Mb / 23P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1210C332JCGACTU KEMET-C1210C332JCGACTU Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603C333K5RACTU KEMET-C0603C333K5RACTU Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603C470J5GACAUTO KEMET-C0603C470J5GACAUTO Datasheet
1Mb / 19P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603C104J3RECAUTO KEMET-C0603C104J3RECAUTO Datasheet
1Mb / 18P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1206X106K4RACAUTO KEMET-C1206X106K4RACAUTO Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1003_C0G_SMD KEMET-C1003_C0G_SMD Datasheet
871Kb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
8/21/2023
C0805C226M9PACTU KEMET-C0805C226M9PACTU Datasheet
1Mb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1210C225K1RAC KEMET-C1210C225K1RAC Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com