Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M2023TJW04-FA Datasheet(PDF) 6 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # M2023TJW04-FA
Description  General Specifications
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

M2023TJW04-FA Datasheet(HTML) 6 Page - Nihon Kaiheiki Industry Co. Ltd.

Back Button M2023TJW04-FA Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. M2023TJW04-FA Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. M2023TJW04-FA Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. M2023TJW04-FA Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. M2023TJW04-FA Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. M2023TJW04-FA Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. M2023TJW04-FA Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. M2023TJW04-FA Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. M2023TJW04-FA Datasheet HTML 10Page - Nihon Kaiheiki Industry Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
Series M
Snap-In Mount Miniature Rockers
B67
B
www.nkkswitches.com
TERMINALS
ROCKERS & PADDLES
01
03
05
08
07
06
Solder Lug
02 .062” (1.57mm) Wide
Quick Connect
.425” (10.8mm)
Wirewrap or Extended PC
.750” (19.05mm)
Wirewrap or Extended PC
.964” (24.5mm)
Wirewrap or Extended PC
1.062” (27.0mm)
Wirewrap or Extended PC
.250” (6.35mm)
Straight PC
If using as extended PC terminal, refer to
the above footprints.
Dimension A = terminal lengths as shown
beside the terminal codes
at the left.
Single Pole
Double Pole
(6.35)
.250
Epoxy Seal
Thk = (0.8)
.031
(1.57)
.062
Epoxy Seal
(2.0)
.079
(2.0)
.079
(4.0)
.157
(1.1)
.043
Thk = (0.8)
.031
Epoxy Seal
(4.8)
.189
(6.35)
.250
(1.17)
.046
Thk = (0.8)
.031
Thk = (0.8)
.031
Epoxy Seal
A
(1.27)
.050
(4.7) Typ
.185
(4.8)
.189
(1.8) Dia Typ
.073
1
2
3
6
5
4
(4.7) Typ
.185
(1.8) Dia Typ
.073
1
2
3
AT4150
.450” (11.43mm)
Wide Rocker
F
Black
A
Cap Colors
Available:
White
B
Red
C
Yellow
E
Green
F
Blue
G
Material: Polyamide
Finish: Matte
Colors Available:
A, B, C, E, F, G, H
Gray
H
AT4151
.450” (11.43mm)
Wide Paddle
G
Material: Polyamide
Finish: Matte
Colors Available:
A, B, C, E, F, G, H
AT466 .453” (11.5mm)
False Illuminated Rocker
S
Rocker
False Illuminator
Material:
Polycarbonate
Acrylonitrile Butadiene Styrene
Finish:
Glossy
Colors:
Black
White and Red
When a bezel is selected with AT466, glossy polycarbonate AT207 is supplied.
(6.3)
.248
(9.19)
.362
(11.43)
.450
(7.11)
.280
(1.8)
.071 (11.8)
.465
(11.8)
.465
(16.36)
.644
(11.43)
.450
(2.36)
.093
(1.8)
.071
(5.84) R
.230
(8.6)
.339
(11.3)
.445
(7.7)
.303
(1.8)
.071
(11.8)
.465
(11.5)
.453


Similar Part No. - M2023TJW04-FA

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
M2023TNA NKK-M2023TNA Datasheet
332Kb / 10P
   Miniature Rockers
M2023TNG NKK-M2023TNG Datasheet
332Kb / 10P
   Miniature Rockers
M2023TNW NKK-M2023TNW Datasheet
332Kb / 10P
   Miniature Rockers
M2023TYA NKK-M2023TYA Datasheet
332Kb / 10P
   Miniature Rockers
M2023TYG NKK-M2023TYG Datasheet
332Kb / 10P
   Miniature Rockers
More results

Similar Description - M2023TJW04-FA

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com