Electronic Components Datasheet Search |
|
C0805H124G2GACT250 Datasheet(PDF) 3 Page - Kemet Corporation |
|
C0805H124G2GACT250 Datasheet(HTML) 3 Page - Kemet Corporation |
3 / 19 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com C1001_C0G_200C_SMD • 7/23/2014 3 Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) High Temperature (200°C), C0G Dielectric, 10 – 200 VDC (Industrial Grade) Qualification/Certification High temperature (200ºC) Industrial grade products meet or exceed the requirements outlined in Table 4, Performance & Reliability. Qualification packages are available for review and download on our website at www.kemet.com/hightemp Environmental Compliance Lead (Pb)-Free, RoHS, and REACH compliant without exemptions (excluding SnPb termination finish option). Electrical Parameters/Characteristics Item Parameters/Characteristics Operating Temperature Range -55°C to +200°C Capacitance Change with Reference to +25°C and 0 VDC Applied (TCC) ±30 ppm/ºC (up to +200ºC) Aging Rate (Maximum % Capacitance Loss/Decade Hour) 0% Dielectric Withstanding Voltage (DWV) 250% of rated voltage (5 ±1 second and charge/discharge not exceeding 50 mA) Dissipation Factor (DF) Maximum Limit @ 25ºC 0.1% Insulation Resistance (IR) Limit @ 25°C 1,000 megohm microfarads or 100 GΩ (Rated voltage applied for 120 ±5 seconds @ 25°C) To obtain IR limit, divide MΩ-µF value by the capacitance and compare to GΩ limit. Select the lower of the two limits. Capacitance and Dissipation Factor (DF) measured under the following conditions: 1 MHz ±100 kHz and 1.0 Vrms ±0.2 V if capacitance ≤ 1,000 pF 1 kHz ± 50 Hz and 1.0 Vrms ±0.2 V if capacitance > 1,000 pF Note: When measuring capacitance it is important to ensure the set voltage level is held constant. The HP4284 and Agilent E4980 have a feature known as Automatic Level Control (ALC). The ALC feature should be switched to "ON." Post Environmental Limits High Temperature Life, Biased Humidity, Moisture Resistance Dielectric Rated DC Voltage Capacitance Value Dissipation Factor (Maximum %) Capacitance Shift Insulation Resistance C0G All All 0.5 0.3% or ±0.25 pF 10% of Initial Limit |
Similar Part No. - C0805H124G2GACT250 |
|
Similar Description - C0805H124G2GACT250 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |