Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRD10200CT Datasheet(PDF) 1 Page - Littelfuse

Part # MBRD10200CT
Description  Low forward voltage drop
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

MBRD10200CT Datasheet(HTML) 1 Page - Littelfuse

  MBRD10200CT Datasheet HTML 1Page - Littelfuse MBRD10200CT Datasheet HTML 2Page - Littelfuse MBRD10200CT Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Schottky Barrier Rectifier
©2015 Littelfuse, Inc
Specifications are subject to change without notice.
Revised:11/09/15
MBRD10200CT 2x 5A, 200V,TO-252 Common cathode
MBRD10200CT
Maximum Ratings
Parameters
Symbol
Test Conditions
Max
Unit
Peak Inverse Voltage
V
RWM
-
200
V
Average Forward Current
I
F(AV)
50% duty cycle @T
C = 105°C,
rectangular wave form
5 (per leg)
A
10 (total device)
Peak One Cycle Non-Repetitive Surge
Current (per leg)
I
FSM
8.3ms,half Sine pulse
128
A
Pin out
RoHS Pb
Electrical Characteristics
Parameters
Symbol
Test Conditions
Max
Unit
Forward Voltage Drop (per leg) *
V
F1
@ 5A, Pulse, T
J = 25 °C
0.9
V
V
F2
@ 5A, Pulse, T
J = 125 °C
0.74
Reverse Current (per leg) *
I
R1
@V
R = rated VR TJ = 25 °C
1.0
mA
I
R2
@V
R = rated VR TJ = 125 °C
25
Junction Capacitance (per leg)
C
T
@V
R = 5V, TC = 25 °C fSIG = 1MHz
150
pF
Typical Series Inductance (per leg)
L
S
Measured lead to lead 5 mm from package body
8.0
nH
Voltage Rate of Change
dv/dt
10,000
V/μs
* Pulse Width < 300μs, Duty Cycle <2%
Description
Applications
Littelfuse MBR series Schottky Barrier Rectifier is
designed to meet the general requirements of commercial
applications by providing high temperature, low leakage
and low V
F products.
It is suitable for high frequency switching mode power
supply, free-wheeling diodes and polarity protection
diodes.
• Switching mode power
supply
• Free-wheeling diodes
• DC/DC converters
• Polarity protection diodes
Features
• High junction
temperature capability
• Guard ring for enhanced
ruggedness and long
term reliability
• Low forward voltage drop
• High frequency operation
• Common cathode
configuration in compact
surface mount TO-252
package
Pinout 1
D2-PAK & D-PAK
Common Cathode
Pinout 2
TO-220AB
Common Cathode
Pinout 3
ITO-220AB
Common Cathode
Pinout 4
ITO-220AB
Common Anode
Heat sink
Common
Cathode
1
3
Heat sink
1
3
2
1
3
2
Cathode
Cathode
1
3
2
Common
Anode
Common
Cathode
Common
Cathode
Anode
Anode
Anode
Anode
Anode
Anode
Common
Cathode
Heat sink
1
2
Pinout 5
TO-220AC
Cathode
Cathode
Anode


Similar Part No. - MBRD10200CT

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
MBRD10200CT SMC-MBRD10200CT Datasheet
214Kb / 7P
   SCHOTTKY RECTIFIER
logo
Jiangsu Changjiang Elec...
MBRD10200CT JIANGSU-MBRD10200CT Datasheet
891Kb / 4P
   SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
MBRD10200CT GOOD-ARK-MBRD10200CT Datasheet
428Kb / 4P
   Schottky Barrier Rectifier
logo
Foshan Blue Rocket Elec...
MBRD10200CT FOSHAN-MBRD10200CT Datasheet
696Kb / 6P
   Schottky Diode in a TO-252 Plastic Package
logo
Micro Commercial Compon...
MBRD10200CT MCC-MBRD10200CT Datasheet
646Kb / 3P
   10 Amp Schottky Rectifier 150~200V
More results

Similar Description - MBRD10200CT

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
30D4 NIEC-30D4 Datasheet
21Kb / 2P
   LOW FORWARD VOLTAGE DROP
logo
Sangdest Microelectroni...
GBJ20005 SMC-GBJ20005 Datasheet
128Kb / 4P
   Low forward voltage drop
logo
FCI connector
75TR10 FCI-CONNECTOR-75TR10 Datasheet
173Kb / 1P
   Low Forward Voltage Drop
logo
DIYI Electronic Technol...
GBPC35005 DYELEC-GBPC35005 Datasheet
2Mb / 2P
   Low forward voltage drop
logo
Unisonic Technologies
TGBR30L60CL-TA3-T UTC-TGBR30L60CL-TA3-T Datasheet
157Kb / 3P
   Low forward voltage drop
logo
Vishay Siliconix
VS-ETH1506SHM3 VISHAY-VS-ETH1506SHM3 Datasheet
126Kb / 6P
   Low forward voltage drop
Revision: 10-Jul-15
logo
Littelfuse
MBR10150CT LITTELFUSE-MBR10150CT Datasheet
596Kb / 3P
   Low forward voltage drop
MBRB2060CT LITTELFUSE-MBRB2060CT Datasheet
592Kb / 3P
   Low forward voltage drop
MBRF20200CTR LITTELFUSE-MBRF20200CTR Datasheet
622Kb / 3P
   Low forward voltage drop
logo
Sangdest Microelectroni...
189NQ135 SMC-189NQ135 Datasheet
174Kb / 4P
   Low forward voltage drop
DB151S SMC-DB151S Datasheet
142Kb / 4P
   Low forward voltage drop
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com