Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN53418 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FAN53418
Description  Synchronous DC-DC MOSFET Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN53418 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FAN53418 Datasheet HTML 1Page - Fairchild Semiconductor FAN53418 Datasheet HTML 2Page - Fairchild Semiconductor FAN53418 Datasheet HTML 3Page - Fairchild Semiconductor FAN53418 Datasheet HTML 4Page - Fairchild Semiconductor FAN53418 Datasheet HTML 5Page - Fairchild Semiconductor FAN53418 Datasheet HTML 6Page - Fairchild Semiconductor FAN53418 Datasheet HTML 7Page - Fairchild Semiconductor FAN53418 Datasheet HTML 8Page - Fairchild Semiconductor FAN53418 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
FAN53418
2
REV. 1.0.0 6/11/03
Pin Configuration
Pin Description
Internal Block Diagram
Pin Number
Pin Name
Pin Function Description
1
BST
Bootstrap Supply Input. Provides voltage supply to high-side MOSFET driver.
Connect to bootstrap capacitor (typically 100nF to 1µF). See Applications
Section for detailed information.
2IN
PWM Signal Input. This pin accepts a digital logic-level PWM switching signal
from the controller.
3OD
Output Disable. When low, this pin disables PWM switching and pulls DRVH
and DRVL low.
4
VCC
Power Input. +12V chip bias power. Bypass with a 1µF ceramic capacitor.
5DRVL
Low Side Gate Drive Output. Connect to the gate of low-side power
MOSFET(s).
6
PGND
Power Ground. Power ground connect close to low-side MOSFET to minimize
ground loops.
7SW
Switch Node Input. Connect to switching node between HS and LS MOSFETs.
It is necessary for adaptive shoot-thru protection. Also it provides return for
high-side bootstrapped driver.
8DRVH
High Side Gate Drive Output. Connect to the gate of high-side power
MOSFET(s).
IN
OD
VCC
BST
DRVH
SW
DRVL
PGND
1
2
3
4
8
7
6
5
FAN53418
SOIC-8
3
Delay
DRVH
DRVL
SW
BST
VCC
IN
+1V
+1V
6
5
7
8
1
4
2
PGND
OD
1k


Similar Part No. - FAN53418

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5341 FAIRCHILD-FAN5341 Datasheet
699Kb / 11P
   Series Boost LED Driver with Integrated Schottky Diode and Single-Wire Digital Interface
logo
ON Semiconductor
FAN5341 ONSEMI-FAN5341 Datasheet
654Kb / 11P
   Series Boost LED Driver with Integrated Schottky Diode and Single-Wire Digital Interface
October-2017, Rev .2
logo
Fairchild Semiconductor
FAN5341UMPX FAIRCHILD-FAN5341UMPX Datasheet
699Kb / 11P
   Series Boost LED Driver with Integrated Schottky Diode and Single-Wire Digital Interface
logo
ON Semiconductor
FAN5341UMPX ONSEMI-FAN5341UMPX Datasheet
654Kb / 11P
   Series Boost LED Driver with Integrated Schottky Diode and Single-Wire Digital Interface
October-2017, Rev .2
More results

Similar Description - FAN53418

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP41103DM VISHAY-SIP41103DM Datasheet
136Kb / 8P
   Synchronous Rectification N-Channel MOSFET Driver for DC/DC Conversion
Rev. E, 04-Sep-06
SIP41103 VISHAY-SIP41103 Datasheet
136Kb / 8P
   Synchronous Rectification N-Channel MOSFET Driver for DC/DC Conversion
Rev. E, 04-Sep-06
logo
International Rectifier
IRF7351TRPBF IRF-IRF7351TRPBF Datasheet
288Kb / 10P
   Synchronous Rectifier MOSFET for Isolated DC-DC Converters
logo
Rohm
BD9B400MUV ROHM-BD9B400MUV Datasheet
1Mb / 34P
   Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD9E302EFJ ROHM-BD9E302EFJ Datasheet
2Mb / 44P
   Integrated MOSFET Single Synchronous Buck DC/DC Converter
logo
International Rectifier
IRF7351PBF IRF-IRF7351PBF Datasheet
288Kb / 10P
   Synchronous Rectifier MOSFET for Isolated DC-DC Converters
logo
Rohm
BD91364AMUU ROHM-BD91364AMUU Datasheet
926Kb / 31P
   Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD9B500MUV ROHM-BD9B500MUV Datasheet
2Mb / 34P
   Integrated MOSFET Single Synchronous Buck DC/DC Converter
logo
Semtech Corporation
SC1185 SEMTECH-SC1185_05 Datasheet
252Kb / 14P
   Programmable Synchronous DC/DC
logo
Micro Analog systems
MAS6251 MAS-MAS6251 Datasheet
1Mb / 21P
   Piezo and LED Driver with Synchronous Boost DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com