Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T491A106K020AT Datasheet(PDF) 1 Page - Kemet Corporation

Part # T491A106K020AT
Description  Tantalum, MnO2 Tantalum, T491, 10 uF, 10%, 20 V, 3216, SMD, MnO2, Molded, 5 Ohms, Height Max = 1.8mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T491A106K020AT Datasheet(HTML) 1 Page - Kemet Corporation

  T491A106K020AT Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 6/15/2017 - 3ee8cd5a-40e6-46ca-b55e-77c3963cf0ce
KEMET Part Number: T491A106K020AT
Tantalum, MnO2 Tantalum, T491, 10 uF, 10%, 20 V, 3216, SMD, MnO2, Molded, 5 Ohms, Height Max = 1.8mm
Dimensions
Footprint
3216
L
3.2mm +/-0.2mm
W
1.6mm +/-0.2mm
H
1.6mm +/-0.2mm
T
0.13mm REF
S
0.8mm +0.2/-0.3mm
F
1.2mm +/-0.1mm
A
1.2mm MIN
B
0.4mm +/-0.15mm
E
1.3mm REF
G
1.1mm REF
P
0.4mm REF
R
0.4mm REF
X
0.1mm +/-0.1mm
Packaging Specifications
Weight: 58.6 mg
Packaging: T&R, 178mm
Packaging Quantity: 2000
General Information
Dielectric: MnO2 Tantalum
Style: SMD Chip
Series: T491
Description: SMD, MnO2, Molded
RoHS: Yes
Termination: Tin
Specifications
Capacitance: 10 uF
Capacitance Tolerance: 10%
Voltage DC: 20 VDC (85C), 13.4 VDC (125C)
Temperature Range: -55/+125C
Dissipation Factor: 10% 120Hz 20C
Failure Rate: N/A
Resistance: 5 Ohms (100kHz)
Current:
122 mAmps (100kHz 25C),
109.8 mAmps (85C), 48.8
mAmps (125C)
Leakage Current: 2 uAmps (5min 20C)
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - T491A106K020AT

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
T491A106K006AS-F CDE-T491A106K006AS-F Datasheet
368Kb / 5P
   Solid Tantalum Chip Capacitors for Surface Mount Applications
logo
Kemet Corporation
T491A106K010AG KEMET-T491A106K010AG Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum T491 Industrial Grade MnO2 Series
T491A106K010AH KEMET-T491A106K010AH Datasheet
75Kb / 1P
   T491, Tantalum, MnO2 Tantalum, 10 uF, 10%, 10 VDC, SMD, MnO2, Molded, 3.8 Ohms, 3216, Height Max = 1.8mm
T491A106K010AT KEMET-T491A106K010AT Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 10 uF, 10%, 10 V, 3216, SMD, MnO2, Molded, 3.8 Ohms, Height Max = 1.8mm
T491A106K010ATAUTO KEMET-T491A106K010ATAUTO Datasheet
478Kb / 4P
   T491 Auto, Tantalum, MnO2 Tantalum, 10 uF, 10%, 10 VDC, SMD, MnO2, Molded, Auto, AEC-Q200, 3.8 Ohms, 3216, Height Max = 1.8mm
More results

Similar Description - T491A106K020AT

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491A105K010AT KEMET-T491A105K010AT Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 1 uF, 10%, 10 V, 3216, SMD, MnO2, Molded, 10 Ohms, Height Max = 1.8mm
T491A106K010AT KEMET-T491A106K010AT Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 10 uF, 10%, 10 V, 3216, SMD, MnO2, Molded, 3.8 Ohms, Height Max = 1.8mm
T491A225M010AT KEMET-T491A225M010AT Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 2.2 uF, 20%, 10 V, 3216, SMD, MnO2, Molded, 7 Ohms, Height Max = 1.8mm
T491A104K050AT KEMET-T491A104K050AT Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 0.1 uF, 10%, 50 V, 3216, SMD, MnO2, Molded, 20 Ohms, Height Max = 1.8mm
T491A335K020AT KEMET-T491A335K020AT Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 3.3 uF, 10%, 20 V, 3216, SMD, MnO2, Molded, 4 Ohms, Height Max = 1.8mm
T491A475K020AT KEMET-T491A475K020AT Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 4.7 uF, 10%, 20 V, 3216, SMD, MnO2, Molded, 4 Ohms, Height Max = 1.8mm
T491A335K010AT KEMET-T491A335K010AT Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 3.3 uF, 10%, 10 V, 3216, SMD, MnO2, Molded, 5.5 Ohms, Height Max = 1.8mm
T491A685K010AT KEMET-T491A685K010AT Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 6.8 uF, 10%, 10 V, 3216, SMD, MnO2, Molded, 4 Ohms, Height Max = 1.8mm
T491A106M004AT KEMET-T491A106M004AT Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 10 uF, 20%, 4 V, 3216, SMD, MnO2, Molded, 4.5 Ohms, Height Max = 1.8mm
T491A685M010AT KEMET-T491A685M010AT Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 6.8 uF, 20%, 10 V, 3216, SMD, MnO2, Molded, 4 Ohms, Height Max = 1.8mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com