Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C0603H124C5GACT500 Datasheet(PDF) 4 Page - Kemet Corporation

Part # C0603H124C5GACT500
Description  Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0603H124C5GACT500 Datasheet(HTML) 4 Page - Kemet Corporation

  C0603H124C5GACT500 Datasheet HTML 1Page - Kemet Corporation C0603H124C5GACT500 Datasheet HTML 2Page - Kemet Corporation C0603H124C5GACT500 Datasheet HTML 3Page - Kemet Corporation C0603H124C5GACT500 Datasheet HTML 4Page - Kemet Corporation C0603H124C5GACT500 Datasheet HTML 5Page - Kemet Corporation C0603H124C5GACT500 Datasheet HTML 6Page - Kemet Corporation C0603H124C5GACT500 Datasheet HTML 7Page - Kemet Corporation C0603H124C5GACT500 Datasheet HTML 8Page - Kemet Corporation C0603H124C5GACT500 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1001_C0G_200C_SMD • 7/23/2014
4
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
High Temperature (200°C), C0G Dielectric, 10 – 200 VDC (Industrial Grade)
Electrical Characteristics
IR vs. Temperature with 25 V DC Bias (Rated Voltage)
Capacitance vs. Temperature with 25 V DC Bias
(Rated Voltage)
BME vs. PME/IR vs. Temperature with 25 V DC Bias
(Rated Voltage)
DF vs. Temperature without DC Bias.
C1210H104J1GAC - Life Test IR Distribution (Lognormal)
Delta Cap vs. Temperature (Typical)
0
50
100
150
200
Temperature (°C)
200ºC C0G 100nF no DC
200ºC C0G 100nF 25V DC
-1.00
-0.50
0.00
0.50
1.00
Temperature (°C)
200ºC C0G MLCC 100nF
-20
-15
-10
-5
0
5
10
15
20
Temperature (ºC)
0 Vr
100% Vr
100.0
10.0
1.0
0.1
99
95
90
80
70
60
50
40
30
20
10
5
1
25°C IR (GOhms)
0 hrs
2000 hrs
1.E+01
1.E+02
1.E+03
1.E+04
1.E+05
1.E+06
1.E+07
1.E+08
Temperature (°C)
PME C0G MLCC 1206/10nF
BME C0G MLCC 1206/10nF
1.E+00
1.E+01
1.E+02
1.E+03
1.E+04
1.E+05
1.E+06
1.E+07
1.E+08
Temperature (°C)
200ºC C0G MLCC 100nF


Similar Part No. - C0603H124C5GACT500

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0603H124C5GACTU KEMET-C0603H124C5GACTU Datasheet
538Kb / 6P
   Surface Mount Ceramic Chip Capacitors High Temperature 200쨘C C0G MLCC
More results

Similar Description - C0603H124C5GACT500

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805C102K5RAC7800 KEMET-C0805C102K5RAC7800 Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C2824H393KUGWCTU KEMET-C2824H393KUGWCTU Datasheet
1Mb / 17P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0805C225M4RACAUTO KEMET-C0805C225M4RACAUTO Datasheet
1Mb / 23P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1210C332JCGACTU KEMET-C1210C332JCGACTU Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603C333K5RACTU KEMET-C0603C333K5RACTU Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603C470J5GACAUTO KEMET-C0603C470J5GACAUTO Datasheet
1Mb / 19P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603C104J3RECAUTO KEMET-C0603C104J3RECAUTO Datasheet
1Mb / 18P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1206X106K4RACAUTO KEMET-C1206X106K4RACAUTO Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1003_C0G_SMD KEMET-C1003_C0G_SMD Datasheet
871Kb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
8/21/2023
C0805C226M9PACTU KEMET-C0805C226M9PACTU Datasheet
1Mb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1210C225K1RAC KEMET-C1210C225K1RAC Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com