Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TG308111W Datasheet(PDF) 2 Page - Taoglas antenna solutions

Part # TG308111W
Description  Apex Black Straight TG.30 Ultra-WideBand 4g LTE Antenna
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

TG308111W Datasheet(HTML) 2 Page - Taoglas antenna solutions

  TG308111W Datasheet HTML 1Page - Taoglas antenna solutions TG308111W Datasheet HTML 2Page - Taoglas antenna solutions TG308111W Datasheet HTML 3Page - Taoglas antenna solutions TG308111W Datasheet HTML 4Page - Taoglas antenna solutions TG308111W Datasheet HTML 5Page - Taoglas antenna solutions TG308111W Datasheet HTML 6Page - Taoglas antenna solutions TG308111W Datasheet HTML 7Page - Taoglas antenna solutions TG308111W Datasheet HTML 8Page - Taoglas antenna solutions TG308111W Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
US Patent No.: 9559423
SPE-12-8-119/E/WY
Page 2 of 21
1. Introduction
The Apex White Straight TG.30 Dipole LTE Antenna is primarily designed for use with 4G
LTE modules and devices that require the highest possible efficiency and peak gain to
deliver best in class throughput on all major cellular (4G/3G/2G) bands worldwide for
access points, terminals and routers. The antenna is a ground plane independent
antenna with a SMA (M) connector and swivel mechanism that allows the antenna part to
be rotated around the connector. The Apex exhibits high efficiency across the ultra wide
band and is backward compatible with 2G and 3G cellular applications such as GSM, LTE,
UMTS, WiFi and even has GPS included for Assisted GPS and/or E911 applications. With
very high efficiency on every cellular band globally it is an ideal solution for any device
requiring high, reliable performance. It is also guaranteed to meet any type approval or
carrier certification requirements from a RF standpoint.
It is an omnidirectional
antenna and the radiation patterns display this and are stable across all bands.
It has a quality robust IP67 UV resistant housing (SMA connector is IP65) for use with
wireless terminals. The swivel mechanism allows the antenna part itself to be orientated
in different directions and can help avoid touching off other antennas or objects close by
as well as helping with isolation by orientating the antenna in different directions in
MIMO systems or when other TG.30 antennas are present on the same device.
This patented antenna is also available in Black; hinged and right angled versions.


Similar Part No. - TG308111W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TG308111W ETC2-TG308111W Datasheet
1Mb / 26P
   Apex White Straight TG.30 Ultra-Wideband 4G LTE Antenna
More results

Similar Description - TG308111W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TG308111 ETC2-TG308111 Datasheet
1Mb / 26P
   Apex Black Straight TG.30 Ultra-Wideband 4G LTE Antenna
logo
Taoglas antenna solutio...
TG308111 TAOGLAS-TG308111 Datasheet
2Mb / 21P
   Apex Black Straight TG.30 Ultra-WideBand 4g LTE Antenna
logo
List of Unclassifed Man...
TG308111W ETC2-TG308111W Datasheet
1Mb / 26P
   Apex White Straight TG.30 Ultra-Wideband 4G LTE Antenna
TG308113 ETC2-TG308113 Datasheet
2Mb / 40P
   Apex Hinged TG.30 Ultra-Wideband 4G LTE Antenna
TG308112 ETC2-TG308112 Datasheet
1Mb / 26P
   Apex Black Right Angle TG.30 Ultra-Wideband 4G LTE Antenna
TG308113W ETC2-TG308113W Datasheet
2Mb / 40P
   Apex White Hinged TG.30 Ultra-Wideband 4G LTE Antenna
logo
Taoglas antenna solutio...
TG.30.8113W TAOGLAS-TG.30.8113W_18 Datasheet
11Mb / 43P
   Apex White Hinged TG.30 Wideband 4G LTE Antenna
TG.30.8113 TAOGLAS-TG.30.8113_18 Datasheet
10Mb / 43P
   Apex White Hinged TG.30 Wideband 4G LTE Antenna
logo
List of Unclassifed Man...
TG308112W ETC2-TG308112W Datasheet
1Mb / 25P
   Apex White Right Angle TG.30 Ultra-Wideband 4G LTE Antenna
logo
Taoglas antenna solutio...
TG.30.8112W TAOGLAS-TG.30.8112W_18 Datasheet
1Mb / 20P
   Apex White RIGHT ANGLE TG.30 ULTRA-WIDEBAND 4G LTE Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com