Electronic Components Datasheet Search |
|
UG8xT Datasheet(PDF) 1 Page - Vishay Siliconix |
|
UG8xT Datasheet(HTML) 1 Page - Vishay Siliconix |
1 / 5 page UG8xT, UGF8xT, UGB8xT www.vishay.com Vishay General Semiconductor Revision: 21-Aug-13 1 Document Number: 88767 For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 High Voltage Ultrafast Rectifier FEATURES • Power pack • Glass passivated chip junction • Ultrafast recovery time • Soft recovery characteristics • Low switching losses, high efficiency • High forward surge capability • Meets MSL level 1, per J-STD-020, LF maximum peak of 245 °C (for TO-263AB package) • Solder dip 275 °C max., 10 s per JESD 22-B106 (for TO-220AC and ITO-220AC package) • AEC-Q101 qualified • Material categorization: For definitions of compliance please see www.vishay.com/doc?99912 TYPICAL APPLICATIONS For use in high voltage and high frequency power factor correction application. MECHANICAL DATA Case: TO-220AC, ITO-220AC, TO-263AB Molding compound meets UL 94V-0 flammability rating Base P/N-E3 - RoHS-compliant, commercial grade Base P/NHE3 - RoHS-compliant, AEC-Q101 qualified Terminals: Matte tin plated leads, solderable per J-STD-002 and JESD22-B102 E3 suffix meets JESD 201 class 1A whisker test, HE3 suffix meets JESD 201 class 2 whisker test Polarity: As marked Mounting Torque: 10 in-lbs max. PRIMARY CHARACTERISTICS IF(AV)8.0 A VRRM 500 V to 600 V IFSM 100 A trr 25 ns tfr 500 ns VF at IF = 8 A 1.5 V TJ max. 150 °C Package TO-220AC, ITO-220AC, TO-263AB Diode variation Single die CASE PIN 2 PIN 1 TO-220AC UG8xT ITO-220AC UGF8xT UGB8xT PIN 1 PIN 2 K HEATSINK 1 2 1 2 K PIN 2 PIN 1 TO-263AB 1 2 MAXIMUM RATINGS (TC = 25 °C unless otherwise noted) PARAMETER SYMBOL UG8HT UG8JT UNIT Max. repetitive peak reverse voltage VRRM 500 600 V Max. working reverse voltage VRWM 400 480 V Max. RMS voltage VRMS 350 420 V Max. DC blocking voltage VDC 500 600 V Max. average forward rectified current IF(AV) 8.0 A Peak forward surge current 8.3 ms single half sine-wave superimposed on rated load IFSM 100 A Operating junction and storage temperature range TJ, TSTG - 55 to + 150 °C Isolation voltage (ITO-220AB only) from terminals to heatsink t = 1 min VAC 1500 V |
Similar Part No. - UG8xT |
|
Similar Description - UG8xT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |