Electronic Components Datasheet Search |
|
57FE-20240-2A Datasheet(PDF) 1 Page - DDK Ltd. |
|
57FE-20240-2A Datasheet(HTML) 1 Page - DDK Ltd. |
1 / 9 page http://www.ddknet.co.jp ◎ Specifications and/or dimensions in this catalog are subject to change without notice. Please varify the latest specifications with our drawings. RoHS Compliant RoHS Compliant Shielded IDC Flat Cable Connector 57FE Series Item Material / Finish Insulator PC Resin(UL94V-0)/ Blue Contact Copper Alloy / Au over Ni Plating Shell Copper Alloy / Ni Plating (57FE-20, 40 Type) Strain Relief Polycarbonate(UL94V-0)/Blue Ground Tab Copper Alloy / Ni Plating(57FE-10, 30 Type) Bail Lock Stainless Steel(57FE-40 Type) Metal Hood Aluminum Alloy / Gray(Outside Only) Plastic Hood ABS Resin / Ni Plating Boot PVC(57FE-30 Type) 170630 10 Type (Plug for Rack and Panel) 20 Type (Receptacle for Rack and Panel) 30 Type (Cable Plug) 40 Type (Panel Receptacle) FEATURE ● 57FE series is a shielded IDC connectors for flat cable. It is covered the interface by the metal plates for EMC. Rated Voltage 250V AC (r.m.s.) Rated Current 1A / Contact Dielectric Withstanding Voltage 500V AC (r.m.s.) / 1 minute Insulation Resistance 1000M Ω min. at 500V DC Contact Resistance 35m Ω max. Operating Temperature - 55℃~+ 105℃ Applicable Cable Cable Pitch : 1.27mm AWG#28 (Solid Cable, Stranded Cable) AWG#30 (Solid Cable) SPECIFICATIONS MATERIAL/ FINISH |
Similar Part No. - 57FE-20240-2A |
|
Similar Description - 57FE-20240-2A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |