Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

57-40360-12 Datasheet(PDF) 4 Page - DDK Ltd.

Part # 57-40360-12
Description  Ribbon Connector
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

57-40360-12 Datasheet(HTML) 4 Page - DDK Ltd.

  57-40360-12 Datasheet HTML 1Page - DDK Ltd. 57-40360-12 Datasheet HTML 2Page - DDK Ltd. 57-40360-12 Datasheet HTML 3Page - DDK Ltd. 57-40360-12 Datasheet HTML 4Page - DDK Ltd. 57-40360-12 Datasheet HTML 5Page - DDK Ltd. 57-40360-12 Datasheet HTML 6Page - DDK Ltd. 57-40360-12 Datasheet HTML 7Page - DDK Ltd. 57-40360-12 Datasheet HTML 8Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Unit:mm
57 Series
http://www.ddknet.co.jp
◎ Specifications and/or dimensions in this catalog are subject to change without notice.
  Please varify the latest specifications with our drawings.
○ 57-20 Type with Jack Socket
57-20240-D35-CG
(C)
(2.159)
(D)
(φ4)
(φ7)
5 max.
(24.36.50)
1
n
n/2
n/2
+1
DDK
57-20xx0-D35
Front Mounting
No.1 Contact
No.n Contact
M3.5 0.6 Thread
2−M3 0.5 Thread
2-M3.50.6 Thread
A 0.2
B 1
Jack Socket
Spring Washer
Washer
Hex Nut
Number of
Contact
A
B
C
D
24
46.8
54.7
33.7
23.749
36
59.7
67.7
46.7
36.703
50
74.9
82.8
61.8
51.816
■ Panel Mounting Dimensions
● Front Mounting Type
● Rear Mounting Type
4-R 4 max.
E min.
±0.2
±1
59.70
(適合パネル板厚)=1∼3mm)
コネクタ前面取付パネル穴参考寸法
コネクタ後面取付パネル穴参考寸法
1
n
n/2
4-R5 max.
No.n Contact
No.1 Contact
2−M3.5 0.6 Thread
4-R5
2-φ4.8 0.1Hole
2-φ4.8 0.1Hole
F min.
A 0.2
A 0.2
15 1
4-R 4 max.
E min.
±0.2
±1
59.70
(適合パネル板厚)=1∼3mm)
コネクタ前面取付パネル穴参考寸法
コネクタ後面取付パネル穴参考寸法
1
n
n/2
4-R5 max.
No.n Contact
No.1 Contact
2−M3.5 0.6 Thread
4-R5
2-φ4.8 0.1Hole
2-φ4.8 0.1Hole
F min.
A 0.2
A 0.2
15 1
Number of
Contact
A
E
F
24
46.8
40.1
36.1
36
59.7
53.0
49.1
50
74.9
68.2
64.1
4
CG:Lead and Cadmium Free
Deviation
D35:with Jack Socket
Number of Contact:24, 36, 50
*:When the mating connector is 57FE-10 type, the size is 16.2+0.2.
0


Similar Part No. - 57-40360-12

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
57-40360-12 DDK-57-40360-12 Datasheet
1,018Kb / 12P
   Basic Version of Ribbon Connectors Solder Type
More results

Similar Description - 57-40360-12

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
S2B-SR-XX-3-BL-3 ADAM-TECH-S2B-SR-XX-3-BL-3 Datasheet
110Kb / 1P
   RIBBON CONNECTOR SOCKET
S2B-SR-XXX-2-BL-3 ADAM-TECH-S2B-SR-XXX-2-BL-3 Datasheet
145Kb / 1P
   RIBBON CONNECTOR SOCKET
logo
Hirose Electric
HIF4-16D-3.18R HIROSE-HIF4-16D-3.18R Datasheet
728Kb / 7P
   Ribbon Cable Connector
logo
Adam Technologies, Inc.
MR50-PD ADAM-TECH-MR50-PD Datasheet
99Kb / 1P
   MINIATURE RIBBON CONNECTOR
S2B-SR-XXX-3-BL-3 ADAM-TECH-S2B-SR-XXX-3-BL-3 Datasheet
108Kb / 1P
   RIBBON CONNECTOR SOCKET
S2B-SR-XXX-2-TFA-1 ADAM-TECH-S2B-SR-XXX-2-TFA-1 Datasheet
146Kb / 1P
   RIBBON CONNECTOR SOCKET
S2B-SV-XX-3-3 ADAM-TECH-S2B-SV-XX-3-3 Datasheet
93Kb / 1P
   RIBBON CONNECTOR SOCKET
logo
Hirose Electric
HIF3A-10D-2.54R HIROSE-HIF3A-10D-2.54R Datasheet
111Kb / 2P
   High Performance Ribbon Cable Connector
logo
Tyco Electronics
1-1658526-5 MACOM-1-1658526-5 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
logo
Adam Technologies, Inc.
MR50-PF-HD-4P ADAM-TECH-MR50-PF-HD-4P Datasheet
95Kb / 1P
   RIBBON 50P CABLE PLUG CONNECTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com