Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

57-60360 Datasheet(PDF) 6 Page - DDK Ltd.

Part # 57-60360
Description  Ribbon Connector
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

57-60360 Datasheet(HTML) 6 Page - DDK Ltd.

  57-60360 Datasheet HTML 1Page - DDK Ltd. 57-60360 Datasheet HTML 2Page - DDK Ltd. 57-60360 Datasheet HTML 3Page - DDK Ltd. 57-60360 Datasheet HTML 4Page - DDK Ltd. 57-60360 Datasheet HTML 5Page - DDK Ltd. 57-60360 Datasheet HTML 6Page - DDK Ltd. 57-60360 Datasheet HTML 7Page - DDK Ltd. 57-60360 Datasheet HTML 8Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Unit:mm
57 Series
http://www.ddknet.co.jp
◎ Specifications and/or dimensions in this catalog are subject to change without notice.
  Please varify the latest specifications with our drawings.
6
○ 57-40 Type:Panel Receptacle
1
57-40xx0
DDK
2.159
2-φ3.05 min. Hole
1.6 0.1
(15.24)
B 1
A 0.2
2.159
(C)
(D)
(D)
No.n/2+1 Contact
n
No.n Contact
No.1 Contact
n/2
No.n/2 Contact
A 0.2
C
1
57-40xx0
DDK
2.159
2-φ3.05 min. Hole
1.6 0.1
(15.24)
B 1
A 0.2
2.159
(C)
(D)
(D)
No.n/2+1 Contact
n
No.n Contact
No.1 Contact
n/2
No.n/2 Contact
A 0.2
C
(C)
2.159
(D)
DDK
57-40xxx−xx
(Tolerance must be nut cumulated.)
プリント基板取付穴参考寸法
(Thru-Hole)
0.53 0.1
2.159 0.08
D 0.08
φ0.7 Hole
+0.2
-0
Number of
Contact
Part Number
Dimensions
Solder Cup
Solder DIP
A
B
C
D
14
57-40140
 57-40140-8
36.0
43.9
22.9
12.954
24
57-40240
 57-40240-9
46.8
54.7
33.7
23.749
36
57-40360
 57-40360-12
59.7
67.7
46.7
36.703
50
57-40500
 57-40500-9
74.9
82.8
61.8
51.816
■ Panel Mounting Dimensions
● Front Mounting Type
■ PCB Mounting Dimensions(Thickness:1.6mm)
● Rear Mounting Type
4-R 4 max.
コネクタ前面取付穴参考図
2-φ3.3 0.1Hole
A 0.2
+0.2
0
F
2−R
適合パネル穴参考寸法(コネクタ後面取付タイプ)
板厚(THICKNESS)=1.60以下 
4-R0.4 max.
A 0.2
+0.2
0
J
2.159 0.08
D 0.08
(Tolerance must be not cumulated.)
(Thru-Hole)
n−φ0.7 Hole
+0.1
0
4-R 4 max.
コネクタ前面取付穴参考図
2-φ3.3 0.1Hole
A 0.2
+0.2
0
F
2−R
適合パネル穴参考寸法(コネクタ後面取付タイプ)
板厚(THICKNESS)=1.60以下 
4-R0.4 max.
A 0.2
+0.2
0
J
2.159 0.08
D 0.08
(Tolerance must be not cumulated.)
(Thru-Hole)
n−φ0.7 Hole
+0.1
0
Number of
Contact
A
D
F
J
14
36.0
12.954
23.9
35.30
24
46.8
23.749
34.7
46.08
36
59.7
36.703
47.7
59.04
50
74.9
51.816
62.8
74.15
4-R 4 max.
コネクタ前面取付穴参考図
2-φ3.3 0.1Hole
A 0.2
+0.2
0
F
2−R
適合パネル穴参考寸法(コネクタ後面取付タイプ)
板厚(THICKNESS)=1.60以下 
4-R0.4 max.
A 0.2
+0.2
0
J
2.159 0.08
D 0.08
(Tolerance must be not cumulated.)
(Thru-Hole)
n−φ0.7 Hole
+0.1
0
■ Solder Cup Type
■ Solder DIP Type
*:When the mating connector is 57FE-10 type, the size is 16.2+0.2.
0


Similar Part No. - 57-60360

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
57-60360 DDK-57-60360 Datasheet
1,018Kb / 12P
   Basic Version of Ribbon Connectors Solder Type
More results

Similar Description - 57-60360

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
S2B-SR-XX-3-BL-3 ADAM-TECH-S2B-SR-XX-3-BL-3 Datasheet
110Kb / 1P
   RIBBON CONNECTOR SOCKET
S2B-SR-XXX-2-BL-3 ADAM-TECH-S2B-SR-XXX-2-BL-3 Datasheet
145Kb / 1P
   RIBBON CONNECTOR SOCKET
logo
Hirose Electric
HIF4-16D-3.18R HIROSE-HIF4-16D-3.18R Datasheet
728Kb / 7P
   Ribbon Cable Connector
logo
Adam Technologies, Inc.
MR50-PD ADAM-TECH-MR50-PD Datasheet
99Kb / 1P
   MINIATURE RIBBON CONNECTOR
S2B-SR-XXX-3-BL-3 ADAM-TECH-S2B-SR-XXX-3-BL-3 Datasheet
108Kb / 1P
   RIBBON CONNECTOR SOCKET
S2B-SR-XXX-2-TFA-1 ADAM-TECH-S2B-SR-XXX-2-TFA-1 Datasheet
146Kb / 1P
   RIBBON CONNECTOR SOCKET
S2B-SV-XX-3-3 ADAM-TECH-S2B-SV-XX-3-3 Datasheet
93Kb / 1P
   RIBBON CONNECTOR SOCKET
logo
Hirose Electric
HIF3A-10D-2.54R HIROSE-HIF3A-10D-2.54R Datasheet
111Kb / 2P
   High Performance Ribbon Cable Connector
logo
Tyco Electronics
1-1658526-5 MACOM-1-1658526-5 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
logo
Adam Technologies, Inc.
MR50-PF-HD-4P ADAM-TECH-MR50-PF-HD-4P Datasheet
95Kb / 1P
   RIBBON 50P CABLE PLUG CONNECTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com