Electronic Components Datasheet Search |
|
57FE-30240-2AS Datasheet(PDF) 3 Page - DDK Ltd. |
|
57FE-30240-2AS Datasheet(HTML) 3 Page - DDK Ltd. |
3 / 9 page Unit:mm 57FE Series http://www.ddknet.co.jp ◎ Specifications and/or dimensions in this catalog are subject to change without notice. Please varify the latest specifications with our drawings. ○ Receptacle for Rack and Panel 3 57FE-20360-20S Strain Relief No digit:No Strain Relief S :With Plastic Strain Relief ● Rear Mounting Type Number of Contact A B C D E G 14 44.00 36.00 25.4 12.954 16.51 23.2 24 54.78 46.78 36.2 23.749 29.21 36.3 36 67.74 59.74 49.0 36.703 44.45 51.5 50 82.85 74.85 64.2 51.816 62.23 68.5 Number of Contact B D F 14 36.00 3.2 29.3 24 46.78 3.2 40.1 36 59.74 3.2 53.0 50 74.85 3.2 68.2 ■ Panel Mounting Dimensions B A D E 1.27 2.159 C 2-φ3.1 min. 4-R5.0 max. 2-φD±0.1Hole F 15°±1 +0.2 ±0.2 0 B No.1 Contact No.n/2 Contact No.n/2 +1 Contact No.n Contact G G 57F-XX 57F-XX Close-ended Cover Open-ended Cover B A D E 1.27 2.159 C 2-φ3.1 min. 4-R5.0 max. 2-φD±0.1Hole F 15°±1 +0.2 ±0.2 0 B No.1 Contact No.n/2 Contact No.n/2 +1 Contact No.n Contact G G 57F-XX 57F-XX Close-ended Cover Open-ended Cover B A D E 1.27 2.159 C 2-φ3.1 min. 4-R5.0 max. 2-φD±0.1Hole F 15°±1 +0.2 ±0.2 0 B No.1 Contact No.n/2 Contact No.n/2 +1 Contact No.n Contact G G 57F-XX 57F-XX Close-ended Cover Open-ended Cover 57F-xx A G G 57F-XX 57F-XX Close-ended Cover Open-ended Cover 57F-XX 57F-XX J H Plastic Strain Relief 57F-14-041 Number of Contact 14, 24, 36, 50 Number of Contact H J 14 25.10 - 24 38.20 - 36 53.40 51.7 50 70.40 68.7 Number of Contact 14, 24, 36, 50 Contact Plating 2:Au0.4 μmover Ni Plating Cover Style 0:Open-ended Cover, Blue A:Close-ended Cover, Blue *:When the mating connector is 57FE-10 type, the size is 16.2+0.2 . 0 0 |
Similar Part No. - 57FE-30240-2AS |
|
Similar Description - 57FE-30240-2AS |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |