Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

57FE-30360-2AS Datasheet(PDF) 1 Page - DDK Ltd.

Part # 57FE-30360-2AS
Description  Shielded IDC Flat Cable Connector
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

57FE-30360-2AS Datasheet(HTML) 1 Page - DDK Ltd.

  57FE-30360-2AS Datasheet HTML 1Page - DDK Ltd. 57FE-30360-2AS Datasheet HTML 2Page - DDK Ltd. 57FE-30360-2AS Datasheet HTML 3Page - DDK Ltd. 57FE-30360-2AS Datasheet HTML 4Page - DDK Ltd. 57FE-30360-2AS Datasheet HTML 5Page - DDK Ltd. 57FE-30360-2AS Datasheet HTML 6Page - DDK Ltd. 57FE-30360-2AS Datasheet HTML 7Page - DDK Ltd. 57FE-30360-2AS Datasheet HTML 8Page - DDK Ltd. 57FE-30360-2AS Datasheet HTML 9Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
http://www.ddknet.co.jp
◎ Specifications and/or dimensions in this catalog are subject to change without notice.
  Please varify the latest specifications with our drawings.
RoHS
Compliant
RoHS
Compliant
Shielded IDC Flat Cable Connector
57FE Series
Item
Material / Finish
Insulator
PC Resin(UL94V-0)/ Blue
Contact
Copper Alloy / Au over Ni Plating
Shell
Copper Alloy / Ni Plating (57FE-20, 40 Type)
Strain Relief
Polycarbonate(UL94V-0)/Blue
Ground Tab
Copper Alloy / Ni Plating(57FE-10, 30 Type)
Bail Lock
Stainless Steel(57FE-40 Type)
Metal Hood
Aluminum Alloy / Gray(Outside Only)
Plastic Hood
ABS Resin / Ni Plating
Boot
PVC(57FE-30 Type)
170630
10 Type
(Plug for Rack and Panel)
20 Type
(Receptacle for
Rack and Panel)
30 Type
(Cable Plug)
40 Type
(Panel Receptacle)
FEATURE
● 57FE series is a shielded IDC connectors for flat cable. It is covered the interface by the metal
plates for EMC.
Rated Voltage
250V AC (r.m.s.)
Rated Current
1A / Contact
Dielectric Withstanding Voltage 500V AC (r.m.s.) / 1 minute
Insulation Resistance
1000M Ω min. at 500V DC
Contact Resistance
35m Ω max.
Operating Temperature
- 55℃~+ 105℃
Applicable Cable
Cable Pitch : 1.27mm
AWG#28 (Solid Cable, Stranded Cable)
AWG#30 (Solid Cable)
SPECIFICATIONS
MATERIAL/ FINISH


Similar Part No. - 57FE-30360-2AS

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
57FE-30360-2AS DDK-57FE-30360-2AS Datasheet
311Kb / 9P
   Flat Ribbon Cable Connectors EMI/RFI Shielding Version
More results

Similar Description - 57FE-30360-2AS

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
2FCS-XX-SG ADAM-TECH-2FCS-XX-SG Datasheet
81Kb / 1P
   FLAT CABLE IDC SOCKET
FCS-XX-SG ADAM-TECH-FCS-XX-SG Datasheet
96Kb / 1P
   FLAT CABLE IDC SOCKET
FCS-D2-XX-SG-N-30 ADAM-TECH-FCS-D2-XX-SG-N-30 Datasheet
102Kb / 1P
   FLAT CABLE IDC SOCKET
2FCS-XX-SG-PB ADAM-TECH-2FCS-XX-SG-PB Datasheet
80Kb / 1P
   FLAT CABLE IDC SOCKET
FCS-D2-XX-SG ADAM-TECH-FCS-D2-XX-SG Datasheet
105Kb / 1P
   FLAT CABLE IDC SOCKET
FCS-XX-SG-GY ADAM-TECH-FCS-XX-SG-GY Datasheet
86Kb / 1P
   FLAT CABLE IDC SOCKET
logo
FCI connector
865709S065TLF FCI-CONNECTOR-865709S065TLF Datasheet
115Kb / 1P
   FEMALE IDC CONNECTOR FOR FLAT CABLE
logo
Adam Technologies, Inc.
SCA68SFSG ADAM-TECH-SCA68SFSG Datasheet
119Kb / 1P
   SCA CONNECTOR IDC FLAT CABLE TERMINATION
SCA-68-PF-SG ADAM-TECH-SCA-68-PF-SG Datasheet
123Kb / 1P
   SCA CONNECTOR IDC FLAT CABLE TERMINATION
DXXX-SF-M-2 ADAM-TECH-DXXX-SF-M-2 Datasheet
116Kb / 1P
   IDC FLAT CABLE D-SUB SOCKET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com