Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

1.5SMC-28E-29 Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part No. 1.5SMC-28E-29
Description  Transient Voltage Suppressors
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Homepage  http://www.luguang.cn/web_en/index.html
Logo 

1.5SMC-28E-29 Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 3 page
background image
Uni
Bi
Min (V) Max (V) IT (mA)
1.5SMC6.8A 1.5SMC6.8CA 6V8A 6V8C
6.46
7.14
10
1000
5.8
142.86
10.5
1.5SMC7.5A 1.5SMC7.5CA 7V5A 7V5C
7.13
7.88
10
500
6.4
132.74
11.3
1.5SMC8.2A 1.5SMC8.2CA 8V2A 8V2C
7.79
8.61
10
200
7.0
123.97
12.1
1.5SMC9.1A 1.5SMC9.1CA 9V1A 9V1C
8.65
9.56
1
50
7.8
111.94
13.4
1.5SMC10A 1.5SMC10CA
10A 10C
9.50
10.50
1
10
8.6
103.45
14.5
1.5SMC11A 1.5SMC11CA
11A 11C
10.45
11.55
1
5
9.4
96.15
15.6
1.5SMC12A 1.5SMC12CA
12A 12C
11.40
12.60
1
5
10.2
89.82
16.7
1.5SMC13A 1.5SMC13CA
13A 13C
12.35
13.65
1
1
11.1
82.42
18.2
1.5SMC15A 1.5SMC15CA
15A 15C
14.25
15.75
1
1
12.8
70.75
21.2
1.5SMC16A 1.5SMC16CA
16A 16C
15.20
16.80
1
1
13.6
66.67
22.5
1.5SMC18A 1.5SMC18CA
18A 18C
17.10
18.90
1
1
15.3
59.52
25.2
1.5SMC20A 1.5SMC20CA
20A 20C
19.00
21.00
1
1
17.1
54.15
27.7
1.5SMC22A 1.5SMC22CA
22A 22C
20.90
23.10
1
1
18.8
49.02
30.6
1.5SMC24A 1.5SMC24CA
24A 24C
22.80
25.20
1
1
20.5
45.18
33.2
1.5SMC27A 1.5SMC27CA
27A 27C
25.65
28.35
1
1
23.1
40.00
37.5
1.5SMC30A 1.5SMC30CA
30A 30C
28.50
31.50
1
1
25.6
36.23
41.4
1.5SMC33A 1.5SMC33CA
33A 33C
31.35
34.65
1
1
28.2
32.82
45.7
1.5SMC36A 1.5SMC36CA
36A 36C
34.20
37.80
1
1
30.8
30.06
49.9
1.5SMC39A 1.5SMC39CA
39A 39C
37.05
40.95
1
1
33.3
27.83
53.9
1.5SMC43A 1.5SMC43CA
43A 43C
40.85
45.15
1
1
36.8
25.30
59.3
1.5SMC47A 1.5SMC47CA
47A 47C
44.65
49.35
1
1
40.2
23.15
64.8
1.5SMC51A 1.5SMC51CA
51A 51C
48.45
53.55
1
1
43.6
21.40
70.1
1.5SMC56A 1.5SMC56CA
56A 56C
53.20
58.80
1
1
47.8
19.48
77.0
1.5SMC62A 1.5SMC62CA
62A 62C
58.90
65.10
1
1
53.0
17.65
85.0
1.5SMC68A 1.5SMC68CA
68A 68C
64.60
71.40
1
1
58.1
16.30
92.0
1.5SMC75A 1.5SMC75CA
75A 75C
71.25
78.75
1
1
64.1
14.56
103.0
1.5SMC82A 1.5SMC82CA
82A 82C
77.90
86.10
1
1
70.1
13.27
113.0
1.5SMC91A 1.5SMC91CA
91A 91C
86.45
95.55
1
1
77.8
12.00
125.0
1.5SMC100A 1.5SMC100CA 100A 100C
95.00
105.00
1
1
85.5
10.95
137.0
1.5SMC110A 1.5SMC110CA 110A 110C
104.50
115.50
1
1
94.0
9.87
152.0
1.5SMC120A 1.5SMC120CA 120A 120C
114.00
126.00
1
1
102.0
9.09
165.0
1.5SMC130A 1.5SMC130CA 130A 130C
123.50
136.50
1
1
111.0
8.38
179.0
1.5SMC150A 1.5SMC150CA 150A 150C
142.50
157.50
1
1
128.0
7.25
207.0
1.5SMC160A 1.5SMC160CA 160A 160C
152.00
168.00
1
1
136.0
6.85
219.0
1.5SMC170A 1.5SMC170CA 170A 170C
161.50
178.50
1
1
145.0
6.41
234.0
1.5SMC180A 1.5SMC180CA 180A 180C
171.00
189.00
1
1
154.0
6.10
246.0
1.5SMC200A 1.5SMC200CA 200A 200C
190.00
210.00
1
1
171.0
5.47
274.0
1.5SMC220A 1.5SMC220CA 220A 220C
209.00
231.00
1
1
185.0
4.57
328.0
1.5SMC250A 1.5SMC250CA 250A 250C
237.50
262.50
1
1
214.0
4.36
344.0
1.5SMC300A 1.5SMC300CA 300A 300C
285.00
315.00
1
1
256.0
3.62
414.0
1.5SMC350A 1.5SMC350CA 350A 350C
332.50
367.50
1
1
299.3
3.11
482.0
1.5SMC380A 1.5SMC380CA 380A 380C
361.00
399.00
1
1
324.9
2.86
524.4
1.5SMC400A 1.5SMC400CA 400A 400C
380.00
420.00
1
1
342.0
2.72
548.0
1.5SMC440A 1.5SMC440CA 440A 440C
418.00
462.00
1
1
376.2
2.47
602.0
1.5SMC500A 1.5SMC500CA 500A 500C
475.00
525.00
1
1
427.5
2.17
690.0
1.5SMC520A 1.5SMC520CA 520A 520C
494.00
546.00
1
1
444.6
2.09
717.6
1.5SMC550A 1.5SMC550CA 550A 550C
522.50
577.50
1
1
470.3
1.98
759.0
1.5SMC600A 1.5SMC600CA 600A 600C
570.00
630.00
1
1
513.0
1.81
828.0
Note:
Electrical Characteristics(TA=25℃ unless otherwise noted)
Part Number
(Uni)
Part Number
(Bi)
Device
Marking
Code
Breakdown Voltage VBR @IT
Maximum
Reverse
Leakage IR
@VRWM
(uA)
Working
Peak Reverse
Voltage
VRWM
(V)
Maximum
Reverse
Surge
Current IPP
(A)
Maximum
Clamping
Voltage VC
@IPP
(V)
1. The available parts are "A" type only,the parts without A(VBR is ±10%) is not available
2. Add suffix 'C 'or ' CA ' after part number to specify Bi-directional devices
3. For Bi-Directional devices having V of 10 volts and under, the I limit is double
1.5SMC Series
Transient Voltage Suppressors
ht
t
p
:
//
www.lgesemi.com
mail:lge@lgesemi.com
Revision:201
70301-P1


Html Pages

1  2  3 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn