Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMDJ6.0 Datasheet(PDF) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # SMDJ6.0
Description  Surface Mount Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SMDJ6.0 Datasheet(HTML) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SMDJ6.0 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SMDJ6.0 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd SMDJ6.0 Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd SMDJ6.0 Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Uni
Bi
Min (V) Max (V) IT (mA)
SMDJ40
SMDJ40C
PFQ DFQ
44.40
54.30
1
2
40.0
42.02
71.4
SMDJ40A
SMDJ40CA
PFR DFR
44.40
49.10
1
2
40.0
46.51
64.5
SMDJ43
SMDJ43C
PFS DFS
47.80
58.40
1
2
43.0
39.11
76.7
SMDJ43A
SMDJ43CA
PFT DFT
47.80
52.80
1
2
43.0
43.23
69.4
SMDJ45
SMDJ45C
PFU DFU
50.00
61.10
1
2
45.0
37.36
80.3
SMDJ45A
SMDJ45CA
PFV DFV
50.00
55.30
1
2
45.0
41.27
72.7
SMDJ48
SMDJ48C
PFW DFW
53.30
65.10
1
2
48.0
35.09
85.5
SMDJ48A
SMDJ48CA
PFX DFX
53.30
58.90
1
2
48.0
38.76
77.4
SMDJ51
SMDJ51C
PFY DFY
56.70
69.30
1
2
51.0
32.93
91.1
SMDJ51A
SMDJ51CA
PFZ DFZ
56.70
62.70
1
2
51.0
36.41
82.4
SMDJ54
SMDJ54C
RGD DGD
60.00
73.30
1
2
54.0
31.15
96.3
SMDJ54A
SMDJ54CA
RGE DGE
60.00
66.30
1
2
54.0
34.44
87.1
SMDJ58
SMDJ58C
RGF DGF
64.40
78.70
1
2
58.0
29.13
103.0
SMDJ58A
SMDJ58CA
PGG DGG
64.40
71.20
1
2
58.0
32.05
93.6
SMDJ60
SMDJ60C
RGH DGH
66.70
81.50
1
2
60.0
28.04
107.0
SMDJ60A
SMDJ60CA
PGK DGK
66.70
73.70
1
2
60.0
30.99
96.8
SMDJ64
SMDJ64C
PGL DGL
71.10
86.90
1
2
64.0
26.32
114.0
SMDJ64A
SMDJ64CA
PGM DGM
71.10
78.60
1
2
64.0
29.13
103.0
SMDJ70
SMDJ70C
PGN DGN
77.80
95.10
1
2
70.0
24.00
125.0
SMDJ70A
SMDJ70CA
PGP DGP
77.80
86.00
1
2
70.0
26.55
113.0
SMDJ75
SMDJ75C
PGQ DGQ
83.30
102.00
1
2
75.0
22.39
134.0
SMDJ75A
SMDJ75CA
PGR DGR
83.30
92.10
1
2
75.0
24.79
121.0
SMDJ78
SMDJ78C
PGS DGS
86.70
106.00
1
2
78.0
21.58
139.0
SMDJ78A
SMDJ78CA
PGT DGT
86.70
95.80
1
2
78.0
23.81
126.0
SMDJ80
SMDJ80C
PGA DGA
88.96
108.80
1
2
80.0
20.95
143.2
SMDJ80A
SMDJ80CA
PGB DGB
88.80
97.60
1
2
80.0
23.15
129.6
SMDJ85
SMDJ85C
PGU DGU
94.40
115.00
1
2
85.0
19.87
151.0
SMDJ85A
SMDJ85CA
PGV DGV
94.40
104.00
1
2
85.0
21.90
137.0
SMDJ90
SMDJ90C
PGW DGW
100.00
122.00
1
2
90.0
18.75
160.0
SMDJ90A
SMDJ90CA
PGX DGX
100.00
111.00
1
2
90.0
20.55
146.0
SMDJ100
SMDJ100C
PGY DGY
111.00
136.00
1
2
100.0
16.76
179.0
SMDJ100A
SMDJ100CA PGZ DGZ
111.00
123.00
1
2
100.0
18.52
162.0
SMDJ110
SMDJ110C
PHD DHD
122.00
149.00
1
2
110.0
15.31
196.0
SMDJ110A
SMDJ110CA PHE DHE
122.00
135.00
1
2
110.0
16.95
177.0
SMDJ120
SMDJ120C
PHF DHF
133.00
163.00
1
2
120.0
14.02
214.0
SMDJ120A
SMDJ120CA PHG DHG
133.00
147.00
1
2
120.0
15.54
193.0
SMDJ130
SMDJ130C
PHH DHH
144.00
176.00
1
2
130.0
12.99
231.0
SMDJ130A
SMDJ130CA PHK DHK
144.00
159.00
1
2
130.0
14.35
209.0
SMDJ140
SMDJ140C
PHA DHA
155.68
190.40
1
2
140.0
11.97
250.6
SMDJ140A
SMDJ140CA PHB DHB
155.00
171.00
1
2
140.0
13.23
226.8
SMDJ150
SMDJ150C
PHL DHL
167.00
204.00
1
2
150.0
11.19
268.0
SMDJ150A
SMDJ150CA PHM DHM
167.00
185.00
1
2
150.0
12.35
243.0
SMDJ160
SMDJ160C
PHN DHN
178.00
218.00
1
2
160.0
10.45
287.0
SMDJ160A
SMDJ160CA PHP DHP
178.00
197.00
1
2
160.0
11.58
259.0
SMDJ170
SMDJ170C
PHQ DHQ
189.00
231.00
1
2
170.0
9.87
304.0
SMDJ170A
SMDJ170CA PHR DHR
189.00
209.00
1
2
170.0
10.91
275.0
SMDJ180
SMDJ180C
PHS DHS
200.16
244.80
1
2
180.0
9.31
322.2
SMDJ180A
SMDJ180CA PHT DHT
200.00
220.00
1
2
180.0
10.29
291.6
SMDJ190
SMDJ190C
PHU DHU
211.28
258.40
1
2
190.0
8.82
340.1
SMDJ190A
SMDJ190CA PHV DHV
211.00
232.00
1
2
190.0
9.75
307.8
SMDJ200A
SMDJ200CA PHW DHW
224.00
247.00
1
2
200.0
9.26
324.0
SMDJ220A
SMDJ220CA PHX DHX
246.00
272.00
1
2
220.0
8.43
356.0
SMDJ250A
SMDJ250CA PHZ DHZ
279.00
309.00
1
2
250.0
7.41
405.0
SMDJ300A
SMDJ300CA
PJE DJE
335.00
371.00
1
2
300.0
6.17
486.0
SMDJ350A
SMDJ350CA
PJG DJG
391.00
432.00
1
2
350.0
5.29
567.0
SMDJ400A
SMDJ400CA
PJK DJK
447.00
494.00
1
2
400.0
4.63
648.0
SMDJ440A
SMDJ440CA PJM DJM
492.00
543.00
1
2
440.0
4.21
713.0
Maximum
Reverse
Surge
Current IPP
(A)
Maximum
Clamping
Voltage VC
@IPP
(V)
Electrical Characteristics(TA=25℃ unless otherwise noted)
Part Number
(Uni)
Part Number
(Bi)
Device
Marking
Code
Breakdown Voltage VBR @IT
Maximum
Reverse
Leakage IR
@VRWM
(uA)
Working
Peak Reverse
Voltage
VRWM
(V)
SMDJ Series
Surface Mount
Transient Voltage Suppressors
ht
t
p
:
//
www.lgesemi.com
mail:lge@lgesemi.com
Revision:201
70301-P1


Similar Part No. - SMDJ6.0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMDJ6.0 ETC1-SMDJ6.0 Datasheet
546Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power
logo
First Silicon Co., Ltd
SMDJ6.0 FS-SMDJ6.0 Datasheet
593Kb / 5P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 3000W Stand-off Voltage 5.0 to 440V
logo
Socay Electornics Co., ...
SMDJ6.0 SOCAY-SMDJ6.0 Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
UN Semiconducctor INC
SMDJ6.0 UNSEMI-SMDJ6.0 Datasheet
4Mb / 8P
   5.0 To 440V 3000W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Socay Electornics Co., ...
SMDJ6.0 SOCAY-SMDJ6.0 Datasheet
624Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

Similar Description - SMDJ6.0

ManufacturerPart #DatasheetDescription
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Silicon Standard Corp.
P4SMA6.8A SSC-P4SMA6.8A Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
P4SMAX SSC-P4SMAX Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
GOOD-ARK Electronics
P6SMB6.8A GOOD-ARK-P6SMB6.8A Datasheet
253Kb / 3P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 GOOD-ARK-SMBJ5.0 Datasheet
235Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMAJ5.0 ETC-SMAJ5.0 Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
NIC-Components Corp.
NVS NIC-NVS Datasheet
75Kb / 2P
   Surface Mount Transient Voltage Suppressors
logo
Cystech Electonics Corp...
SMAJ5.0 CYSTEKEC-SMAJ5.0 Datasheet
1Mb / 9P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 CYSTEKEC-SMBJ5.0 Datasheet
471Kb / 9P
   Surface Mount Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com