Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD29027P Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # HD29027P
Description  Dual CCD Drivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HD29027P Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button HD29027P Datasheet HTML 2Page - List of Unclassifed Manufacturers HD29027P Datasheet HTML 3Page - List of Unclassifed Manufacturers HD29027P Datasheet HTML 4Page - List of Unclassifed Manufacturers HD29027P Datasheet HTML 5Page - List of Unclassifed Manufacturers HD29027P Datasheet HTML 6Page - List of Unclassifed Manufacturers HD29027P Datasheet HTML 7Page - List of Unclassifed Manufacturers HD29027P Datasheet HTML 8Page - List of Unclassifed Manufacturers HD29027P Datasheet HTML 9Page - List of Unclassifed Manufacturers HD29027P Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Switching Time Test Method
CL
V
Input
CC
Output
Pulse
generator
10 ns
10 ns
10%
10%
90%
90%
10%
10%
t
THL
tTLH
tPLH
t PHL
1.5 V
1.5 V
90%
90%
VOH
VOL
0 V
3 V
Input
Output
Note: Input waveform: f = 1 MHz, duty cycle = 50%


Similar Part No. - HD29027P

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD29027P HITACHI-HD29027P Datasheet
72Kb / 16P
   Dual CCD Drivers
More results

Similar Description - HD29027P

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD29026A RENESAS-HD29026A Datasheet
115Kb / 12P
   Dual CCD Drivers
logo
List of Unclassifed Man...
HD29029 ETC-HD29029 Datasheet
21Kb / 5P
   Dual CCD Drivers
logo
Renesas Technology Corp
J205001_HD29026A RENESAS-J205001_HD29026A Datasheet
235Kb / 18P
   Dual CCD Drivers
HD29029 RENESAS-HD29029 Datasheet
87Kb / 7P
   Dual CCD Drivers
logo
Hitachi Semiconductor
HD29026A HITACHI-HD29026A Datasheet
72Kb / 16P
   Dual CCD Drivers
logo
Toshiba Semiconductor
TB62802F TOSHIBA-TB62802F Datasheet
261Kb / 19P
   CCD Clock Drivers
TB62802FG TOSHIBA-TB62802FG Datasheet
262Kb / 20P
   CCD Clock Drivers
logo
Texas Instruments
SN75471 TI-SN75471 Datasheet
121Kb / 7P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN55110A TI-SN55110A Datasheet
148Kb / 10P
[Old version datasheet]   DUAL LINE DRIVERS
SN55121 TI-SN55121 Datasheet
117Kb / 7P
[Old version datasheet]   DUAL LINE DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com