Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC1G32FX4-7 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # 74LVC1G32FX4-7
Description  SINGLE 2 INPUT POSITIVE OR GATE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC1G32FX4-7 Datasheet(HTML) 3 Page - Diodes Incorporated

  74LVC1G32FX4-7 Datasheet HTML 1Page - Diodes Incorporated 74LVC1G32FX4-7 Datasheet HTML 2Page - Diodes Incorporated 74LVC1G32FX4-7 Datasheet HTML 3Page - Diodes Incorporated 74LVC1G32FX4-7 Datasheet HTML 4Page - Diodes Incorporated 74LVC1G32FX4-7 Datasheet HTML 5Page - Diodes Incorporated 74LVC1G32FX4-7 Datasheet HTML 6Page - Diodes Incorporated 74LVC1G32FX4-7 Datasheet HTML 7Page - Diodes Incorporated 74LVC1G32FX4-7 Datasheet HTML 8Page - Diodes Incorporated 74LVC1G32FX4-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
74LVC1G32
Document number: DS32200 Rev. 8 - 2
3 of 14
www.diodes.com
July 2014
© Diodes Incorporated
74LVC1G32
Absolute Maximum Ratings (Notes 6 & 7) (@TA = +25°C, unless otherwise specified.)
Symbol
Description
Rating
Unit
ESD HBM
Human Body Model ESD Protection
2
kV
ESD CDM
Charged Device Model ESD Protection
1
kV
ESD MM
Machine Model ESD Protection
200
V
VCC
Supply Voltage Range
-0.5 to 6.5
V
VI
Input Voltage Range
-0.5 to 6.5
V
VO
Voltage Applied to Output in High Impedance or IOFF State
-0.5 to 6.5
V
VO
Voltage Applied to Output in High or Low State.
-0.5 to VCC +0.5
V
IIK
Input Clamp Current VI < 0
-50
mA
IOK
Output Clamp Current
-50
mA
IO
Continuous Output Current
±50
mA
ICC, IGND
Continuous Current Through VCC or GND
±100
mA
TJ
Operating Junction Temperature
-40 to +150
°C
TSTG
Storage Temperature
-65 to +150
°C
Notes:
6. Stresses beyond the absolute maximum may result in immediate failure or reduced reliability. These are stress values and device
operation should be within recommend values.
7. Forcing the maximum allowed voltage could cause a condition exceeding the maximum current or conversely forcing the maximum current could
cause a condition exceeding he maximum voltage. The ratings of both current and voltage must be maintained within the controlled range..
Recommended Operating Conditions (Note 8) (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Min
Max
Unit
VCC
Operating Voltage
Operating
1.65
5.5
V
Data retention only
1.5
V
VIH
High-Level Input Voltage
VCC = 1.65V to 1.95V
0.65 X VCC
V
VCC = 2.3V to 2.7V
1.7
VCC = 3V to 3.6V
2
VCC = 4.5V to 5.5V
0.7 X VCC
VIL
Low-Level Input voltage
VCC = 1.65V to 1.95V
0.35 X VCC
V
VCC = 2.3V to 2.7V
0.7
VCC = 3V to 3.6V
0.8
VCC = 4.5V to 5.5V
0.3 X VCC
VI
Input Voltage
0
5.5
V
VO
Output Voltage
0
VCC
V
IOH
High-Level Output Current
VCC = 1.65V
-4
mA
VCC = 2.3V
-8
VCC = 2.7V
-12
VCC = 3V
-16
-24
VCC = 4.5V
-32
IOL
Low-Level Output Current
VCC = 1.65V
4
mA
VCC = 2.3V
8
VCC = 2.7V
12
VCC = 3V
16
24
VCC = 4.5V
32
∆t/∆V
Input transition Rise or Fall Rate
VCC = 1.8V ± 0.15V, 2.5V ± 0.2V
20
ns/V
VCC = 3.3V ± 0.3V
10
VCC = 5V ± 0.5V
5
TA
Operating Free-Air Temperature
-40
+125
°C
Note:
8. Unused inputs should be held at VCC or Ground.


Similar Part No. - 74LVC1G32FX4-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74LVC1G32FW4-7 DIODES-74LVC1G32FW4-7 Datasheet
219Kb / 12P
   SINGLE 2 INPUT POSITIVE OR GATE
74LVC1G32FW4-7 DIODES-74LVC1G32FW4-7 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE OR GATE
DS32200 Rev. 2 - 2
74LVC1G32FZ4 DIODES-74LVC1G32FZ4 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE OR GATE
DS32200 Rev. 2 - 2
74LVC1G32FZ4-7 DIODES-74LVC1G32FZ4-7 Datasheet
219Kb / 12P
   SINGLE 2 INPUT POSITIVE OR GATE
74LVC1G32FZ4-7 DIODES-74LVC1G32FZ4-7 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE OR GATE
DS32200 Rev. 2 - 2
More results

Similar Description - 74LVC1G32FX4-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74LVC1G32 DIODES-74LVC1G32 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE OR GATE
DS32200 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G32DSF2 TI1-SN74LVC1G32DSF2 Datasheet
1Mb / 26P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
logo
Unisonic Technologies
U74LVC1G32 UTC-U74LVC1G32_15 Datasheet
202Kb / 5P
   SINGLE 2-INPUT POSITIVE-OR GATE
logo
Texas Instruments
SN74AUC1G32 TI1-SN74AUC1G32_15 Datasheet
993Kb / 17P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74LVC1G32 TI-SN74LVC1G32_07 Datasheet
496Kb / 18P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74AHC1G32 TI-SN74AHC1G32_09 Datasheet
575Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74AHC1G32 TI-SN74AHC1G32_08 Datasheet
435Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74LVC1G32 TI-SN74LVC1G32_08 Datasheet
738Kb / 18P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74LVC1G32-EP TI1-SN74LVC1G32-EP Datasheet
502Kb / 15P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
logo
Diodes Incorporated
74LVC1G32FW4-7 DIODES-74LVC1G32FW4-7 Datasheet
219Kb / 12P
   SINGLE 2 INPUT POSITIVE OR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com