Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC081S101MWC Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ADC081S101MWC
Description  Single-Channel, 0.5 to 1-Msps, 8-Bit A/D Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC081S101MWC Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADC081S101MWC Datasheet HTML 3Page - Texas Instruments ADC081S101MWC Datasheet HTML 4Page - Texas Instruments ADC081S101MWC Datasheet HTML 5Page - Texas Instruments ADC081S101MWC Datasheet HTML 6Page - Texas Instruments ADC081S101MWC Datasheet HTML 7Page - Texas Instruments ADC081S101MWC Datasheet HTML 8Page - Texas Instruments ADC081S101MWC Datasheet HTML 9Page - Texas Instruments ADC081S101MWC Datasheet HTML 10Page - Texas Instruments ADC081S101MWC Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7
ADC081S101-MIL
www.ti.com
SNAS747 – JUNE 2017
Product Folder Links: ADC081S101-MIL
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Electrical Characteristics (continued)
The following specifications apply for VA = 2.7 V to 5.25 V, GND = 0V, fSCLK = 10 MHz to 20 MHz, CL = 15 pF fSAMPLE = 500
ksps to 1 Msps, and TA = 25°C, unless otherwise noted.
(1)
PARAMETER
TEST CONDITIONS
MIN(2)
TYP
MAX(2)
UNIT
(3)
This is the frequency range over which the electrical performance is ensured. The device is functional over a wider range which is
specified under Operating Ratings.
(4)
Minimum quiet time required by bus relinquish and the start of the next conversion.
PD
Power consumption, normal
mode
(operational, CS low)
VA = 5 V, SOT-23 and WSON
10
mW
TA = TMINto TMAX, VA = 5 V, SOT-23
16
TA = TMINto TMAXVA = 5 V, WSON
13
VA = 3 V, SOT-23 and WSON
2.0
mW
TA = TMINto TMAX, VA = 3 V, SOT-23
4.5
TA = TMINto TMAXVA = 3 V, WSON
3.3
Power consumption,
shutdown
(CS high)
fSCLK = 0 MHz, VA = 5 V, fSAMPLE = 0 ksps
2.5
µW
fSCLK = 20 MHz, VA = 5 V, fSAMPLE = 0 ksps
300
µW
AC ELECTRICAL CHARACTERISTICS
fSCLK
Clock frequency
TA = TMINto TMAX, See
(3)
10
20
MHz
fS
Sample rate
See(3)
50
ksps
TA = TMINto TMAX, See
(3)
500
TA = TMINto TMAX
1
Msps
tHOLD
Hold time, falling edges
TA = TMINto TMAX
13
SCLK
DC
SCLK duty cycle
fSCLK = 20 MHz
50%
TA = TMINto TMAX, fSCLK = 20 MHz
40%
60%
tACQ
Minimum time required for
acquisition
TA = TMINto TMAX
350
ns
tQUIET
Quiet time
TA = TMINto TMAX, See
(4)
50
ns
tAD
Aperture delay
3
ns
tAJ
Aperture jitter
30
ps


Similar Part No. - ADC081S101MWC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC081S101MWC TI1-ADC081S101MWC Datasheet
1Mb / 23P
[Old version datasheet]    Single Channel, 0.5 to 1 Msps, 8-Bit A/D Converter
More results

Similar Description - ADC081S101MWC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC081S101 TI1-ADC081S101 Datasheet
1Mb / 23P
[Old version datasheet]    Single Channel, 0.5 to 1 Msps, 8-Bit A/D Converter
ADC121S101 TI-ADC121S101 Datasheet
1Mb / 23P
[Old version datasheet]   Single Channel, 0.5 to 1 Msps, 12-Bit A/D Converter
ADC101S101 TI1-ADC101S101 Datasheet
1Mb / 23P
[Old version datasheet]   Single Channel, 0.5 to 1 Msps, 10-Bit A/D Converter
logo
National Semiconductor ...
ADC121S101 NSC-ADC121S101_06 Datasheet
727Kb / 17P
   Single Channel, 0.5 to Msps, 12-Bit A/D Converter
logo
Rohm
BD79104MUF-M ROHM-BD79104MUF-M Datasheet
1Mb / 25P
   Successive Approximation A/D Converter 12 bit, 0.5 MSPS to 1 MSPS, 8-channel, SPI Interface
12.Jan.2023 Rev.001
logo
National Semiconductor ...
ADC088S102 NSC-ADC088S102 Datasheet
830Kb / 17P
   8-Channel, 500 kSPS to 1 MSPS, 8-Bit A/D Converter
ADC082S101 NSC-ADC082S101 Datasheet
925Kb / 19P
   2 Channel, 1 MSPS, 8-Bit A/D Converter
logo
Texas Instruments
ADC121S101 TI1-ADC121S101 Datasheet
1Mb / 29P
[Old version datasheet]   Single-Channel, 0.5 to 1-Msps, 12-Bit Analog-to-Digital Converter
ADC088S102 TI1-ADC088S102_14 Datasheet
1Mb / 25P
[Old version datasheet]   ADC088S102 8-Channel, 500 kSPS to 1 MSPS, 8-Bit A/D Converter
logo
National Semiconductor ...
ADC108S102 NSC-ADC108S102 Datasheet
877Kb / 17P
   8-Channel, 500 kSPS to 1 MSPS, 10-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com