Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-0731R1 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # HCPL-0731R1
Description  LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL-0731R1 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button HCPL-0731R1 Datasheet HTML 2Page - Fairchild Semiconductor HCPL-0731R1 Datasheet HTML 3Page - Fairchild Semiconductor HCPL-0731R1 Datasheet HTML 4Page - Fairchild Semiconductor HCPL-0731R1 Datasheet HTML 5Page - Fairchild Semiconductor HCPL-0731R1 Datasheet HTML 6Page - Fairchild Semiconductor HCPL-0731R1 Datasheet HTML 7Page - Fairchild Semiconductor HCPL-0731R1 Datasheet HTML 8Page - Fairchild Semiconductor HCPL-0731R1 Datasheet HTML 9Page - Fairchild Semiconductor HCPL-0731R1 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
12/11/03
Page 6 of 12
© 2003 Fairchild Semiconductor Corporation
LOW INPUT CURRENT
HIGH GAIN SPLIT
DARLINGTON OPTOCOUPLERS
SINGLE CHANNEL:
HCPL-0700
HCPL-0701
DUAL CHANNEL:
HCPL-0730
HCPL-0731
TYPICAL PERFORMANCE CURVES
Fig. 7 Input Forward Current vs. Forward Voltage
(HCPL-0700, HCPL-0701)
Fig. 8 Input Forward Current vs. Forward Voltage
(HCPL-0730, HCPL-0731)
VF - FORWARD VOLTAGE (V)
1.1
1.2
1.3
1.4
1.5
1.6
0.001
0.01
0.1
1
10
100
TA = 85˚C
TA = 70˚C
TA = 25˚C
TA = 0˚C
TA = -40˚C
IF - INPUT FORWARD CURRENT (mA)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.0
0.1
0.2
0.3
0.4
0.5
VCC= 18V
VCC= 5V
Logic Low Supply Current vs.
Input Forward Current
Fig. 9 Logic Low Supply Current vs. Input Forward Current
(HCPL-0700, HCPL-0701)
Fig. 10 Supply Current vs. Input Forward Current
(HCPL-0730, HCPL-0731)
Fig. 11 DC Transfer Characteristics
(HCPL-0700, HCPL-0701)
Fig. 12 DC Transfer Characteristics
(HCPL-0730, HCPL-0731)
01
2
0
0
20
20
40
60
80
IF = 5.0mA
IF = 4.5mA
IF = 4.0mA
IF = 3.5mA
IF = 3.0mA
IF = 2.5mA
VCC= 5V
TA = 25˚C
IF = 0.5mA
IF = 1.0mA
IF = 1.5mA
IF = 2.0mA
T
A = 85°C
T
A = 70°C
T
A = 25°C
T
A = 0°C
T
A = -40°C
VF - FORWARD VOLTAGE (V)
1.1
1.0
0.9
1.2
1.3
1.4
1.5
1.6
1.7
0.001
0.01
0.1
1
10
100
T
A = 25°C
VCC= 18V
VCC= 7V
10
1
0.1
0.01
0.1
1.0
10
IF - INPUT FORWARD CURRENT (mA)
1mA
3.5mA
3mA
I
F = 5mA
T
A = 25°C
V
CC = 5V
2mA
2.5mA
1.5mA
0.5mA
4mA
I
F = 4.5mA
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
40
60
80
100
120
140
VO - OUTPUT VOLTAGE (V)
VO - OUTPUT VOLTAGE (V)


Similar Part No. - HCPL-0731R1

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HCPL-0731 FAIRCHILD-HCPL-0731 Datasheet
275Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
Agilent(Hewlett-Packard...
HCPL-0731 HP-HCPL-0731 Datasheet
240Kb / 12P
   Dual Channel Low Input Current, High Gain Optocouplers
logo
Fairchild Semiconductor
HCPL-0731 FAIRCHILD-HCPL-0731 Datasheet
687Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0731 AVAGO-HCPL-0731 Datasheet
365Kb / 13P
   Dual Channel Low Input Current, High Gain Optocouplers
More results

Similar Description - HCPL-0731R1

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
6N138 FAIRCHILD-6N138_07 Datasheet
204Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-0700 FAIRCHILD-HCPL-0700_05 Datasheet
687Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL0700 FAIRCHILD-HCPL0700 Datasheet
443Kb / 13P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-2731 FAIRCHILD-HCPL-2731 Datasheet
561Kb / 15P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
6N138 FAIRCHILD-6N138 Datasheet
249Kb / 13P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
6N138M FAIRCHILD-6N138M Datasheet
442Kb / 14P
   Low Input Current High Gain Split Darlington Optocouplers
logo
QT Optoelectronics
6N138 QT-6N138 Datasheet
236Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL2731SD FAIRCHILD-HCPL2731SD Datasheet
304Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
6N138 FAIRCHILD-6N138_06 Datasheet
575Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-0700 FAIRCHILD-HCPL-0700 Datasheet
275Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com