Electronic Components Datasheet Search |
|
BQ25600YFFT Datasheet(PDF) 6 Page - Texas Instruments |
|
|
BQ25600YFFT Datasheet(HTML) 6 Page - Texas Instruments |
6 / 66 page 6 bq25600, bq25600D SLUSCJ4 – JUNE 2017 www.ti.com Product Folder Links: bq25600 bq25600D Submit Documentation Feedback Copyright © 2017, Texas Instruments Incorporated Pin Functions (continued) Pin TYPE(1) DESCRIPTION NAME bq25600 bq25600D WCSP WCSP Thermal Pad — — P Ground reference for the device that is also the thermal pad used to conduct heat from the device. This connection serves two purposes. The first purpose is to provide an electrical ground connection for the device. The second purpose is to provide a low thermal-impedance path from the device die to the PCB. This pad should be tied externally to a ground plane. TS D3 D3 AI Temperature qualification voltage input to support JEITA profile. Connect a negative temperature coefficient thermistor. Program temperature window with a resistor divider from REGN to TS to GND. Charge suspends when TS pin voltage is out of range. When TS pin is not used, connect a 10-kΩ resistor from REGN to TS and a 10-kΩ resistor from TS to GND. It is recommended to use a 103AT-2 thermistor. VAC A5 A5 AI Input voltage sensing. When VAC voltage is below ACOV threshold (REG06[6:5]) and above UVLO, external OVPFET turns on. VBUS A4 A4 P Charger input voltage. The internal n-channel reverse block MOSFET (RBFET) is connected between VBUS and PMID with VBUS on source. Place a 1-uF ceramic capacitor from VBUS to GND and place it as close as possible to IC. B4 B4 |
Similar Part No. - BQ25600YFFT |
|
Similar Description - BQ25600YFFT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |