Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25600YFFT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # BQ25600YFFT
Description  I2C Controlled 3.0-A, Single Cell Battery Charger With up-to 40-V Overvoltage Protection Controller for High-Input Voltage and Narrow Voltage DC (NVDC) Power Path Management
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ25600YFFT Datasheet(HTML) 8 Page - Texas Instruments

Back Button BQ25600YFFT Datasheet HTML 4Page - Texas Instruments BQ25600YFFT Datasheet HTML 5Page - Texas Instruments BQ25600YFFT Datasheet HTML 6Page - Texas Instruments BQ25600YFFT Datasheet HTML 7Page - Texas Instruments BQ25600YFFT Datasheet HTML 8Page - Texas Instruments BQ25600YFFT Datasheet HTML 9Page - Texas Instruments BQ25600YFFT Datasheet HTML 10Page - Texas Instruments BQ25600YFFT Datasheet HTML 11Page - Texas Instruments BQ25600YFFT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 66 page
background image
8
bq25600, bq25600D
SLUSCJ4 – JUNE 2017
www.ti.com
Product Folder Links: bq25600 bq25600D
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Recommended Operating Conditions (continued)
MIN
NOM
MAX
UNIT
IBATOP
Discharging current (continuous)
6
A
TA
Operating ambient temperature
–40
85
°C
6.4 Thermal information
THERMAL METRIC
bq25600(D)
UNIT
YFF (DSBGA)
30 Balls
RθJA
Junction-to-ambient thermal resistance
58.8
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
0.2
°C/W
RθJB
Junction-to-board thermal resistance
8.3
°C/W
ΨJT
Junction-to-top characterization parameter
1.4
°C/W
ΨJB
Junction-to-board characterization parameter
8.3
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
°C/W
6.5 Electrical Characteristics
VVAC_UVLOZ < VVAC < VVAC_OV and VVAC > VBAT + VSLEEP, TJ = –40°C to 125°C and TJ = 25°C for typical values (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
QUIESCENT CURRENTS
IBAT
Battery discharge current (BAT, SW,
SYS) in buck mode
VBAT = 4.5 V, VBUS < VAC-UVLOZ,
leakage between BAT and VBUS,
TJ< 85°C
5
µA
IBAT
Battery discharge current (BAT) in
buck mode
VBAT = 4.5 V, HIZ Mode and
OVPFET_DIS = 1 or No VBUS, I2C
disabled, BATFET Disabled. TJ <
85°C
17
33
µA
IBAT
Battery discharge current (BAT, SW,
SYS)
VBAT = 4.5 V, HIZ Mode and
OVPFET_DIS = 1 or No VBUS, I2C
Disabled, BATFET Enabled. TJ <
85°C
58
85
µA
IVAC_HIZ
Input supply current (VBUS) in buck
mode
VVAC = 5 V, HIZ Mode and
OVPFET_DIS = 1, No battery
24
37
µA
IVAC_HIZ
Input supply current (VBUS) in buck
mode
VVAC = 12 V, HIZ Mode and
OVPFET_DIS = 1, No battery
41
61
µA
IVBUS
Input supply current (VBUS) in buck
mode
VVBUS = 12 V, VVBUS > VVBAT,
converter not switching
1.5
3
mA
IVBUS
Input supply current (VBUS) in buck
mode
VVBUS > VUVLO, VVBUS > VVBAT,
converter switching, VBAT = 3.8V,
ISYS = 0A
3
mA
IBOOST
Battery discharge current in boost
mode
VBAT = 4.2 V, boost mode, IVBUS = 0
A, converter switching
3
mA
VBUS, VAC AND BAT PIN POWER-UP
VBUS_OP
VBUS operating range
VVBUS rising
3.9
13.5
V
VVAC_UVLOZ
VAC for active I2C, no battery
Sense VAC pin voltage
VVAC rising
3.3
3.7
V
VVAC_UVLOZ_HYS
I2C active hysteresis
VAC falling from above VVAC_UVLOZ
300
mV
VVAC_PRESENT
VAC to turn on OVPFET
VVAC rising
3.65
3.9
V
VVAC_PRESENT_H
YS
VAC to turn on OVPFET hysteresis
VVAC falling
500
mV
VSLEEP
Sleep mode falling threshold
(VVAC–VVBAT ), VBUSMIN_FALL ≤ VBAT
≤ VREG, VAC falling
15
60
131
mV
VSLEEPZ
Sleep mode rising threshold
(VVAC–VVBAT ), VBUSMIN_FALL ≤ VBAT
≤ VREG, VAC rising
115
220
340
mV


Similar Part No. - BQ25600YFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25600C TI1-BQ25600C Datasheet
748Kb / 51P
[Old version datasheet]   I2C Controlled 3.0-A Single Cell Battery Charger for Parallel Charging Applications
BQ25600CYFFR TI1-BQ25600CYFFR Datasheet
748Kb / 51P
[Old version datasheet]   I2C Controlled 3.0-A Single Cell Battery Charger for Parallel Charging Applications
BQ25600CYFFT TI1-BQ25600CYFFT Datasheet
748Kb / 51P
[Old version datasheet]   I2C Controlled 3.0-A Single Cell Battery Charger for Parallel Charging Applications
More results

Similar Description - BQ25600YFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25601 TI1-BQ25601 Datasheet
1Mb / 60P
[Old version datasheet]   I2C Controlled 3-A, Single-Cell Battery Charger for High Input Voltage and Narrow Voltage DC (NVDC) Power Path Management
BQ25601D TI1-BQ25601D Datasheet
1Mb / 66P
[Old version datasheet]   I2C Controlled 3-A Single-Cell Battery Charger With USB Charger Detection for High Input Voltage and Narrow Voltage DC (NVDC) Power Path Management
logo
Monolithic Power System...
MP2617H MPS-MP2617H Datasheet
1Mb / 31P
   Wide input Voltage, 3A, Switching Charger With NVDC Power Path Management For Single Cell Li Battery
logo
Texas Instruments
BQ25628E TI1-BQ25628E Datasheet
2Mb / 75P
[Old version datasheet]   BQ25628E I2C Controlled 1-Cell, 2-A, Maximum 18-V Input, Buck Battery Charger with NVDC Power Path Management
JUNE 2023
BQ25622E TI1-BQ25622E Datasheet
2Mb / 76P
[Old version datasheet]   BQ25622E I2C Controlled 1-Cell, 3-A, Maximum 18-V Input, Buck Battery Charger with NVDC Power Path Management
JUNE 2023
logo
Monolithic Power System...
MP2625B MPS-MP2625B Datasheet
1Mb / 31P
   2A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
MP2617 MPS-MP2617 Datasheet
1Mb / 29P
   3A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
MP2625 MPS-MP2625 Datasheet
1Mb / 28P
   2A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
MP2617A MPS-MP2617A Datasheet
1Mb / 32P
   3A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
logo
Texas Instruments
BQ24297 TI-BQ24297_15 Datasheet
1Mb / 55P
[Old version datasheet]   bq2429x I2C Controlled 3-A Single Cell USB Charger With Narrow VDC Power Path Management and Adjustable Voltage USB OTG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com