Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMPCX08 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HLMPCX08
Description  AlInGaP LED LAMP
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMPCX08 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HLMPCX08 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMPCX08 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMPCX08 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMPCX08 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMPCX08 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMPCX08 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMPCX08 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMPCX08 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1−43
1
HLMP-Cx08/Cx25
絶対最大定格(TA =25℃)
項   目
HLMP-Cx08/Cx25
単   位
ピーク順電流[1]
70
mA
平均順電流[2]
30
mA
DC順電流[1,3]
50
mA
逆電圧(IR=100
µA)
5
V
LEDジャンクション温度
110
動作温度範囲
- 40 ∼ + 100
保存温度範囲
- 40 ∼ + 100
半田付け温度(本体から1.6mmの位置)
260℃、5秒間
注:
1. 長期間、明るさの劣化を抑えるためには、10mA から 30mA の間の駆動電流を推奨。
2. パルス条件は図2を参照。
3. 50℃から 0.5 mA/℃でリニアに減少。
パッケージ寸法図
注:
1.
単位は mm。
2.
エポキシの底面がリード側に 1mm 程度盛り上がる場合があります。
6.10
5.59
23.0 MIN.
0.45
SQUARE NOMINAL
2.54 NOM.
カソード
1.27NOM.
0.89
0.64
9.19
8.43
5.08
4.57


Similar Part No. - HLMPCX08

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-0103 HP-HLMP-0103 Datasheet
118Kb / 2P
   Panel Mount Clip and Retaining Ring
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-0103 AVAGO-HLMP-0103 Datasheet
112Kb / 2P
   T-13/4 (5 mm) Panel Mount Clip and Retaining Ring
logo
QT Optoelectronics
HLMP-0300 QT-HLMP-0300 Datasheet
252Kb / 3P
   RECTANCULAR SOLID STATE LAMPS
logo
Fairchild Semiconductor
HLMP-0300 FAIRCHILD-HLMP-0300 Datasheet
36Kb / 4P
   2.5 X 7.4 mm RECTANGULAR SOLID STATE LAMPS
logo
Agilent(Hewlett-Packard...
HLMP-0300 HP-HLMP-0300 Datasheet
146Kb / 4P
   2.5 mm x 7.6 mm Rectangular LED Lamps
More results

Similar Description - HLMPCX08

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ELD-640-523-1 ETC1-ELD-640-523-1 Datasheet
16Kb / 1P
   Red AlInGaP/GaAs LED lamp
logo
Lite-On Technology Corp...
LTST-C190KYKT LITEON-LTST-C190KYKT Datasheet
600Kb / 7P
   Ultra Bright AlInGaP Chip LED Lamp
logo
DOMINANT Semiconductors
DDH-CJS-PQ2-1 DOMINANT-DDH-CJS-PQ2-1 Datasheet
804Kb / 16P
   LED AlInGaP
DDS-CJS-J2L1-1-I2 DOMINANT-DDS-CJS-J2L1-1-I2 Datasheet
760Kb / 12P
   LED AlInGaP
DDS-EJS-S2T-1 DOMINANT-DDS-EJS-S2T-1 Datasheet
780Kb / 12P
   LED AlInGaP
DDH-CRS-PQ2-1 DOMINANT-DDH-CRS-PQ2-1 Datasheet
630Kb / 11P
   LED - AlInGaP
logo
OSA Opto Light GmbH
194170 OSA-194170 Datasheet
53Kb / 1P
   AlInGaP / GaAs LED Chips
181272 OSA-181272 Datasheet
53Kb / 1P
   AlInGaP / GaAs LED Chips
193272 OSA-193272 Datasheet
52Kb / 1P
   AlInGaP / GaAs LED Chips
180272 OSA-180272 Datasheet
53Kb / 1P
   AlInGaP / GaAs LED Chips
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com