Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM340-MIL Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM340-MIL
Description  Wide VIN 1.5-A Fixed Voltage Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM340-MIL Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM340-MIL Datasheet HTML 2Page - Texas Instruments LM340-MIL Datasheet HTML 3Page - Texas Instruments LM340-MIL Datasheet HTML 4Page - Texas Instruments LM340-MIL Datasheet HTML 5Page - Texas Instruments LM340-MIL Datasheet HTML 6Page - Texas Instruments LM340-MIL Datasheet HTML 7Page - Texas Instruments LM340-MIL Datasheet HTML 8Page - Texas Instruments LM340-MIL Datasheet HTML 9Page - Texas Instruments LM340-MIL Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
6
LM340-MIL
SNOSD64 – JUNE 2017
www.ti.com
Product Folder Links: LM340-MIL
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
All characteristics are measured with a 0.22-μF capacitor from input to ground and a 0.1-μF capacitor from output to ground. All
characteristics except noise voltage and ripple rejection ratio are measured using pulse techniques (tw ≤ 10 ms, duty cycle ≤ 5%).
Output voltage changes due to changes in internal temperature must be taken into account separately.
6.6 Electrical Characteristics: VO = 12 V, VI = 19 V
0°C
≤ TJ ≤ 125°C unless otherwise specified
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VO
Output voltage
TJ = 25°C, 5 mA ≤ IO ≤ 1 A
11.5
12
12.5
V
PD ≤ 15 W, 5 mA ≤ IO ≤ 1 A
14.5 V
≤ VIN ≤ 27 V
11.4
12.6
V
ΔVO
Line regulation
IO = 500 mA
TJ = 25°C
14.5V
≤ VIN ≤ 30V
4
120
mV
Over temperature
15V
≤ VIN ≤ 27V
120
mV
IO ≤ 1 A
TJ = 25°C
14.6V
≤ VIN ≤ 27V
120
mV
Over temperature
16V
≤ VIN ≤ 22V
60
mV
ΔVO
Load regulation
TJ = 25°C
5 mA
≤ IO ≤ 1.5 A
12
120
mV
250 mA
≤ IO ≤ 750 mA
60
mV
Over temperature, 5 mA
≤ IO ≤ 1 A
120
mV
IQ
Quiescent current
IO ≤ 1 A
TJ = 25°C
8
mA
Over temperature
8.5
mA
ΔIQ
Quiescent current change
5 mA
≤ IO ≤ 1 A
0.5
mA
TJ = 25°C, IO ≤ 1 A
14.8 V
≤ VIN ≤ 27 V
1
mA
Over temperature, IO ≤ 500 mA
14.5 V
≤ VIN ≤ 30 V
1
mA
VN
Output noise voltage
TA = 25°C, 10 Hz ≤ f ≤ 100 kHz
75
μV
Ripple rejection
f = 120 Hz
15 V
≤ VIN ≤ 25
V
TJ = 25°C, IO ≤ 1 A
55
72
dB
Over temperature, IO ≤ 500
mA,
55
dB
RO
Dropout voltage
TJ = 25°C, IO = 1 A
2
V
Output resistance
f = 1 kHz
18
Short-circuit current
TJ = 25°C
1.5
A
Peak output current
TJ = 25°C
2.4
A
Average TC of VOUT
Over temperature, IO = 5 mA
−1.5
mV/°C
VIN
Input voltage required to
maintain line regulation
TJ = 25°C, IO ≤ 1 A
14.6
V


Similar Part No. - LM340-MIL

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM340-5.0MDA NSC-LM340-5.0MDA Datasheet
920Kb / 17P
   3-Terminal Positive Regulators
logo
Texas Instruments
LM340-5.0MDA TI1-LM340-5.0MDA Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
DECEMBER 2013
LM340-N TI1-LM340-N Datasheet
963Kb / 19P
[Old version datasheet]   LM340/LM78XX Series 3-Terminal Positive Regulators
LM340-N TI-LM340-N Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM340-N TI-LM340-N Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
More results

Similar Description - LM340-MIL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM340 TI1-LM340_16 Datasheet
3Mb / 33P
[Old version datasheet]   1.5-A Fixed Voltage Regulators
TPS3710 TI1-TPS3710 Datasheet
937Kb / 24P
[Old version datasheet]   Wide VIN Voltage Detector
TPS3710-Q1 TI1-TPS3710-Q1 Datasheet
830Kb / 22P
[Old version datasheet]   Wide VIN Voltage Detector
PTN78000W TI-PTN78000W_08 Datasheet
676Kb / 25P
[Old version datasheet]   1.5-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
logo
STMicroelectronics
LD1086XX STMICROELECTRONICS-LD1086XX_08 Datasheet
1Mb / 39P
   1.5 A low drop positive voltage regulator adjustable and fixed
LD1086XX STMICROELECTRONICS-LD1086XX_07 Datasheet
1Mb / 38P
   1.5 A low drop positive voltage regulator adjustable and fixed 
logo
Texas Instruments
PTN78000W TI-PTN78000W Datasheet
456Kb / 20P
[Old version datasheet]   1.5-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
logo
ON Semiconductor
CS5204-2 ONSEMI-CS5204-2_06 Datasheet
196Kb / 7P
   4.0 A, 1.5 V Fixed Linear Regulator
September, 2006 ??Rev. 10
CS5207-2 ONSEMI-CS5207-2 Datasheet
179Kb / 6P
   7.0 A, 1.5 V Fixed Linear Regulator
September, 2006 ??Rev. 8
CS5204-2 ONSEMI-CS5204-2 Datasheet
56Kb / 8P
   4.0 A, 1.5 V Fixed Linear Regulator
January, 2004 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com