Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM340K-5.0 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM340K-5.0
Description  Wide VIN 1.5-A Fixed Voltage Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM340K-5.0 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM340K-5.0 Datasheet HTML 6Page - Texas Instruments LM340K-5.0 Datasheet HTML 7Page - Texas Instruments LM340K-5.0 Datasheet HTML 8Page - Texas Instruments LM340K-5.0 Datasheet HTML 9Page - Texas Instruments LM340K-5.0 Datasheet HTML 10Page - Texas Instruments LM340K-5.0 Datasheet HTML 11Page - Texas Instruments LM340K-5.0 Datasheet HTML 12Page - Texas Instruments LM340K-5.0 Datasheet HTML 13Page - Texas Instruments LM340K-5.0 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
10
LM340-MIL
SNOSD64 – JUNE 2017
www.ti.com
Product Folder Links: LM340-MIL
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Characteristics (continued)
IOUT = 1 A, TA = 25°C
Figure 13. Line Regulation
VIN = 10 V, TA = 25°C
Figure 14. Line Regulation


Similar Part No. - LM340K-5.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM340K-5.0 NSC-LM340K-5.0 Datasheet
920Kb / 17P
   3-Terminal Positive Regulators
logo
Texas Instruments
LM340K-5.0 TI1-LM340K-5.0 Datasheet
963Kb / 19P
[Old version datasheet]   LM340/LM78XX Series 3-Terminal Positive Regulators
LM340K-5.0 TI-LM340K-5.0 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM340K-5.0 TI-LM340K-5.0 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM340K-5.0 TI-LM340K-5.0 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
More results

Similar Description - LM340K-5.0

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM340 TI1-LM340_16 Datasheet
3Mb / 33P
[Old version datasheet]   1.5-A Fixed Voltage Regulators
TPS3710 TI1-TPS3710 Datasheet
937Kb / 24P
[Old version datasheet]   Wide VIN Voltage Detector
TPS3710-Q1 TI1-TPS3710-Q1 Datasheet
830Kb / 22P
[Old version datasheet]   Wide VIN Voltage Detector
PTN78000W TI-PTN78000W_08 Datasheet
676Kb / 25P
[Old version datasheet]   1.5-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
logo
STMicroelectronics
LD1086XX STMICROELECTRONICS-LD1086XX_08 Datasheet
1Mb / 39P
   1.5 A low drop positive voltage regulator adjustable and fixed
LD1086XX STMICROELECTRONICS-LD1086XX_07 Datasheet
1Mb / 38P
   1.5 A low drop positive voltage regulator adjustable and fixed 
logo
Texas Instruments
PTN78000W TI-PTN78000W Datasheet
456Kb / 20P
[Old version datasheet]   1.5-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
logo
ON Semiconductor
CS5204-2 ONSEMI-CS5204-2_06 Datasheet
196Kb / 7P
   4.0 A, 1.5 V Fixed Linear Regulator
September, 2006 ??Rev. 10
CS5207-2 ONSEMI-CS5207-2 Datasheet
179Kb / 6P
   7.0 A, 1.5 V Fixed Linear Regulator
September, 2006 ??Rev. 8
CS5204-2 ONSEMI-CS5204-2 Datasheet
56Kb / 8P
   4.0 A, 1.5 V Fixed Linear Regulator
January, 2004 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com