Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM393-MIL Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM393-MIL
Description  Dual Differential Comparators
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM393-MIL Datasheet(HTML) 3 Page - Texas Instruments

  LM393-MIL Datasheet HTML 1Page - Texas Instruments LM393-MIL Datasheet HTML 2Page - Texas Instruments LM393-MIL Datasheet HTML 3Page - Texas Instruments LM393-MIL Datasheet HTML 4Page - Texas Instruments LM393-MIL Datasheet HTML 5Page - Texas Instruments LM393-MIL Datasheet HTML 6Page - Texas Instruments LM393-MIL Datasheet HTML 7Page - Texas Instruments LM393-MIL Datasheet HTML 8Page - Texas Instruments LM393-MIL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
1
2
3
4
8
7
6
5
1OUT
1IN−
1IN+
GND
VCC
2OUT
2IN−
2IN+
3
LM393-MIL
www.ti.com
SLCS162 – JUNE 2017
Product Folder Links: LM393-MIL
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
5 Pin Configuration and Functions
D, DGK, P, PS, or PW
8-Pin SOIC, VSSOP, PDIP, SO, or TSSOP
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
SOIC, VSSOP,
PDIP, SO, and
TSSOP
1OUT
1
Output
Output pin of comparator 1
1IN–
2
Input
Negative input pin of comparator 1
1IN+
3
Input
Positive input pin of comparator 1
GND
4
Ground
2IN+
5
Input
Positive input pin of comparator 2
2IN-
6
Input
Negative input pin of comparator 2
2OUT
7
Output
Output pin of comparator 2
VCC
8
Supply Pin


Similar Part No. - LM393-MIL

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM393-D08-T UTC-LM393-D08-T Datasheet
184Kb / 6P
   DUAL DIFFERENTIAL COMPARATOR
LM393-D08-T UTC-LM393-D08-T Datasheet
164Kb / 6P
   DUAL DIFFERENTIAL COMPARATOR
logo
Texas Instruments
LM393-N TI-LM393-N Datasheet
1Mb / 24P
[Old version datasheet]   LM193/LM293/LM393/LM2903 Low Power Low Offset Voltage Dual Comparators
LM393-N TI1-LM393-N Datasheet
1Mb / 25P
[Old version datasheet]   LM193/LM293/LM393/LM2903 Low Power Low Offset Voltage Dual Comparators
logo
Unisonic Technologies
LM393-P08-R UTC-LM393-P08-R Datasheet
184Kb / 6P
   DUAL DIFFERENTIAL COMPARATOR
More results

Similar Description - LM393-MIL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM193-MIL TI1-LM193-MIL Datasheet
329Kb / 16P
[Old version datasheet]   Dual Differential Comparators
logo
Tiger Electronic Co.,Lt...
LM2903D TGS-LM2903D Datasheet
203Kb / 4P
   Dual Differential Comparators
logo
Texas Instruments
LM2903-Q1 TI1-LM2903-Q1 Datasheet
212Kb / 9P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
LM193 TI1-LM193_16 Datasheet
887Kb / 25P
[Old version datasheet]   Dual Differential Comparators
logo
Shenzhen Huazhimei Semi...
LM393 HMSEMI-LM393 Datasheet
285Kb / 4P
   Dual Differential Comparators
logo
Texas Instruments
TL393CD TI-TL393CD Datasheet
264Kb / 11P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
LM193DRG4 TI-LM193DRG4 Datasheet
1Mb / 30P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
NCV2903VDR2G TI-NCV2903VDR2G Datasheet
1Mb / 30P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
TLV1393 TI-TLV1393 Datasheet
254Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
LM193 TI-LM193 Datasheet
413Kb / 18P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
logo
Wing Shing Computer Com...
LM393 WINGS-LM393 Datasheet
79Kb / 3P
   Dual Differential Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com