Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LF442-MWA Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LF442-MWA
Description  Dual Low Power JFET Input Operational Amplifier
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LF442-MWA Datasheet(HTML) 11 Page - Texas Instruments

Back Button LF442-MWA Datasheet HTML 7Page - Texas Instruments LF442-MWA Datasheet HTML 8Page - Texas Instruments LF442-MWA Datasheet HTML 9Page - Texas Instruments LF442-MWA Datasheet HTML 10Page - Texas Instruments LF442-MWA Datasheet HTML 11Page - Texas Instruments LF442-MWA Datasheet HTML 12Page - Texas Instruments LF442-MWA Datasheet HTML 13Page - Texas Instruments LF442-MWA Datasheet HTML 14Page - Texas Instruments LF442-MWA Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
11
LM442-MIL
www.ti.com
SNOSD59 – JUNE 2017
Product Folder Links: LM442-MIL
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The LF442-MIL dual low power operational amplifiers provide many of the same AC characteristics as the
industry standard LM1458 while greatly improving the DC characteristics of the LM1458. The amplifiers have the
same bandwidth, slew rate, and gain (10 kΩ load) as the LM1458 and only draw one tenth the supply current of
the LM1458. In addition the well matched high voltage JFET input devices of the LF442-MIL reduce the input
bias and offset currents by a factor of 10,000 over the LM1458. A combination of careful layout design and
internal trimming ensures very low input offset voltage and voltage drift. The LF442-MIL also has a very low
equivalent input noise voltage for a low power amplifier.
The LF442-MIL is pin compatible with the LM1458 allowing an immediate 10 times reduction in power drain in
many applications. The LF442-MIL should be used where low power dissipation and good electrical
characteristics are the major considerations.
7.2 Functional Block Diagram
Figure 26. Each Amplifier
7.3 Feature Description
The amplifier's differential inputs consist of a non-inverting input (+IN) and an inverting input (-IN). The amplifier
amplifies only the difference in voltage between the two inputs, which is called the differential input voltage. The
output voltage of the op-amp VOUT is given by the equation VOUT = AOL(IN+ - IN-).


Similar Part No. - LF442-MWA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LF442-MWA TI1-LF442-MWA Datasheet
987Kb / 24P
[Old version datasheet]   Dual Low Power JFET Input Operational Amplifier
More results

Similar Description - LF442-MWA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LF442 TI1-LF442 Datasheet
987Kb / 24P
[Old version datasheet]   Dual Low Power JFET Input Operational Amplifier
logo
National Semiconductor ...
LF442 NSC-LF442 Datasheet
440Kb / 12P
   Dual Low Power JFET Input Operational Amplifier
logo
Texas Instruments
LF442QML TI1-LF442QML Datasheet
373Kb / 18P
[Old version datasheet]   LF442QML Dual Low Power JFET Input Operational Amplifier
LF412-N TI1-LF412-N Datasheet
3Mb / 22P
[Old version datasheet]   Low Drift Dual JFET Input Operational Amplifier
LF412JAN TI1-LF412JAN_13 Datasheet
3Mb / 17P
[Old version datasheet]   Low Drift Dual JFET Input Operational Amplifier
TL092 TI-TL092_06 Datasheet
162Kb / 8P
[Old version datasheet]   DUAL JFET-INPUT OPERATIONAL AMPLIFIER
TL092 TI-TL092 Datasheet
101Kb / 6P
[Old version datasheet]   DUAL JFET-INPUT OPERATIONAL AMPLIFIER
LF412C TI1-LF412C Datasheet
382Kb / 10P
[Old version datasheet]   Dual JFET-INPUT Operational Amplifier
LF353DRG4 TI-LF353DRG4 Datasheet
525Kb / 9P
[Old version datasheet]   JFET-INPUT DUAL OPERATIONAL AMPLIFIER
LF412C TI-LF412C_07 Datasheet
300Kb / 8P
[Old version datasheet]   DUAL JFET-INPUT OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com