Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1086-MIL Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM1086-MIL
Description  1.5-A Low Dropout Positive Voltage Regulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM1086-MIL Datasheet(HTML) 2 Page - Texas Instruments

  LM1086-MIL Datasheet HTML 1Page - Texas Instruments LM1086-MIL Datasheet HTML 2Page - Texas Instruments LM1086-MIL Datasheet HTML 3Page - Texas Instruments LM1086-MIL Datasheet HTML 4Page - Texas Instruments LM1086-MIL Datasheet HTML 5Page - Texas Instruments LM1086-MIL Datasheet HTML 6Page - Texas Instruments LM1086-MIL Datasheet HTML 7Page - Texas Instruments LM1086-MIL Datasheet HTML 8Page - Texas Instruments LM1086-MIL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
2
LM1086-MIL
SNVSAX4 – JUNE 2017
www.ti.com
Product Folder Links: LM1086-MIL
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ...................................... 4
6.2
ESD Ratings ............................................................ 4
6.3
Recommended Operating Conditions ....................... 4
6.4
Thermal Information .................................................. 4
6.5
Electrical Characteristics........................................... 5
6.6
Typical Characteristics .............................................. 7
7
Detailed Description .............................................. 9
7.1
Overview ................................................................... 9
7.2
Functional Block Diagram ......................................... 9
7.3
Feature Description................................................. 10
7.4
Device Functional Modes........................................ 11
8
Application and Implementation ........................ 13
8.1
Application Information............................................ 13
8.2
Typical Applications ................................................ 13
8.3
Other Applications................................................... 14
9
Power Supply Recommendations ...................... 18
10
Layout................................................................... 18
10.1
Layout Guidelines ................................................. 18
10.2
Layout Example .................................................... 18
10.3
Thermal Considerations ........................................ 19
11
Device and Documentation Support ................. 21
11.1
Documentation Support ........................................ 21
11.2
Receiving Notification of Documentation Updates 21
11.3
Community Resources.......................................... 21
11.4
Trademarks ........................................................... 21
11.5
Electrostatic Discharge Caution ............................ 21
11.6
Glossary ................................................................ 21
12
Mechanical, Packaging, and Orderable
Information ........................................................... 21
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
DATE
REVISION
NOTES
June 2017
*
Initial release


Similar Part No. - LM1086-MIL

ManufacturerPart #DatasheetDescription
logo
Seme LAB
LM1086-05-220M SEME-LAB-LM1086-05-220M Datasheet
33Kb / 3P
   LOW DROPOUT 1.5 AMP POSITIVE
LM1086-12-220M SEME-LAB-LM1086-12-220M Datasheet
33Kb / 3P
   LOW DROPOUT 1.5 AMP POSITIVE
LM1086-220M SEME-LAB-LM1086-220M Datasheet
33Kb / 3P
   LOW DROPOUT 1.5 AMP POSITIVE
logo
Texas Instruments
LM1086-ADJMDC TI1-LM1086-ADJMDC Datasheet
2Mb / 30P
[Old version datasheet]   1.5-A Low Dropout Positive Regulators
More results

Similar Description - LM1086-MIL

ManufacturerPart #DatasheetDescription
logo
Seme LAB
LT1086220M05 SEME-LAB-LT1086220M05 Datasheet
27Kb / 3P
   LOW DROPOUT 1.5 AMP POSITIVE VOLTAGE REGULATOR
logo
GTM CORPORATION
GJ2138 GTM-GJ2138 Datasheet
420Kb / 5P
   1.5 A LOW DROPOUT VOLTAGE REGULATOR
logo
TAITRON Components Inco...
LD1117A12 TAITRON-LD1117A12 Datasheet
438Kb / 21P
   1 A Low Dropout Positive Voltage Regulator
Rev. A/LX
logo
Microsemi Corporation
LX8386-XX MICROSEMI-LX8386-XX Datasheet
223Kb / 7P
   1.5 A LOW DROPOUT POSITIVE REGULATORS
logo
Texas Instruments
LM1086 TI1-LM1086 Datasheet
2Mb / 30P
[Old version datasheet]   1.5-A Low Dropout Positive Regulators
logo
Linear Dimensions Semic...
LND5203 LINEAR_DIMENSIONS-LND5203 Datasheet
194Kb / 7P
   3 A Low Dropout Positive Voltage Regulator
LND5201 LINEAR_DIMENSIONS-LND5201 Datasheet
203Kb / 7P
   1 A Low Dropout Positive Voltage Regulator
logo
ams AG
AS1360 AMSCO-AS1360 Datasheet
75Kb / 2P
   1.5關A Low-Power, Positive Voltage Regulator
logo
Anaren Microwave
MSK5970RH ANAREN-MSK5970RH Datasheet
422Kb / 8P
   RAD HARD POSITIVE, 1.5 AMP, LOW DROPOUT ADJ VOLTAGE REGULATOR
logo
TelCom Semiconductor, I...
TC55 TELCOM-TC55 Datasheet
50Kb / 3P
   LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com